PART |
Description |
Maker |
IDT72T51333L5BB IDT72T51353L6BBI IDT72T51333 IDT72 |
2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (4 QUEUES) 36 BIT WIDE CONFIGURATION 589,824 bits, 1,179,648 bits and 2,359,296 bits
|
IDT[Integrated Device Technology]
|
IDT72T51236L5BB IDT72T51236L5BBI IDT72T51256L6BBI |
2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (4 QUEUES) 36 BIT WIDE CONFIGURATION 589,824 bits, 1,179,648 bits and 2,359,296 bits
|
IDT[Integrated Device Technology]
|
ZL50017 |
1024 x 1024 Channels Selectable Rate (2, 4, 8 Mbps) Non-blocking TDM Switch
|
ZARLINK
|
TH7887A |
Area Array CCD, 1024 X 1024 Pixels with Antiblooming, 4 x 20 MHz
|
Atmel
|
TH7888A TH7888ACBHRB TH7888AVRHRB |
From old datasheet system AREA ARRAY CCD IMAGE SENSOR 1024 X 1024 PIXELS WITH ANTIBLOOMING
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
TC58FVT160AXB-70 TC58FVB160AXB-70 TC58FVB160AFT-70 |
TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS 16-MBIT (2M 8 BITS / 1M 16 BITS) CMOS FLASH MEMORY 16-MBIT (2Mx8 BITS/1Mx16 BITS) CMOS FLASH MEMORY
|
Toshiba Corporation
|
IDT72235LB IDT72205LB IDT72225LB IDT72215LB IDT722 |
4K x 18 SyncFIFO, 5.0V 2K x 18 SyncFIFO, 5.0V 1K x 18 SyncFIFO, 5.0V 512 x 18 SyncFIFO, 5.0V 256 x 18 SyncFIFO, 5.0V CMOS SyncFIFO? Low Voltage 28-Bit Flat Panel Display Link Serializers; Package: TSSOP; No of Pins: 56; Container: Tape & Reel TUBING, TFE 20GA TUBE, THN, TEF, NAT, 24AWG 256 X 18 OTHER FIFO, 10 ns, PQFP64 PLASTIC, TQFP-64 256 X 18 OTHER FIFO, 15 ns, PQFP64 PLASTIC, TQFP-64 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 256 X 18 OTHER FIFO, 15 ns, PQFP64 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 512 X 18 OTHER FIFO, 15 ns, PQFP64 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 2K X 18 OTHER FIFO, 15 ns, PQFP64 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 1K X 18 OTHER FIFO, 15 ns, PQFP64 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 4K X 18 OTHER FIFO, 15 ns, PQFP64 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 的CMOS SyncFIFOO 256 × 1812 × 18024 × 18048 × 18096 × 18 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 1K X 18 OTHER FIFO, 6.5 ns, PQCC68 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 2K X 18 OTHER FIFO, 6.5 ns, PQFP64
|
http:// IDT[Integrated Device Technology] Integrated Device Technology, Inc. Cypress Semiconductor, Corp. INTEGRATED DEVICE TECHNOLOGY INC Integrated Device Technolog...
|
IS42S32200E-6TL IS42S32200E-6TLI IS45S32200E-6BLA1 |
512K Bits x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
|
Integrated Silicon Solu... Integrated Silicon Solution, Inc
|
IS42S16400D-7BL IS42S16400D-7BLI IS42S16400D-7T IS |
1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
|
ISSI[Integrated Silicon Solution, Inc]
|
IS42S16400B-7T IS42S16400B-6T |
1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
|
Integrated Silicon Solution, Inc
|
IS42S32200C1-6BL IS42S32200C1-6T IS42S32200C1-6TI |
512K Bits x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
|
Integrated Silicon Solution, Inc
|
EDS2532JEBH-75-E |
256M bits SDRAM (8M words x 32 bits) 8M X 32 SYNCHRONOUS DRAM, 5.4 ns, PBGA90
|
Elpida Memory, Inc.
|
|