PART |
Description |
Maker |
MIC2238 MIC2238-AAYML |
Dual Synchronous 800mA/800mA Step-Down DC/DC Regulator
|
Micrel Semiconductor
|
LT3688 |
Dual 800mA Step-Down Switching Regulator
|
Linear Technology
|
7P128FLF1200C20 7P128FLF1200C25 7P128FLF1201C20 7P |
VOLTAGE DETECTOR W/PUSH-PULL ACTIVE LOW OUTPUT & 0ms TIMEOUT, -40C to 125C, 4-SOT-143, T/R 周边杂项 800mA Fixed Output CMOS LDO with Shutdown, -40C to 125C, 8-SOIC 150mil, T/R 周边杂项 Peripheral Miscellaneous 周边杂项 High Density FLASH Memory Card 32, 64, 96, 128, 160, 192 MB(32, 64, 96, 128, 160, 192M字节高密度闪速存储器 800mA Fixed Output CMOS LDO with Shutdown, -40C to 125C, 5-DDPAK, T/R 800mA Fixed Output CMOS LDO with Shutdown, -40C to 125C, 8-SOIC 150mil, TUBE 800mA Fixed Output CMOS LDO, -40C to 125C, 3-DDPAK, TUBE 800mA Fixed Output CMOS LDO, -40C to 125C, 3-TO-220, TUBE 800mA Fixed Output CMOS LDO, -40C to 125C, 3-DDPAK, T/R 500mA Fixed Output CMOS LDO with Shutdown, -40C to 125C, 8-SOIC 150mil, T/R PeripheralMiscellaneous
|
Bourns, Inc.
|
AAT1110 AAT1110IJS-0.6-T1 AAT111006 |
1.4MHz 800mA Step-Down DC/DC Converter Fast Transient 800mA Step-Down Converter
|
AAT[Advanced Analog Technology, Inc.] Advanced Analogic Technologies
|
TPB100RL TPB180RL TPB220RL TPB130RL |
SINGLE BIDIRECTIONAL BREAKOVER DIODE|133V V(BO) MAX|800MA I(S)|AXIAL-10 SINGLE BIDIRECTIONAL BREAKOVER DIODE|240V V(BO) MAX|800MA I(S)|AXIAL-10 SINGLE BIDIRECTIONAL BREAKOVER DIODE|293V V(BO) MAX|800MA I(S)|AXIAL-10 单双向击穿二极管| 293V五(公报)最大| 800mA的我(县)|轴流- 10 SINGLE BIDIRECTIONAL BREAKOVER DIODE|173V V(BO) MAX|800MA I(S)|AXIAL-10 单双向击穿二极管| 173V五(公报)最大| 800mA的我(县)|轴流- 10
|
STMicroelectronics N.V. International Rectifier, Corp.
|
LTC3527EUDTRPBF |
Dual 800mA/400mA, 1.2MHz/2.2MHz Synchronous Step-Up DC/DC Converters; Package: QFN; No of Pins: 10; Temperature Range: -40°C to 125°C 0.8 A DUAL SWITCHING CONTROLLER, 2800 kHz SWITCHING FREQ-MAX, PQCC16
|
Linear Technology, Corp.
|
SP6654 SP6654ER SP6654EU SP6654EU_TR SP6654ER_TR S |
High Efficiency 800mA Synchronous Buck Regulator w/power good High Efficiency 800mA Synchronous Buck Regulator Ideal for portable designs powered with Li Ion battery 高效00mA的同步降压稳压器的理想与锂离子电池供电的便携式设
|
SIPEX[Sipex Corporation] Exar, Corp.
|
LTC3539-2-15 LTC3407-4-15 |
2A, 1MHz/2MHz Synchronous Step-Up DC/DC Converters Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
|
Linear Technology
|
74802 GS1117CE GS1117CE-2.5 GS1117CE-2.85 GS1117CE |
800mA Low Dropout Positive Adjustable Regulator 800mA Low Dropout Positive Adjustable Regulator 800mA的低压差可调稳压器正 BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 250, Pin Plunger Actuator, 6,12 N - 7,78 N [22 oz - 28 oz] Operating Force, Silver Contacts, Screw Termination, CE, CSA, DEMKO, UL
|
Vishay Intertechnology, Inc. Vishay Intertechnology,Inc. VISAY[Vishay Siliconix]
|
|