PART |
Description |
Maker |
3AG1 3AP1 3AG2.5 3AP300 3AG300 3AP375 AP750 |
Fuses, 1A 250V FAST GLASS FAST BLOW ELECTRIC FUSE, 1A, 125VAC, 10000A (IR), INLINE/HOLDER Fuses, 1A 250V FAST GLASS FAST BLOW ELECTRIC FUSE, 1A, 125VAC, 10000A (IR), THROUGH HOLE Fuses, 2.5A 250V FAST GLASS FAST BLOW ELECTRIC FUSE, 2.5A, 125VAC, 10000A (IR), INLINE/HOLDER Fuses, 300mA 250V FAST GLASS FAST BLOW ELECTRIC FUSE, 0.3A, 125VAC, 10000A (IR), THROUGH HOLE Fuses, 300mA 250V FAST GLASS FAST BLOW ELECTRIC FUSE, 0.3A, 125VAC, 10000A (IR), INLINE/HOLDER Fuses, 375mA 250V FAST GLASS FAST BLOW ELECTRIC FUSE, 0.375A, 125VAC, 10000A (IR), THROUGH HOLE Fuses, 750mA 250V FAST GLASS
|
Bel Fuse, Inc. BEL FUSE INC
|
BK/AGC-3/4-R BK/AGC-15-R BK1/AGC-12B |
FUSE 3/4A 250V FAST AGC GLASS FAST BLOW ELECTRIC FUSE, 0.75A, 250VAC, 35A (IR), INLINE/HOLDER FUSE 15A 32V FAST AGC GLASS FAST BLOW ELECTRIC FUSE, 15A, 32VAC, 1000A (IR), INLINE/HOLDER FAST BLOW ELECTRIC FUSE, 12A, 32VAC, 1000A (IR), INLINE/HOLDER
|
Cooper Bussmann, Inc. COOPER INDUSTRIES
|
Z8681AB1YN |
Leaded Cartridge Fuse; Current Rating:2A; Voltage Rating:250V; Fuse Terminals:Axial Lead; Fuse Type:Fast Acting; Voltage Rating:250V; Body Material:Ceramic; Diameter:6.985mm; Fuse Size/Group:1/4 x 1-1/4 " RoHS Compliant: Yes 8位微控制
|
东电?中国)投资有限公司
|
GMA-1.25-R GMA-2-R GMA-1-R GMA-10-R GMA-15-R GMA-2 |
5 x 20mm Fast-acting Glass Tube Fuses GMA Series
|
Cooper Bussmann, Inc.
|
ABC-20-R ABC-1-12-R ABC-1-R ABC-10-R ABC-10A ABC-1 |
Cartridge Fuse; Current Rating:20A; Voltage Rating:250V; Fuse Type:Fast Acting; Fuse Size/Group:1/4 x 1-1/4 "; Body Material:Ceramic; Diameter:6.35mm; Fuse Terminals:Ferrule; Length:31.75mm; Packaging:Bulk; Series:ABC RoHS Compliant: Yes 1/4 x 1 1/4 Fast-Acting Ceramic Tube Fuses
|
COOPER INDUSTRIES Cooper Bussmann, Inc.
|
BE134.011AX01 BE134.013AX01 |
FUSE FAST-ACT 1.25A 250V UL TR5 FUSE FAST-ACT .500A 250V UL TR5 ELEKTRONISCHER液晶BETZRIEBSSTUNDENZAEHL
|
Atmel, Corp.
|
Z86B0712PEC |
Leaded Cartridge Fuse; Current Rating:250mA; Voltage Rating:250V; Fuse Terminals:Axial Lead; Fuse Type:Time Delay; Voltage Rating:250V; Body Material:Ceramic; Diameter:6.985mm; Fuse Size/Group:1/4 x 1-1/4 " RoHS Compliant: Yes 8位微控制
|
Pasternack Enterprises, Inc.
|
5VT2 |
Fuses, 2A 250V T IEC GLASS 5X20 TIME LAG BLOW ELECTRIC FUSE, 2A, 250VAC, 35A (IR), INLINE/HOLDER
|
Bel Fuse, Inc.
|
BE1000-2000M68 BE1000-2000M44 BE1000-2000H71 BE400 |
ASIC FUSE T-LAG .063A 250V UL TR5 专用集成电路 FUSE T-LAG .125A 250V UL TR5
|
TE Connectivity, Ltd.
|
225125 225100 25508080001 239250P 250R120 229350 2 |
2AG Fast-Acting Fuse Insulating Nuts for CF8 Fuse 5 x 20 mm Time Lag Fuse (Slo-Blo) Fuse POLYFUSE Resettable PTCs Radial Leaded 2AG Slo-Blo Fuse Battery Clamp for CF8 Fuse Rated 58V SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
|
AZDISPLAYS LITTELFUSE[Littelfuse]
|
AM29LV642DU90RPAI AM29LV642DU12RPAE AM29LV642DU12R |
128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control PC Board Fuse; Current Rating:400mA-10A; Voltage Rating:250V; Fuse Terminals:Radial Lead; Fuse Size/Group:Subminiature; Fuse Type:Fast Acting; Interrupting Current Max:50A; Packaging:Bulk 128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
BETM-2A-1500 BETM-2A-250 BETM-2A-500 BEM-2A-500 BE |
Analog IC 模拟IC FUSE FAST 2.50A SHORT UL TE5 FUSE FAST-ACT 1.60A 50V 1206 SMD FUSE, RESETTABLE, 15V, 100MA, 500MW, 15V, 100MA, 0805 BIPHASE MODULATORS
|
Merrimac Industries, Inc.
|