PART |
Description |
Maker |
MAX1162 MAX1162ACUB MAX1162CE_B MAX1162AC_B MAX116 |
16-Bit, 5V, 200ksps ADC with 10A Shutdown 16-Bit, 5V, 200ksps ADC with 10レA Shutdown "16-Bit, 5V, 200ksps ADC with 10?A Shutdown" IC,A/D CONVERTER,SINGLE,16-BIT,BICMOS,TSSOP,10PIN 16-Bit, 5V, 200ksps ADC with 10μA Shutdown 16-Bit, 5V, 200ksps ADC with 10?? Shutdown
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products Inc ADC
|
AS1534 |
200ksps A/D Converter
|
austriamicrosystems AG
|
LTC1609 LTC1609ACSW LTC1609AISW LTC1609CG LTC1609C |
Round, Jacket Mass-Terminated Cable, 3659/40 28 AWG, .050 (1.27) 3-CH 16-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO28 16-Bit, 200ksps, Serial ADC with Multiple Input Ranges 16-Bit, 200ksps, ADC, Serial Interface 16-Bit, 200ksps, Serial Sampling ADC
|
Linear Technology, Corp.
|
LTC1421-2.5CG LTC1421-2.5CSW |
14-bit, 5V, 200KSPS, 4-Channel Unipolar ADC 20-SOIC 0 to 70 14-Bit 200KSPS ADC Ser. Out, Auto PWRDN, Single Ended Input 8-SOIC -40 to 85 热插拔控制器
|
Linear Technology Corporation Linear Technology, Corp.
|
LTC1418AIG LTC1418CG LTC1418CN LTC1418IG LTC1418AC |
Low Power, 14-Bit, 200ksps ADC with Serial and Parallel I/O From old datasheet system Low Power/ 14-Bit/ 200ksps ADC with Serial and Parallel I/O
|
LINER[Linear Technology]
|
MAX116709 |
Multichannel, 16-Bit, 200ksps Analog-to-Digital Converters
|
Maxim Integrated Products
|
LTC2358-16 LT6020 |
Buffered Octal, 16-Bit, 200ksps/Ch Differential ±10.24V ADC with 30VP-P Common Mode Range
|
Linear Technology
|
MAX1062CCUB-T |
14-Bit, 5V, 200ksps ADC with 10µA Shutdown 1-CH 14-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO10
|
Maxim Integrated Products, Inc.
|
LTC1418ACNPBF LTC1418ACGTRPBF |
Low Power, 14-Bit, 200ksps ADC with Serial and Parallel I/O; Package: PDIP; No of Pins: 28; Temperature Range: 0°C to 70°C 1-CH 14-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL/PARALLEL ACCESS, PDIP28 Low Power, 14-Bit, 200ksps ADC with Serial and Parallel I/O; Package: SSOP; No of Pins: 28; Temperature Range: 0°C to 70°C 1-CH 14-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL/PARALLEL ACCESS, PDSO28
|
Linear Technology, Corp.
|
|