PART |
Description |
Maker |
NLAS7242MUTBG |
High-Speed USB 2.0 (480 Mbps) DPDT Switches RF/MICROWAVE DBL POLE DBL THROW SWITCH
|
ON Semiconductor
|
2-103167-7 2-103167-2 1-103167-0 |
HDR ASSY, MOD II, SHROUDED, 4SIDES, DBL ROW, .100X.100 RIGHT ANGLE, W/ .025 SQ POSTS HDR ASSY, MOD II, SHROUDED, 4 SIDES, DBL ROW, .100X.100 RIGHT ANGLE, W/ .025 SQ POSTS HDR ASSY, MOD II, SHROUDED, 4 SIDES, DBL ROW, .100 x .100 RIGHT ANGLE, W/ .025 SQ POSTS
|
Tyco Electronics
|
6-102620-3 6-102620-1 6-102620-6 |
HEADER ASSY, MOD II, DBL ROW, .100X.100 C/L, RIGHT ANGLE, (3) SIDED SHROUD
|
Tyco Electronics
|
MASW2040 |
0 MHz - 2000 MHz RF/MICROWAVE DBL POLE DBL THROW SWITCH, 0.6 dB INSERTION LOSS
|
|
2-104433-3 2-104433-4 |
HEADER ASSY, MOD II, BREAKAWAY, DBL ROW, .100X.100 C VERT, .025 SQ POSTS, WITH RETENTION FEATURE
|
Tyco Electronics
|
6-103675-4 6-103675-6 6-103675-0 6-103675-1 6-1036 |
HDR ASSY, MOD II, BREAKAWAY, DBL ROW .100 X .100 C/L VERTICAL, .025 SQ. POST, WITH SELECTIVE LOADING
|
Tyco Electronics
|
281018 280368 280365 280366 280369 280515 280513 |
AMPMODU MOD, II REC, HSG, DOUBLE ROW, CRIMP SNAP-IN AMPMODU Mod. II Rec. HSG, Double Row, Crimp Snap-in.
|
Tyco Electronics
|
ISL54221IRUZ-T |
High-Speed USB 2.0 (480Mbps) Multiplexer; Temperature Range: -40°C to 85°C; Package: 10-uTQFN T&R DBL POLE DBL THROW SWITCH, PDSO10
|
Intersil Corporation
|
94090-4190 94503-0210 |
HSG FOR 6.3 M TERM 6 CKT NAT 6 CONTACT(S), FEMALE, POWER CONNECTOR HSG FOR 6.3 F TERM POL 2 CKT 2 CONTACT(S), MALE, POWER CONNECTOR
|
Molex, Inc.
|
50-57-9213 50-57-9224 50-57-9225 |
SL Crp Hsg C SR Frnt Rbs 13Ckt 13 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP SL Crp Hsg C SR Frnt Rbs 24Ckt 24 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP SL Crp Hsg C SR Frnt Rbs 25Ckt 25 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP SL Crp Hsg C SR Frnt Rbs 25Ckt SL Crp Hsg C SR Frnt Rbs 13Ckt
|
Molex, Inc. MOLEX INC
|
4768-K-60 4768-K-24 |
DBL BANANA/GRABBER, RG174/U RoHS Compliant: Yes INTERCONNECTION DEVICE
|
Pomona Electronics
|
09-91-0900 09-91-1200 09-91-2000 09-92-0900 09-92- |
3.96mm KK WtB Crp Trm Hsg W/LRmp 9Ckt 9 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Crimp terminal housing, female, 12 contact, straight, white, pcb mount 12 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Multipole Connector; Gender:Female; Number of Contacts:20; Series:KK; Body Material:Nylon; Number of Rows:1 20 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 3.96mm KK WtB Crp Trm Hsg W/OLRmp 9Ckt 9 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Multipole Connector; Gender:Female; Number of Contacts:7; Series:KK; Body Material:Nylon; Number of Rows:1 7 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 3.96mm KK WtB Crp Trm Hsg W/LRmp 18Ckt 18 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 3.96mm KK WtB Crp Trm Hsg W/LRmp 5Ckt 5 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 3.96mm KK WtB Crp Trm Hsg W/OLRmp 13Ckt 13 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 3.96mm KK WtB Crp Trm Hsg W/OLRmp 6Ckt 6 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 3.96mm KK WtB Crp Trm Hsg W/LRmp 16Ckt 16 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Molex, Inc.
|
|