PART |
Description |
Maker |
10-11-2194 10-11-2193 10-11-2204 10-11-2203 10-11- |
KK 100 Housing Crimp Pol Ramp 19 Ckt 19 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP KK 100 Housing Crimp Ramp 19 Ckt 19 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP KK 100 Housing Crimp Pol Ramp 20 Ckt 20 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP KK 100 Housing Crimp Ramp 20 Ckt 20 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 100 KK Term Crp/Pol Rmp 94V-0 11Ckt 11 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP KK 100 Housing Crimp Ramp 14 Ckt 14 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP CONN HOUSING 11POS .100 HI PRESS 11 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP KK 100 Housing Crimp Ramp 16 Ckt 16 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP KK 100 Housing Crimp Std 4 Ckt 4 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP KK 100 Housing Crimp Pol Ramp 24 Ckt 24 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP KK 100 Housing Crimp Std 16 Ckt 16 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP CONN HOUSING 7POS .100 HI PRESS 7 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP CONN HOUSING 12POS .100 HI PRESS 12 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP KK 100 Housing Crimp Pol Ramp 7 Ckt KK 100 Housing Crimp Std 7 Ckt KK 100 Housing Crimp Pol Ramp 2 Ckt
|
Molex, Inc. MOLEX INC
|
1-102387-2 1-102387-4 1-102387-5 1-102387-0 1-1023 |
HOUSING, CRIMP SNAP-IN, SHORT ENTRY, MOD IV
|
Tyco Electronics
|
ITTCANNON-BKAT2-234-3 BKAF2-234-3 BKAE2-234-3 BKAC |
234 CONTACT(S), FEMALE, MULTIWAY RACK AND PANEL CONN, WIRE WRAP, RECEPTACLE 234 CONTACT(S), MALE, MULTIWAY RACK AND PANEL CONN, CRIMP, PLUG 713 CONTACT(S), FEMALE, MULTIWAY RACK AND PANEL CONN, CRIMP, RECEPTACLE 600 CONTACT(S), MALE, MULTIWAY RACK AND PANEL CONN, WIRE WRAP, PLUG 600 CONTACT(S), FEMALE, MULTIWAY RACK AND PANEL CONN, WIRE WRAP, RECEPTACLE 310 CONTACT(S), FEMALE, MULTIWAY RACK AND PANEL CONN, WIRE WRAP, RECEPTACLE 310 CONTACT(S), MALE, MULTIWAY RACK AND PANEL CONN, CRIMP, PLUG 65 CONTACT(S), MALE, MULTIWAY RACK AND PANEL CONN, CRIMP, PLUG 120 CONTACT(S), MALE, MULTIWAY RACK AND PANEL CONN, CRIMP, PLUG 125 CONTACT(S), MALE, MULTIWAY RACK AND PANEL CONN, CRIMP, PLUG 125 CONTACT(S), FEMALE, MULTIWAY RACK AND PANEL CONN, WIRE WRAP, RECEPTACLE 400 CONTACT(S), MALE, MULTIWAY RACK AND PANEL CONN, CRIMP, PLUG 306 CONTACT(S), MALE, MULTIWAY RACK AND PANEL CONN, CRIMP, PLUG 164 CONTACT(S), FEMALE, MULTIWAY RACK AND PANEL CONN, CRIMP, RECEPTACLE 306 CONTACT(S), MALE, MULTIWAY RACK AND PANEL CONN, PLUG 306 CONTACT(S), FEMALE, MULTIWAY RACK AND PANEL CONN, WIRE WRAP, RECEPTACLE 155 CONTACT(S), MALE, MULTIWAY RACK AND PANEL CONN, CRIMP, PLUG 163 CONTACT(S), FEMALE, MULTIWAY RACK AND PANEL CONN, CRIMP, RECEPTACLE 163 CONTACT(S), FEMALE, MULTIWAY RACK AND PANEL CONN, WIRE WRAP, RECEPTACLE 271 CONTACT(S), MALE, MULTIWAY RACK AND PANEL CONN, CRIMP, PLUG 86 CONTACT(S), MALE, MULTIWAY RACK AND PANEL CONN, CRIMP, PLUG 245 CONTACT(S), FEMALE, MULTIWAY RACK AND PANEL CONN, RECEPTACLE 158 CONTACT(S), FEMALE, MULTIWAY RACK AND PANEL CONN, CRIMP, RECEPTACLE 65 CONTACT(S), FEMALE, MULTIWAY RACK AND PANEL CONN, WIRE WRAP, RECEPTACLE 65 CONTACT(S), FEMALE, MULTIWAY RACK AND PANEL CONN, CRIMP, RECEPTACLE 65 CONTACT(S), FEMALE, MULTIWAY RACK AND PANEL CONN, RECEPTACLE 250 CONTACT(S), MALE, MULTIWAY RACK AND PANEL CONN, CRIMP, PLUG 271 CONTACT(S), FEMALE, MULTIWAY RACK AND PANEL CONN, WIRE WRAP, RECEPTACLE 173 CONTACT(S), MALE, MULTIWAY RACK AND PANEL CONN, CRIMP, PLUG 85 CONTACT(S), FEMALE, MULTIWAY RACK AND PANEL CONN, WIRE WRAP, RECEPTACLE 85 CONTACT(S), FEMALE, MULTIWAY RACK AND PANEL CONN, RECEPTACLE 86 CONTACT(S), FEMALE, MULTIWAY RACK AND PANEL CONN, CRIMP, RECEPTACLE
|
ITT CANNON
|
19098-0050 19098-0047 19098-0070 19098-0081 19099- |
SNAP SPADE KRIMPTITE TAPED (BB-1717-10T) 2 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE KRIMPTITE (BB-1716-08) 2 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE KRIMPTITE TAPED (C-1710-06T) 5 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE KRIMPTITE TAPED (AA-1715-10T) 0.8 mm2, COPPER ALLOY, FORK TERMINAL 190990051 5 mm2, COPPER ALLOY, FORK TERMINAL CONN SNAP SPADE #8 10-12AWG 5 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE INSULKRIMP TAPED (AA-2704-05X 0.8 mm2, COPPER ALLOY, FORK TERMINAL CONN SNAP SPADE #6 18-22AWG 0.8 mm2, COPPER ALLOY, FORK TERMINAL CONN SNAP SPADE #10 18-22AWG 0.8 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE AVIKRIMP TAPED (AA-8714-08T) 0.8 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE AVIKRIMP TAPED (BB-8193-06T) 2 mm2, COPPER ALLOY, FORK TERMINAL CONN SNAP SPADE #6 14-16AWG 2 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE INSULKRIMP (AA-2714-08X) 0.8 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE AVIKRIMP TAPED (C-8718-08T) 5 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE KRIMPTITE (BB-1707-05) 2 mm2, COPPER ALLOY, FORK TERMINAL
|
Molex, Inc. MOLEX INC
|
03-09-2014 03-09-2011 |
CONN PLUG 1POS .093 Connector Housing; Series:1619P; No. of Contacts:1; Gender:Male; Body Material:PA Polyamide (Nylon) 6/6; Connecting Termination:Crimp; No. of Rows:1; Operating Temp. Min:-40 C; Operating Voltage:250V; Pitch Spacing:2.36mm RoHS Compliant: Yes
|
MOLEX INC
|
20R-RPZV-K2GG 40P-RPZV-K4GGLFSN 24R-RPZV-K2GG 24P- |
40 CONTACT(S), MALE, MULTIWAY RACK AND PANEL CONN, CRIMP, PLUG ROHS COMPLIANT 24 CONTACT(S), FEMALE, MULTIWAY RACK AND PANEL CONN, CRIMP, RECEPTACLE 20 CONTACT(S), FEMALE, MULTIWAY RACK AND PANEL CONN, CRIMP, RECEPTACLE ROHS COMPLIANT 20 CONTACT(S), MALE, MULTIWAY RACK AND PANEL CONN, CRIMP, PLUG ROHS COMPLIANT 32 CONTACT(S), MALE, MULTIWAY RACK AND PANEL CONN, CRIMP, PLUG ROHS COMPLIANT 26 CONTACT(S), MALE, MULTIWAY RACK AND PANEL CONN, CRIMP, PLUG ROHS COMPLIANT 24 CONTACT(S), MALE, MULTIWAY RACK AND PANEL CONN, CRIMP, PLUG ROHS COMPLIANT 32 CONTACT(S), FEMALE, MULTIWAY RACK AND PANEL CONN, CRIMP, RECEPTACLE
|
JST Mfg. Co., Ltd. J S T MFG CO LTD
|
P200-404-1-C-33C4-P-33C4-P-S P200-404-1-N-32C4-P-3 |
88 CONTACT(S), MALE-MALE, MULTIWAY RACK AND PANEL CONN, SOLDER 90 CONTACT(S), MALE-MALE, MULTIWAY RACK AND PANEL CONN, SOLDER 88 CONTACT(S), MALE-MALE, MULTIWAY RACK AND PANEL CONN, CRIMP 90 CONTACT(S), MALE-MALE, MULTIWAY RACK AND PANEL CONN, CRIMP 20 CONTACT(S), MALE-MALE, MULTIWAY RACK AND PANEL CONN, SOLDER 62 CONTACT(S), MALE-MALE, MULTIWAY RACK AND PANEL CONN, SOLDER 62 CONTACT(S), MALE-MALE, MULTIWAY RACK AND PANEL CONN, CRIMP 20 CONTACT(S), MALE-MALE, MULTIWAY RACK AND PANEL CONN, CRIMP 114 CONTACT(S), MALE-MALE, MULTIWAY RACK AND PANEL CONN, SOLDER 212 CONTACT(S), MALE-MALE, MULTIWAY RACK AND PANEL CONN, SOLDER 212 CONTACT(S), MALE-MALE, MULTIWAY RACK AND PANEL CONN, CRIMP 50 CONTACT(S), MALE-MALE, MULTIWAY RACK AND PANEL CONN, CRIMP 50 CONTACT(S), MALE-MALE, MULTIWAY RACK AND PANEL CONN, SOLDER 18 CONTACT(S), MALE-MALE, MULTIWAY RACK AND PANEL CONN, SOLDER 18 CONTACT(S), MALE-MALE, MULTIWAY RACK AND PANEL CONN, CRIMP 56 CONTACT(S), MALE-MALE, MULTIWAY RACK AND PANEL CONN, SOLDER 56 CONTACT(S), MALE-MALE, MULTIWAY RACK AND PANEL CONN, CRIMP
|
Sabritec, Corp.
|
39-00-0034 |
B.IN CONN. MINI CRIMP PIN
|
MOLEX INC
|
22-01-1063 22-01-1123 |
Connector Housing; Gender:Female; Number of Contacts:6; Series:5051-NM; Body Material:PA Polyamide (Nylon) 6/6; Number of Rows:1; Pitch Spacing:2.5mm 6 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP CRIMP HOUSING, 2.5MM 12WAY ; Ways, No. of:12; Colour:White; Current rating:2.5A; Dielectric strength:1500V/m; Flammability rating:UL94V-0; Force, de-mating:0.5N; Force, mating:2N; Housing type:White Nylon UL94V-0; Material:Nylon;
|
Molex, Inc. MOLEX INC
|
M30-1100900 |
1.25mm Pitch SIL Female Crimp Housing, 9-way 9 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Harwin PLC
|
502380-0903 502380-0304 502380-0306 502380-0504 50 |
1.25 W/B CONN. SINGLE PLUG HOUSING 2-7CKT.
|
Molex Electronics Ltd.
|
22-01-1124 |
CONN RCPT HOUSING 12POS 2.5MM
|
Molex
|
|