PART |
Description |
Maker |
OP97FZ OP97EP OP97EJ OP97FP OP97EZ OP97FJ OP97AJ O |
LOW POWER, HIGH PRECISION OPERATIONAL AMPLIFIER OP-AMP, 200 uV OFFSET-MAX, 0.9 MHz BAND WIDTH, MBCY8 Low Power, High Precision Operational Amplifier; Package: CERDIP GLASS SEAL; No of Pins: 8; Temperature Range: Industrial OP-AMP, 60 uV OFFSET-MAX, 0.9 MHz BAND WIDTH, CDIP8 LOW POWER / HIGH PRECISION OPERATIONAL AMPLIFIER LOW POWER HIGH PRECISION OPERATIONAL AMPLIFIER
|
Analog Devices, Inc. AD[Analog Devices]
|
AWL6152 AWL6152M7P8 |
2.4 GHz Wireless LAN Power Amplifier Module The ANADIGICS AWL6152 WLAN Power Amplifier is an easy to use module that delivers high level of linearity and efficiency for high ...
|
ANADIGICS, Inc. ANADIGICS[ANADIGICS, Inc] Anadigics Inc
|
2SD1313 E001105 |
NPN TRIPLE DIFFUSED TYPE (HIGH POWER AMPLIFIER, SWITCHING APPLICATIONS) From old datasheet system HIGH POWER AMPLIFIER APPLICATIONS HIGH POWER SWITCHING APPLICATIONS
|
TOSHIBA[Toshiba Semiconductor]
|
2SJ201 E001264 |
From old datasheet system HGIH POWER AMPLIFIER APPLICATION P CHANNEL MOS TYPE (HIGH POWER AMPLIFIER APPLICATIONS)
|
TOSHIBA[Toshiba Semiconductor]
|
SST12LP10 SST12LP10-QVC SST12LP14A-QVCE-K SST12LP1 |
2.4 GHz High-Linearity Power Amplifier 2.4 GHz High-Power, High-Gain Power Amplifier
|
SST[Silicon Storage Technology, Inc]
|
HS-1135RH 5962F9676701VPC HS7-1135RH/PROTO HS7-113 |
Radiation Hardened, High Speed, Low Power Current Feedback Amplifier with Programmable Output Limiting Radiation Hardened/ High Speed/ Low Power Current Feedback Amplifier with Programmable Output Limiting Operational Amplifier CONNECTOR ACCESSORY 1 CHANNEL, VIDEO AMPLIFIER, CDIP8 Op Amp, High Speed, Current Feedback, 360MHz, Slew Rate 1200V/s, Rad-Hard
|
Intersil Corporation Intersil, Corp.
|
KSA1142 KSA1142YSTU |
Audio Frequency Power Amplifier High Freqency Power Amplifier
|
Fairchild Semiconductor
|
30SPA0536 |
27.0-33.0 GHz GaAs MMIC Power Amplifier 27000 MHz - 33000 MHz RF/MICROWAVE WIDE BAND HIGH POWER AMPLIFIER
|
Mimix Broadband, Inc. MIMIX[Mimix Broadband]
|
AWT6111 AWT6111_REV_2.0 |
The AWT6111 is a high power high efficiency amplifier module for Dual Mode CDMA/AMPS wireless handset applications. From old datasheet system Power Amplifiers
|
Anadigics Inc
|
TGA2505 |
13 - 17 GHz 2.5 Watt, 25dB Power Amplifier 13000 MHz - 17000 MHz RF/MICROWAVE WIDE BAND HIGH POWER AMPLIFIER 13 17 GHz 2.5 Watt, 25dB Power Amplifier
|
TriQuint Semiconductor, Inc.
|
ACA2404 ACA2404S7P0 ACA2404S7P2 |
MIL-DTL-38999 JT06 SERIES CLASS RE STRAIGHT PLUGS, STRAIGHT BODY STYLE, CRIMP TERMINATION, 12 SHELL SIZE, 12-22 INSERT ARRANGEMENT, PLUG GENDER, 22 24V Line Amplifiers High Output Power Doubler Line Amplifier The ACA2404 is a highly linear, high output power, monolithic GaAs amplifier that has been developed to replace the standard CATV ...
|
ANADIGICS, Inc. ANADIGICS[ANADIGICS, Inc] ANADIGICS[ANADIGICS Inc]
|
2SA1723 |
PNP Epitaxial Planar Silicon Transistors High-Frequency Amplifier, Medium-Power Amplifier Applications
|
SANYO
|