PART |
Description |
Maker |
PJE260N02R100001 PJE260N02R200001 |
N-Channel, 20V, 0.78A, Small Signal MOSFET
|
Pan Jit International Inc.
|
NDH8304 NDH8304P |
Dual P-Channel Enhancement Mode Field Effect Transistor2.7A20V0.07Ω双P沟道增强型场效应管(漏电2.7A, 漏源电压-20V,导通电0.07Ω 2700 mA, 20 V, 2 CHANNEL, P-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
SI4423DY SI4423DY-T1-E3 |
Trans MOSFET P-CH 20V 10A 8-Pin SOIC N T/R TRANSISTOR 10000 mA, 20 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET, ROHS COMPLIANT, SOP-8, FET General Purpose Small Signal
|
Vishay Siliconix
|
NTZD3152P |
Small Signal MOSFET 20V, 430mA, Dual P Channel with ESD Protection, SOT563(20V30mA双功率MOSFET)
|
ON Semiconductor
|
IRF3704 IRF3704L IRF3704S IRF3704STRL IRF3704STRR |
20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 20V Single N-Channel HEXFET Power MOSFET in a TO-262 package 20V Single N-Channel HEXFET Power MOSFET in a TO-220AB package Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=77A? Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=77A) Power MOSFET(Vdss=20V Rds(on)max=9.0mohm Id=77A) Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=77A?) Power MOSFET(Vdss=20V/ Rds(on)max=9.0mohm/ Id=77A) CONNECTOR, PICOFLEX, 4WAY; Connector type:Wire-to-Board; Ways, No. of:4; Termination method:Crimp; Rows, No. of:2; Pitch:1.27mm; Series:91935 RoHS Compliant: Yes 功率MOSFET(减振钢板基本\u003d 20V的,的Rds(on)最大值\u003d 9.0mohm,身份证\u003d 77A条? TRANSISTOR | MOSFET | N-CHANNEL | 20V V(BR)DSS | 77A I(D) | TO-263AB
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRLR3715 IRLU3715 IRLR3715TRR |
TRANSISTOR | MOSFET | N-CHANNEL | 20V V(BR)DSS | 54A I(D) | TO-252AA 晶体管| MOSFET的| N沟道| 20V的五(巴西)直| 54A条(丁)|52AA SMPS MOSFET 20V Single N-Channel HEXFET Power MOSFET in a D-Pak package 20V Single N-Channel HEXFET Power MOSFET in a I-Pak package
|
International Rectifier, Corp. IRF[International Rectifier]
|
FDS6572A |
30V N-Channel PowerTrench MOSFET 16000 mA, 20 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 20V N-Channel PowerTrench MOSFET
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
USB10H |
Dual P-Channel 2.5V Specified PowerTrench MOSFET Dual P-Channel 2.5V Specified PowerTrench MOSFET(双P沟道 PowerTrench MOS场效应管(漏电流-1.9A, 漏源电压-20V,导通电.17Ω 1900 mA, 20 V, 2 CHANNEL, P-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
FAIRCHILD[Fairchild Semiconductor] Vishay Intertechnology, Inc.
|
ITF87072DK8T FN4812 |
6A, 20V, 0.037 Ohm, Dual P-Channel,2.5V Specified Power MOSFET(6A, 20V, 0.037Ω双组 P沟道2.5V专用功率MOS场效应管) From old datasheet system 6A, 20V, 0.037 Ohm, Dual P-Channel, 2.5V Specified Power MOSFET
|
Intersil Corporation
|
NTJD4152P |
Trench Small Signal MOSFET 20V, 0.88A, Dual P Channel, ESD Protected SC88(小信0V.88A双P沟道MOSFET) 戴小信号MOSFET 20V的,0.88A,双P通道,ESD保护SC88(小信号20V的,0.88A双P沟道MOSFET的)
|
ON Semiconductor
|
FTR-H3AA012V FTR-H310 FTR-H3AA009V FTR-H3AA005V FT |
SILENT POWER RELAY 1 POLE - 78A/120A Inrush Current Type
|
Fujitsu Component Limited.
|
|