PART |
Description |
Maker |
MR750RL MR751RL MR752RL MR754RL |
6A 50V Silicon Rectifier 6A 100V Silicon Rectifier 6A 200V Silicon Rectifier 6A 400V Silicon Rectifier
|
ON Semiconductor
|
SB01W05S SB01W05S-E |
50V/ 100mA Rectifier 50V, 100mA Rectifier Silicon Diode DIODE SCHOTTKY 50V 0.1A 3SPA
|
SANYO[Sanyo Semicon Device] N/A Sanyo Semiconductor
|
HFM208A HFM201A HFM202A HFM203A HFM204A HFM205A HF |
2 A, 50 V, SILICON, RECTIFIER DIODE, DO-214AC SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes HIGH EFFICIENCY RECTIFIER 50V 2.0A
|
RECTRON LTD Rectron Semiconductor
|
SB160-05H |
50V, 16A Rectifier Schottky Barrier Diode (Twin Type Cathode Common) 50V 16A Rectifier
|
SANYO[Sanyo Semicon Device]
|
SB250-05H |
50V, 25A Rectifier Schottky Barrier Diode (Twin Type Cathode Common) 50V 25A Rectifier
|
SANYO[Sanyo Semicon Device]
|
SB20-05Z |
Schottky Barrier Diode 50V, 2A Rectifier 50V/ 2A Rectifier
|
SANYO[Sanyo Semicon Device] Sanyo Electric Co.,Ltd.
|
DS1000 DS1000-75 DS1000-250 DS1000-60 DS1000-100 D |
TRANS SS NPN 45V 100MA SOT-523 5抽头硅延迟线 TRANS SS NPN 50V 100MA SOT23 5抽头硅延迟线 RECTIFIER BRIDGE 1A 200V DB-1 5抽头硅延迟线 RECTIFIER BRIDGE 1A 100V DB-1 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT06; Number of Contacts:41; Connector Shell Size:22; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight RECTIFIER BRIDGE 1A 50V DB-1 TRANSISTOR PNP 45V 100MA SOT563 TRANS SS NPN 50V SOT-323 RECTIFIER BRIDGE 1A 400V DB-1 5-Tap Silicon Delay Line
|
Maxim Integrated Products, Inc. Unisem Group DALLAS[Dallas Semiconducotr] DALLAS[Dallas Semiconductor] MAXIM - Dallas Semiconductor
|
SB05-05P-TD-E SB05-05P12 EN2999C EN2999 |
Schottky Barrier Diode, 50V, 0.5A, Low IR, Single PCP 50V, 500mA Rectifier
|
ON Semiconductor Sanyo Semicon Device
|
FC806 |
50V, 100mA Rectifier Silicon Schottky Barrier Diode
|
SANYO
|
CR80-040 CR150-100 CR80-020LEADFREE CENTRALSEMICON |
2.5V to 5.5V, 230µA Dual Rail-to-Rail Voltage Output 10-Bit DAC with Parallel Interface in 24-lead TSSOP 80 A, 400 V, SILICON, RECTIFIER DIODE, DO-5 150 A, 1000 V, SILICON, RECTIFIER DIODE, DO-8 80 A, 200 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 200 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 600 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 800 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 400 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 1200 V, SILICON, RECTIFIER DIODE, DO-5 True Bipolar Input, Dual 12-Bit, 2-Channel, Simultaneous Sampling SAR ADC; Package: TSSOP; No of Pins: 24; Temperature Range: Industrial 80 A, 800 V, SILICON, RECTIFIER DIODE, DO-5
|
Central Semiconductor, Corp. CENTRAL SEMICONDUCTOR CORP
|
|