PART |
Description |
Maker |
U3525-S16-T U3525-S16-R U3525-D16-T U74AHC1G00L-AF |
SINGLE SCHMITT-TRIGGER BUFFER SINGLE SCHMITT-TRIGGER INVERTER QUADRUPLE 2-INPUT POSITIVE-OR GATES 2-INPUT OR GATE 2-INPUT NOR GATE HIGH-SPEED CMOS LOGIC HEX INVERTING SCHMITT TRIGGER QUADRUPLE 2-INPUT POSITIVE-NAND GATES 2-INPUT EXCLUSIVE-OR GATE SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT BILATERAL SWITCH 2-INPUT AND GATE 2-INPUT NAND GATE REGULATING PWM IC
|
友顺科技股份有限公司 UTC[Unisonic Technologies]
|
74V1G0304 74V1G03STR 74V1G03CTR |
SINGLE 2-INPUT OPEN DRAIN NAND GATE
|
STMicroelectronics
|
74V1T03CTR 74V1T03STR |
SINGLE 2-INPUT OPEN DRAIN NAND GATE
|
ST Microelectronics
|
74AUP1G09FZ4-7 74AUP1G09FS3-7 74AUP1G09FW4-7 74AUP |
SINGLE 2 INPUT POSITIVE AND GATE WITH OPEN DRAIN OUTPUT
|
Diodes
|
74LVC1G38GF 74LVC1G38GM 74LVC1G38GV 74LVC1G38GW 74 |
2-input NAND gate; open drain; Package: SOT891 (XSON6); Container: Tape reel smd LVC/LCX/Z SERIES, 2-INPUT NAND GATE, PDSO6 2-input NAND gate; open drain; Package: SOT353-1 (TSSOP5); Container: Reel Pack, Reverse, Reverse LVC/LCX/Z SERIES, 2-INPUT NAND GATE, PDSO5 2-input NAND gate; open drain; Package: SOT886 (XSON6); Container: Tape reel smd LVC/LCX/Z SERIES, 2-INPUT NAND GATE, PDSO6 2-input NAND gate; open drain; Package: SOT753 (SO5); Container: Tape reel smd, Reverse LVC/LCX/Z SERIES, 2-INPUT NAND GATE, PDSO5
|
NXP Semiconductors N.V.
|
SN74LVC1G38DBVRG4 |
<font color=red>[Old version datasheet]</font> Single 2-Input NAND Gate With Open-Drain Output
|
TI store
|
M74HC7266B1R M54_74HC266 M54HC266 M54HC266F1R M54H |
HC7266 QUAD EXCLUSIVE NOR GATE HC266 QUAD EXCLUSIVE NOR GATE WITH OPEN DRAIN Low-Voltage Adjustable Precision Shunt Regulator 6-SC70 0 to 70 HC266四异或非门极漏极开路HC7266四异或非 12-Bit, 3 us DAC, Serial Input, Pgrmable Settling Time/Power Consump., Voltage O/P Range=2x VRef. 8-SOIC 0 to 70 HC266 QUAD EXCLUSIVE NOR GATE WITH OPEN DRAIN HC7266 QUAD EXCLUSIVE NOR GATE
|
SGS Thomson Microelectronics ST Microelectronics STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics]
|
IN74HC03AN IN74HC03A IN74HC03AD |
Quad 2-Input NAND Gate with Open-Drain Outputs High-Performance Silicon-Gate CMOS
|
INTEGRAL JOINT STOCK COMPANY INTEGRAL[Integral Corp.]
|
74F38SJ 74F38SC 74F38PC 74F38 74F38S 54F38LMQB |
RECTIFIER FAST-RECOVERY SINGLE 3A 200V 100A-ifsm 0.9V-vf 25ns 10uA-ir SMB 3K/REEL-13 F/FAST SERIES, QUAD 2-INPUT NAND GATE, PDIP14 Quad Two-Input NAND Buffer (Open Collector)
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
CA20C03A20EP CA20C03A-20IP CA20C03A-20IN CA20C03A2 |
N-CHANNEL 550V @Tjmax - 2.5 Ohm - 3A DPAK/IPAK ZENER-PROTECTED MDMESH POWER MOSFET Dual 2-input NAND gate DUAL 2-INPUT OPEN DRAIN NAND GATE Dual bilateral switch 8-bit MCU with Flash or ROM memory, ADC, two 16-bit timers, I2C, SPI, SCI interfaces 8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, timers, SPI 数据加密处理 ST7LITE2 - 8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI 数据加密处理 Dual 2-input exclusive OR gate 数据加密处理
|
Belden, Inc. 3M Company
|
M38510/30009B2A M38510/30009BAA M38510/30009BAB M3 |
Single 8-input NAND Gate Dual 4-input NAND Gate Quad 2-input NAND Gate Triple 3-input NAND Gate 3输入与非 Triple 3-input NAND Gate 输入与非
|
ITT, Corp. Linear Technology, Corp. Bel Fuse, Inc.
|