PART |
Description |
Maker |
74LX1G00 8487 74LX1G00STR 74LX1G00CTR |
LOW VOLTAGE SINGLE 2-INPUT NAND GATE From old datasheet system SINGLE 2-INPUT NAND GATE 单两输入与非
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
NC7SZ38 NC7SZ38L6X NC7SZ38M5X NC7SZ38P5X |
RECTIFIER FAST-RECOVERY SINGLE 3A 50V 100A-ifsm 0.9V-vf 25ns 10uA-ir SMB 3K/REEL-13 LVC/LCX/Z SERIES, 2-INPUT NAND GATE, PDSO5 TinyLogic UHS 2-Input NAND Gate (Open Drain Output) TinyLogic UHS 2-Input NAND Gate (Open Drain Output)
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
74ABT20D-T 74ABT20DB118 |
Dual 4-input NAND gate - Description: Dual 4-Input NAND Gate ; Logic switching levels: TTL ; Number of pins: 14 ; Output drive capability: -15/ 20 mA ; Propagation delay: 2.7 ns; Voltage: 4.5-5.5 V ABT SERIES, DUAL 4-INPUT NAND GATE, PDSO14
|
Ecliptek, Corp. NXP SEMICONDUCTORS
|
74LVC00ABQ 74LVC00AD |
Quad 2-input NAND gate 输入与非 Quad 2-input NAND gate LVC/LCX/Z SERIES, QUAD 2-INPUT NAND GATE, PQCC14 74LVC00A; Quad 2-input NAND gate
|
NXP Semiconductors N.V. Philips
|
74LVC2G00GF 74LVC2G00GD 74LVC2G00DP |
Dual 2-input NAND gate LVC/LCX/Z SERIES, DUAL 2-INPUT NAND GATE, PDSO8 Dual 2-input NAND gate 输入与非
|
NXP Semiconductors N.V.
|
74AHC2G00 74AHC2G00DC 74AHC2G00DP 74AHC2G00GD 74AH |
Dual 2-input NAND gate AHCT/VHCT/VT SERIES, DUAL 2-INPUT NAND GATE, PDSO8 Dual 2-input NAND gate 输入与非
|
NXP Semiconductors N.V.
|
ULS2822J ULS2822L ULS2025L ULS2025J ULS2003J ULS20 |
Single buffer (open drain) Single 2-input open drain NAND gate ST72E311/ST72T311 - 8-BIT MCU WITH 8 TO 16K OTP/EPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES 逻辑IC Single 2-input AND gate 单两输入与门 Single exclusive OR gate EMI FILTER WITH ESD PROTECTION - (ASD) LNB supply and control voltage regulator (parallel interface) N - channel 100 V - 0.33 " - 2 A - SOT-223 STripFET™ Power MOSFET Single 2-input OR gate Single 2-input NAND gate TURBOSWITCH - ULTRA-FAST HIGH VOLTAGE DIODE Single bus buffer (3-state) Single inverter (open drain) Single Schmitt inverter ST72101/ST72212/ST72213 - 8-BIT MCU WITH 4 TO 8K ROM/OTP/EPROM, 256 BYTES RAM, ADC, WDG, SPI AND 1 OR 2 TIMERS
|
|
74AUP1G38GM132 74AUP1G38GW125 |
Low-power 2-input NAND gate (open drain); Package: SOT886 (XSON6); Container: Tape reel smd AUP/ULP/V SERIES, 2-INPUT NAND GATE, PDSO6 Low-power 2-input NAND gate (open drain); Package: SOT353-1 (TSSOP5); Container: Reel Pack, Reverse, Reverse AUP/ULP/V SERIES, 2-INPUT NAND GATE, PDSO5
|
NXP Semiconductors N.V.
|
KIC7S00FU |
2 Input NAND Gate SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT NAND GATE)
|
Korea Electronics (KEC) KEC[KEC(Korea Electronics)]
|
KIC7SZ00FU |
2 Input NAND Gate SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT NAND GATE)
|
Korea Electronics (KEC) KEC[KEC(Korea Electronics)]
|
74F10 74F11 N74F11N N74F10D N74F10N N74F11D 74F10_ |
Triple 3-input NAND gate; Triple 3-input AND gate F/FAST SERIES, TRIPLE 3-INPUT NAND GATE, PDSO14 From old datasheet system
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
U74AHC1G00L-AF5-R U74AHC1G00L-AL5-R |
2-INPUT NAND GATE AHC/VHC/H/U/V SERIES, 2-INPUT NAND GATE, PDSO5
|
Unisonic Technologies Co., Ltd. UNISONIC TECHNOLOGIES CO LTD
|