PART |
Description |
Maker |
HIP6303 HIP6303CB HIP6303CB-T HIP6303EVAL1 |
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller PWM Controller, 2-4 Phase Sync Buck, 4-Bit VID DAC, 1.30V to 2.05V in 50mV Steps, % Reg, AMD Athlon Compatible
|
INTERSIL[Intersil Corporation]
|
HIP6301V HIP6302V |
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller PWM Controller, 2 Phase Sync Buck, 1.10V to 1.85V, .8% Reg, Programmable Droop Voltage, 5-Bit Dynamic VID DAC PWM Controller, 2-4 Phase Sync Buck, 1.10V to 1.85V, .8% Reg, Programmable Droop Voltage, 5-Bit Dynamic VID DAC
|
Intersil
|
ISL6223EVA ISL6223 ISL6223CA- ISL6263 ISL6223EVAL2 |
Octal D-Type Edge-Triggered Flip-Flops With 3-State Outputs 20-TSSOP -40 to 85 Mobile Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller PWM Controller, 2 Phase, 5-Bit VID Input, 1.30V to 2.00V in 50mV Steps, ?% Reg, Supply Voltage 5V
|
INTERSIL[Intersil Corporation]
|
ISL6556A |
PWM Controller, 2-4 Phase, 6-Bit VID, ?.5% Reg
|
Intersil
|
ISL6307IRZ ISL6307CRZ ISL6307 |
6-Phase PWM Controller with 8 Bit VID Code Capable of Precision RDS(ON) or DCR Differential Current
|
Intersil Corporation
|
ISL6307BIRZ |
6-Phase VR11 PWM Controller with 8-Bit VID Code Capable of Precision RDS(ON) or DCR Differential Current Sensing for Applications SWITCHING CONTROLLER, 1000 kHz SWITCHING FREQ-MAX, PQCC48
|
Intersil, Corp.
|
ISL6307BIRZ ISL6307BCRZ ISL6307B |
6-Phase VR11 PWM Controller with 8-Bit VID Code Capable of Precision RDS(ON) or DCR Differential Current Sensing for Applications
|
Intersil Corporation
|
FAN5019B FAN5019BMTCX |
6-Bit VID Controller 2-4 Phase VR10.X Controller
|
Fairchild Semiconductor
|
FAN5019 FAN5019MTCX FAN5019MTC |
6-Bit VID Controller 2-4 Phase VRM10.X Controller
|
FAIRCHILD[Fairchild Semiconductor]
|
FAN4800CSNY FAN4800CSMY FAN4800ASNY FAN480001S FAN |
PFC PWM Controller Combo 0.5 A POWER FACTOR CONTROLLER WITH POST REGULATOR, 268 kHz SWITCHING FREQ-MAX, PDSO16 PFC/PWM Controller Combination
|
FAIRCHILD SEMICONDUCTOR CORP
|
ISL6527AIR ISL6527CB ISL6527EVA ISL6527IB ISL6527C |
Single Synchronous Buck Pulse-Width Modulation (PWM) Controller PWM Controller, External Reference, 3.3V to 5V Supply, 300 or 600kHz
|
INTERSIL[Intersil Corporation]
|
LTC1873 LTC1873EG |
Dual 550kHz Synchronous2-Phase Switching Regulator Controller with 5-Bit VID Dual 550kHz Synchronous 2-Phase Switching Regulator Controller with 5-Bit VID
|
Linear Technology
|