PART |
Description |
Maker |
ADSP-BF608 ADSP-BF609 ADSP-BF607 |
Blackfin Dual-Core Processor up to 1GHz with Hardware Support for VGA Video Analytics Blackfin Dual-Core Processor up to 1GHz with Hardware Support for HD Video Analytics Blackfin Dual-Core Processor up to 1GHz for High Performance Digital Signal Processing Applications
|
Analog Devices
|
D2219UK D2219 |
METAL GATE RF SILICON FET UHF BAND, Si, N-CHANNEL, RF POWER, MOSFET Gold Metallised Multi-Purpose Silicon DMOS RF FET(2.5W-12.5V-1GHz,Single Ended)(镀金多用DMOS射频硅场效应2.5W-12.5V-1GHz,单端)
|
TT electronics Semelab, Ltd. SEME-LAB[Seme LAB]
|
SP8782 SP8782A SP8782ADG SP8782BMP DES9208901AC DE |
6.0V; 1GHz 16/17, 32/33 multi-modulus divider 1GHz ± 16/17, ±32/33 Multi-Modulus Divider 1GHz的16/17,32/33多模数分频器 TV 4C 4#16 PIN WALL RECP 1GHz的16/17,32/33多模数分频器 1GHz 16/17/ 32/33 Multi-Modulus Divider 1GHz 16/17 / 32/33 Multi-Modulus Divider 1GHz 16/17 32/33 Multi-Modulus Divider 1GHz 16/17, 32/33 Multi-Modulus Divider 1GHz 梅 16/17, 梅32/33 Multi-Modulus Divider 1GHz ÷ 16/17, ÷32/33 Multi-Modulus Divider
|
Mitel Networks, Corp. MITEL[Mitel Networks Corporation] Mitel Semiconductor
|
MAX270CWP-T MAX271CNG MAX271CWG MAX270CWPT MAX270E |
Digitally Programmable, Dual, 2nd-Order, Continuous Lowpass Filter DUAL CONTINUOUS TIME FILTER, DIGITALLY PROGRAMMABLE, LOWPASS, PDSO20 Digitally Programmable, Dual, 2nd-Order, Continuous Lowpass Filter DUAL CONTINUOUS TIME FILTER, DIGITALLY OR PIN PROGRAMMABLE, LOWPASS, PDIP24 Digitally Programmable, Dual, 2nd-Order, Continuous Lowpass Filter DUAL CONTINUOUS TIME FILTER, DIGITALLY OR PIN PROGRAMMABLE, LOWPASS, PDSO24
|
Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
FX029 FX029DW |
Dual digitally controlled amplifier array Dual Digitally Controlled Amp Array
|
CONSUMER MICROCIRCUITS LIMITED
|
KB8825 |
1.1GHZ DUAL PLL
|
Samsung Electronic SAMSUNG[Samsung semiconductor]
|
EPA1145-75 EPA1145-250 EPA1145-350 EPA1145-4 EPA11 |
Tapped Delay Line Dual Digitally Controlled Potentiometer (XDCPs); Temperature Range: 0°C to 70°C; Package: 24-SOIC Dual Digitally Controlled Potentiometer (XDCPs); Temperature Range: -40°C to 85°C; Package: 24-TSSOP Dual Digitally Controlled Potentiometer (XDCPs); Temperature Range: -40°C to 85°C; Package: 24-PDIP Dual Digitally Controlled Potentiometer (XDCPs); Temperature Range: 0°C to 70°C; Package: 24-TSSOP Low Noise, Low Power, 2-Wire Bus Dual Digitally Controlled Potentiometer (XDCP); Temperature Range: -40°C to 85°C; Package: 24-SOIC Low Noise, Low Power, 2-Wire Bus Dual Digitally Controlled Potentiometer (XDCP™); Temperature Range: -40°C to 85°C; Package: 24-TSSOP 抽头延迟
|
Molex, Inc.
|
SY89828L08 SY89828LHITR SY89828LHYTR |
3.3V 1GHz DUAL 1:10 PRECISION LVDS FANOUT BUFFER/TRANSLATOR WITH 2:1 INPUT MUX
|
Micrel Semiconductor
|
ISL22326UFV14Z |
Dual Digitally Controlled Potentiometers DUAL 50K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 128 POSITIONS, PDSO14
|
Intersil, Corp.
|
D2002UK |
METAL GATE RF SILICON FET Gold Metallised Multi-Purpose Silicon DMOS RF FET(5W-28V-1GHz,Single Ended)(镀金多用DMOS射频硅场效应5W-28V-1GHz,单端)
|
SemeLAB Seme LAB
|
M64884FP |
Transistor for VCO,1st IF MIX,2-multiple circuit built-in 500MHz/1GHz Dual PLL Synthesizer
|
Mitsubishi Electric Corporation
|