PART |
Description |
Maker |
CDBHM1100L-G CDBHM120L-G CDBHM140L-G CDBHM160L-G C |
Bridge Rectifiers, V-RRM=100V, V-DC=100V, I-(AV)=1A Bridge Rectifiers, V-RRM=20V, V-DC=20V, I-(AV)=1A Bridge Rectifiers, V-RRM=40V, V-DC=40V, I-(AV)=1A Bridge Rectifiers, V-RRM=60V, V-DC=60V, I-(AV)=1A Bridge Rectifiers, V-RRM=80V, V-DC=80V, I-(AV)=1A
|
Comchip Technology
|
110MT160K 110MT160KB 110MT160MT 90MT80KB 110MT100K |
3 PHASE, 110 A, 1400 V, SILICON, BRIDGE RECTIFIER DIODE 1200V 3 Phase Bridge in a INT-A-Pak package 1600V 3 Phase Bridge in a INT-A-Pak package 1000V 3 Phase Bridge in a INT-A-Pak package 1400V 3 Phase Bridge in a INT-A-Pak package 800V 3 Phase Bridge in a INT-A-Pak package THREE PHASE BRIDGE CAP 3300PF 100V 100V X7R RAD.20 .20X.20 BULK P-MIL-PRF-39014 三相桥式 3 PHASE, 90 A, 1200 V, SILICON, BRIDGE RECTIFIER DIODE
|
IRF[International Rectifier] International Rectifier, Corp.
|
HC26 HC38 HC35 HC79R2J224K HC26R2A103K HC26R2A123K |
NTE IC, POWER: 6 W, PACKAGE: 10 PIN SIP SRAM Memory IC; Memory Type:MOS SRAM; Interface Type:Serial; Access Time, Tacc:300ns; Package/Case:22-DIP; Mounting Type:Through Hole Voltage Regulator IC; Output Current:100mA; Output Voltage:9V; Package/Case:3-TO-92; Voltage Regulator Type:Positive Voltage; Mounting Type:Through DIODE ZENER 150MW 33V 0603 RECT FAST REC 400V 8A TO-220A 高压多层陶瓷电容 Small Signal Diode; Repetitive Reverse Voltage Max, Vrrm:200V; Forward Current Avg Rectified, IF(AV):250mA; Forward Voltage Max, VF:1.25V; Vf Test Current:200mA; Reverse Recovery Time, trr:50ns; Power Dissipation, Pd:400mW 高压多层陶瓷电容 MEDIUM/HIGH VOLTAGE MULTILAYER CERAMIC CAPACITORS 高压多层陶瓷电容 RECT FAST REC 600V 8A TO-220A 高压多层陶瓷电容 RECTIFIER BRIDGE 10A 100V 170A-ifsm 1.05V-vf 10uA-ir GBJ 15/TUBE 高压多层陶瓷电容
|
ETC[ETC] List of Unclassifed Manufacturers Electronic Theatre Controls, Inc.
|
KBPC606 KBPC610 KBPC600 KBPC601 KBPC602 KBPC604 KB |
100V Bridge in a D-72 package SINGLE PHASE 6.0 AMPS. SILICON BRIDGE RECTIFIERS
|
International Rectifier JGD[Jinan Gude Electronic Device]
|
HIP2100IBZT HIP2100IRZ HIP2100EIBZ HIP2100IBT HIP2 |
100V/2A Peak High-Frequency Half Bridge Driver with CMOS Logic Inputs; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R 2 A HALF BRDG BASED MOSFET DRIVER, PDSO8 100V/2A Peak, Low Cost, High Frequency Half Bridge Driver 2 A HALF BRDG BASED MOSFET DRIVER, PQCC16 100V/2A Peak, Low Cost, High Frequency Half Bridge Driver 2 A HALF BRDG BASED MOSFET DRIVER, PDSO8 Drives N-Channel MOSFET Half Bridge 100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
|
Intersil, Corp. Intersil Corporation
|
RS202-G |
Bridge Rectifiers, V<sub>RRM</sub>=100V, V<sub>DC</sub>=100V, I<sub>(AV)</sub>=2A
|
Comchip Technology
|
KBPC108 KBPC1005 KBPC101 KBPC102 KBPC104 KBPC106 K |
3A,6A single phase rectifier bridges 3 A Single Phase Rectifier Bridges(3A 单向整流器桥) 三单相整流桥3A条单向整流器桥) 6 A Single Phase Rectifier Bridges(6A 单向整流器桥) 1000V Bridge in a D-72 package 800V Bridge in a D-72 package 600V Bridge in a D-72 package 400V Bridge in a D-72 package 200V Bridge in a D-72 package 50V Bridge in a D-72 package 1000V Bridge in a D-46 package 600V Bridge in a D-46 package 400V Bridge in a D-46 package 200V Bridge in a D-46 package 100V Bridge in a D-46 package 50V Bridge in a D-46 package 800V Bridge in a D-46 package 6 A, 1000 V, SILICON, BRIDGE RECTIFIER DIODE
|
Vishay Siliconix International Rectifier, Corp. VISHAY SEMICONDUCTORS
|
4GBL01 4GBL02 4GBL04 4GBL06 4GBL08 |
100V Bridge in a GBL package 200V Bridge in a GBL package 400V Bridge in a GBL package 600V Bridge in a GBL package 800V Bridge in a GBL package
|
International Rectifier
|
EL7761CS EL7761 EL7761CN |
100V Half Bridge Driver
|
INTERSIL[Intersil Corporation]
|