PART |
Description |
Maker |
OET020YEHH OET020YEHH-A OET020YEJJ-A OET020ZEHH-A |
25 Watt, input voltage range:18-36V, output voltage 3.3-15V (3.5-0.28A) DC/DC converter 25 Watt, input voltage range:34-75V, output voltage 3.3-15V (3.5-0.28A) DC/DC converter 25 Watt, input voltage range:34-75V, output voltage 3.3-12V (3.5-0.35A) DC/DC converter TRIPLE OUTPUT 25 WATT T1/E1 Transformer Analog IC TRIPLE OUTPUT, 25 WATT 三路输出25瓦特
|
POWER-ONE[Power-One] EPCOS AG
|
PWR6011 PWR6016 PWR6018 PWR6010 PWR6012 PWR6017 PW |
1.8 Watt regulated DC/DC converter. Nom.input voltage 15VDC, rated output voltage 5VDC, rated output current 360mA. 1.8 Watt regulated DC/DC converter. Nom.input voltage 12VDC, rated output voltage -15VDC, rated output current -60mA. 1.8 Watt regulated DC/DC converter. Nom.input voltage 12VDC, rated output voltage -12VDC, rated output current -75mA. 1.8 Watt regulated DC/DC converter. Nom.input voltage 12VDC, rated output voltage 5VDC, rated output current 360mA. 1.8 Watt regulated DC/DC converter. Nom.input voltage 5VDC, rated output voltage -15VDC, rated output current -60mA. 1.8 Watt regulated DC/DC converter. Nom.input voltage 5VDC, rated output voltage -12VDC, rated output current -75mA. 1.8 Watt regulated DC/DC converter. Nom.input voltage 5VDC, rated output voltage 5VDC, rated output current 360mA. Analog IC 模拟IC 1.8 WATT UNREGULATED DC/DC CONVERTER 2-OUTPUT 1.8 W DC-DC REG PWR SUPPLY MODULE DIODE ZENER SINGLE 500mW 2.5Vz 20mA-Izt 0.05 100uA-Ir 1Vr DO35-GLASS 5K/AMMO 2-OUTPUT 1.8 W DC-DC REG PWR SUPPLY MODULE
|
Molex, Inc. Bourns, Inc. CANDD[C&D Technologies]
|
IHB60S4803 IHB60S4805 IHB60S IHB60S2403 IHB60S2405 |
60 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER 60瓦单输出的半DC / DC变换 60 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER 1-OUTPUT 60 W DC-DC REG PWR SUPPLY MODULE
|
CANDD[C&D Technologies]
|
IMX15 40IMX15-24-24-9 110IMY15-03-9RG 110IMY15-050 |
15 Watt, input voltage range:50-150V output voltage 5V (3500mA) DC/DC converter 15WattDC-DCConverters 15 Watt DC-DC Converters 1-OUTPUT 14.9 W DC-DC REG PWR SUPPLY MODULE
|
POWER-ONE[Power-One] POWER-ONE INC
|
24IMP12-0505-7 24IMP12-051212-7 24IMP12-05-7 24IMP |
1...12 Watt DC-DC Converters 1...12WattDC-DCConverters Test Lead Storage Rack; Color:Orange; External Width:11"; Features:Accepts Type RG-58 & RG-142 Cable Sizes; Cold Rolled Steel w/Baked Enamel Finish; 4 Mounting Holes 0.094" RoHS Compliant: NA 1 ... 12瓦特的DC - DC转换 1...12 Watt DC-DC Converters 1 ... 12瓦特的DC - DC转换 Connector Adapter; Convert From:Binding Post; Convert To:BNC Male; Contact Material:Brass; Impedance:50ohm RoHS Compliant: Yes Input voltage range:4.5-5.5V output voltage /-5V ( /-100mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-12V ( /-42mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-15V ( /-33mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-5V ( /-500mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-12V ( /-250mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-15V ( /-200mA) DC/DC converter
|
Electronic Theatre Controls, Inc. TE Connectivity, Ltd. Vishay Intertechnology, Inc. Cosmo Electronics POWER-ONE[Power-One]
|
HL02R05S05 HL02R24S05 HL02R05D15 HL02R05D12 HL02R1 |
2 WATT REGULATED DC/DC CONVERTER 2瓦特稳压DC / DC变换 2 Watts Regulated DC/DC Converter
|
CANDD[C&D Technologies]
|
AMEC40-MAZ1 |
40 Watt | AC-DC Converter
|
AIMTEC
|
AME15-12DCJZ AME15-12SCJZ AME15-15DCJZ AME15-15SCJ |
15 Watt | AC-DC / DC-DC Converter
|
AIMTEC
|
AMEOC40-MAZ13 |
40 Watt | AC-DC / DC-DC Converter
|
AIMTEC
|
EJR12S5-2000 EJR12S12-830 EJR48D12-420 EJR48D15-33 |
10 Watt DC/DC Converter
|
Wall Industries,Inc.
|
AM5T-4805S-VZ AM5T-2424S-VZ AM5T-4809D-VZ AM5T-480 |
5 Watt | DC-DC Converter
|
AIMTEC
|
AM4TW-4805S-VZ AM4TW-4812D-VZ AM4TW-4812DH35-VZ AM |
4 Watt | DC-DC Converter
|
AIMTEC
|