PART |
Description |
Maker |
ALN20S |
4 Pin Solder tag
|
Kemet Corporation
|
ALP22A682AB200 ALT22A682AB400 ALT22A682AB385 ALT22 |
Pin/Solder Tag/Audio Aluminum Electrolytic Capacitors
|
Kemet Corporation
|
IDT6178S IDT6178S10D IDT6178S10DB IDT6178S10P IDT6 |
CMOS StaticRAM 16K (4K x 4-BIT) CACHE-TAG RAM Low-Power JFET-Input Operational Amplifier 8-PDIP 0 to 70 4K X 4 CACHE TAG SRAM, 15 ns, CDIP22 Dual Low-Power JFET-Input General-Purpose Operational Amplifier 8-SOIC 0 to 70 4K X 4 CACHE TAG SRAM, 15 ns, PDSO24 CMOS StaticRAM 16K (4K x 4-BIT) CACHE-TAG RAM 4K X 4 CACHE TAG SRAM, 25 ns, PDSO24 CMOS StaticRAM 16K (4K x 4-BIT) CACHE-TAG RAM 4K X 4 CACHE TAG SRAM, 25 ns, CDIP22 IC 8-BIT BUS SW 2-PORT 20-QSOP
|
Integrated Device Techn... Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
MC33153D MC33153P |
Tag-it(TM) HF-I Standard Transponder Inlays Large Rectangle 0-RFIDN -25 to 70 Tag-it(TM) HF-I Plus Transponder Inlays Miniature Rectangle 0-RFIDN -25 to 70 2 A BUF OR INV BASED PRPHL DRVR, PDIP8
|
Motorola, Inc. Motorola Mobility Holdings, Inc.
|
PE1001-5 |
Hermetic Seal Solder Contact With 0.02 Pin Diameter 0.158 Body Diameter And 0.229 Pin Length
|
Pasternack Enterprises, Inc.
|
9612045604AR 9612045804AR 9611025604AR 9612025604A |
10 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 3M?/a> Pin Strip Header 3M Pin Strip Header 3M垄芒 Pin Strip Header
|
3M ELECTRONIC PRODUCTS DIVISION 3M Electronics
|
GS841E18AT-166 GS841E18AT-133I |
256K x 18 Sync Cache Tag 256K X 18 CACHE TAG SRAM, 8.5 ns, PQFP100 256K x 18 Sync Cache Tag 256K X 18 CACHE TAG SRAM, 11 ns, PQFP100
|
GSI Technology, Inc.
|
GS84118AGT-150 GS84118AT-100I |
256K x 18 Sync Cache Tag 256K X 18 CACHE TAG SRAM, 10 ns, PQFP100 256K x 18 Sync Cache Tag 256K X 18 CACHE TAG SRAM, 12 ns, PQFP100
|
GSI Technology, Inc.
|
15-24-9245 15-24-9243 15-24-9043 |
Header Connector,PCB Mnt,RECEPT,24 Contacts,PIN,0.165 Pitch,R ANGLE PC TAIL Terminal,POLARIZED LCK 24 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header; Number of Contacts:24; Pitch Spacing:4.2mm; Number of Rows:2; Series:BMI; Connector Body Material:Nylon; Mounting Type:PC Board; Terminal Type:Right Angle Pin 24 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MiniFit BMI RA Hdr Au V-2 4Ckt 4 CONTACT(S), MALE, POWER CONNECTOR, SOLDER
|
Molex, Inc.
|
M22-2531705 M22-2532146 M22-2532346 M22-2531046 |
2.00mm Pitch SIL Horizontal 2.4mm PC Tail Pin Header, 3.5mm mating pin height, gold, 17-way 17 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, PLUG 2.00mm Pitch SIL Horizontal 2.4mm PC Tail Pin Header, 3.5mm mating pin height, tin, 21-way 21 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 2.00mm Pitch SIL Horizontal 2.4mm PC Tail Pin Header, 3.5mm mating pin height, tin, 23-way 23 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 2.00mm Pitch SIL Horizontal 2.4mm PC Tail Pin Header, 3.5mm mating pin height, tin, 10-way 10 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
120-1132 |
Solder terminal, Pin type
|
CAMBION Electronic Components
|
|