PART |
Description |
Maker |
IRFP460P IRFP460PPBF |
500V Single N-Channel HEXFET Power MOSFET in a TO-247AC package Power MOSFET(Vdss=500V, Rds(on)=0.27ohm, Id=20A)
|
IRF[International Rectifier]
|
IRFF420 FN1891 |
1.6A, 500V, 3.000 Ohm, N-Channel
Power MOSFET(1.6A, 500V, 3.000 Ω, N沟道功率MOS场效应管) 1.6A/ 500V/ 3.000 Ohm/ N-Channel Power MOSFET 1.6A, 500V, 3.000 Ohm, N-Channel Power MOSFET From old datasheet system
|
Intersil Corporation
|
APT5010JN APT5012JN APT5012 |
POWER MOS IV 500V 48.0A 0.10 Ohm / 500V 43.0A 0.12 Ohm N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS N沟道增强型高压功率MOSFET
|
Advanced Power Technolo... ADPOW[Advanced Power Technology] Advanced Power Technology, Ltd.
|
IRF820AL IRF820AS IRF820ASTRL IRF820ASTRR |
500V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 500V Single N-Channel HEXFET Power MOSFET in a TO-262 package Power MOSFET(Vdss=500V, Rds(on)max=3.0ohm, Id=2.5A) Power MOSFET(Vdss=500V/ Rds(on)max=3.0ohm/ Id=2.5A)
|
IRF[International Rectifier]
|
IRFP460 IRFP460PBF |
20 A, 500 V, 0.27 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247AC Power MOSFET(Vdss=500V, Rds(on)=0.27ohm, Id=20A) 功率MOSFET(减振钢板基本\u003d 500V及的Rdson)\u003d 0.27ohm,身份证\u003d 20A条) 500V Single N-Channel HEXFET Power MOSFET in a TO-247AC package
|
International Rectifier, Corp.
|
IRF820 IRF820PBF |
500V Single N-Channel HEXFET Power MOSFET in a TO-220AB package Power MOSFET(Vdss=500V, Rds(on)=3.0ohm, Id=2.5A) Power MOSFET(Vdss=500V/ Rds(on)=3.0ohm/ Id=2.5A)
|
IRF[International Rectifier]
|
IRF840 IRF840PBF |
500V Single N-Channel HEXFET Power MOSFET in a TO-220AB package Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=8.0A) Power MOSFET(Vdss=500V/ Rds(on)=0.85ohm/ Id=8.0A)
|
IRF[International Rectifier]
|
FAP-450 |
TRANSISTOR | MOSFET | N-CHANNEL | 500V V(BR)DSS | 14A I(D) | TO-247VAR 晶体管| MOSFET的| N沟道| 500V五(巴西)直|4A条(丁)|47VAR N-channel MOS-FET(500V, 0,38Ω, 14A, 190W) N-channel MOS-FET(500V, 0,38楼?, 14A, 190W)
|
TOKO, Inc. Fuji Electric
|
STB15NK50Z STP15NK50Z STP15NK50ZFP STP15NK50Z07 ST |
14 A, 500 V, 0.34 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247 N-channel 500V - 0.30楼? - 14A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-protected SuperMESH垄芒 Power MOSFET N-channel 500V - 0.30Ω - 14A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-protected SuperMESH Power MOSFET N-channel 500V - 0.30ヘ - 14A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-protected SuperMESH⑩ Power MOSFET
|
STMicroelectronics
|
IRF830B IRFS830B IRFS830BT |
500V N-Channel MOSFET 500V N-Channel B-FET / Substitute of IRFS830 & IRFS830A
|
FAIRCHILD[Fairchild Semiconductor]
|