PART |
Description |
Maker |
2N7002TG-AN3-R 2N7002TL-AN3-R |
300mA, 60V N-CHANNEL POWER MOSFET
|
Unisonic Technologies
|
APL5521KC-TR APL5521KC-TRL APL5521 APL5521K APL552 |
Dual-channel, 3.3 V/500 mA and 2.5 V/300mA linear regulator Dual-Channel, 3.3V/500mA and 2.5V/300mA Linear Regulator Dual-Channel 3.3V/500mA and 2.5V/300mA Linear Regulator
|
Anpec Electronics Corporation Anpec Electronics Coropration ETC[ETC]
|
RF1K49154 |
2A, 60V, 0.130 Ohm, Dual N-Channel, LittleFET?Power MOSFET 2A, 60V, 0.130 Ohm, Dual N-Channel, LittleFET Power MOSFET 2A, 60V, 0.130 Ohm, Dual N-Channel, LittleFET⑩ Power MOSFET 2A, 60V, 0.130 Ohm, Dual N-Channel, LittleFETPower MOSFET
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
FDP14AN06LA0 FDP14AN06LA FDB14AN06LA0 |
Discrete Automotive N-Channel PowerTrench MOSFET, 60V, 61A, 0.014 Ohm, TO-220 Package N-Channel PowerTrench MOSFET, 60V, 60A, 0.0146 Ohms @ VGS = 5V, TO-263/D2PAK Package N-Channel PowerTrench MOSFET 60V/ 60A/ 14.6m N-Channel PowerTrench MOSFET 60V, 60A, 14.6mз
|
FAIRCHILD[Fairchild Semiconductor]
|
FDS9958F085 |
-60V Dual P-Channel PowerTrenchMOSFET Dual P-Channel PowerTrench? MOSFET
|
Fairchild Semiconductor
|
APL5537MRCTI-TRG APL5537BBQBI-TRG APL5537OOCTI-TRG |
Dual Channel 300mA Low Dropout Linear Regulator
|
Anpec Electronics Coropration Anpec Electronics Coroprati... Anpec Electronics Corop...
|
ZXMP6A18DN8NBSP ZXMP6A18DN8 ZXMP6A18DN8TC ZXMP6A18 |
DUAL P-CHANNEL 60V ENHANCEMENT MODE MOSFET 3.7 A, 60 V, 0.055 ohm, 2 CHANNEL, P-CHANNEL, Si, POWER, MOSFET From old datasheet system
|
Zetex Semiconductor PLC ZETEX[Zetex Semiconductors] Diodes Incorporated
|
AO4828 |
60V Dual N-Channel MOSFET
|
Alpha & Omega Semiconductors
|
IRFI064 IRFI064-15 |
Simple Drive Requirements TRANSISTOR N-CHANNEL(Vdss=60V/ Rds(on)=0.017ohm/ Id=45A*) TRANSISTOR N-CHANNEL(Vdss=60V, Rds(on)=0.017ohm, Id=45A*) 60V Single N-Channel Hi-Rel MOSFET in a TO-259AA package
|
International Rectifier
|
FDB10AN06A0 FDP10AN06A0 |
CAP 0.1UF 50V 5% X7R SMD-1206 TR-7-PA SN100 N-Channel PowerTrench MOSFET 60V/ 75A/ 10.5m N-Channel PowerTrench MOSFET 60V, 75A, 10.5mз N-Channel PowerTrench MOSFET 60V, 75A, 10.5mOhm
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
MIC5330 MIC5330-1.8_1.5YML MIC5330-1.8_1.6YML MIC5 |
27mm Rotary Potentiometer Long Life - 1 Million cycles Conductive Plastic Element Heavy Duty Applications Sealed Unit Available RoHS Compliant RF Power Field Effect Transistor Microcontroller Dual, High Performance 300mA UCap ULDO Dual, 300mA UCap LDO in 2mm x 2mm MLF
|
Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor] BITECH FREESCALE
|