PART |
Description |
Maker |
MC100EP16VA MC100EP17 MC100EP29 MC100EP35 MC100EP4 |
3.3V / 5V ECL Differential Receiver/Driver with High Gain 3.3V / 5V ECL Quad Differential Driver/Receiver 3.3V / 5V ECL Dual Differential Data and Clock D Flip?Flop With Set and Reset 3.3V / 5V ECL JK Flip?Flop 3.3V/5V ECL 8?Bit Serial/Parallel Converter 3.3V / 5V ECL Differential Data and Clock D Flip?Flop 3.3V / 5V ECL 4:1 Differential Multiplexer 3.3V / 5V ECL 2:1 Multiplexer 9?Bit TTL to ECL Translator 3.3V / 5V ECL 8?Bit Synchronous Binary Up Counter 3.3V / 5V ECL 2?Input Differential AND/NAND 3.3V / 5V ECL Quad 4?Input OR/NOR 3.3V / 5V ECL Quad 2?Input Differential AND/NAND 3.3 V / 5 V Hex Differential Line Receiver/Driver 3.3V / 5V ECL 1:2 Differential Fanout Buffer 3.3V / 5V ECL 卤2/4, 卤4/5/6 Clock Generation Chip 3.3V / 5V ECL Differential Receiver/Driver with Internal Termination 3.3V ECL Programmable Delay Chip 3.3V / 5V ECL D Flip?Flop with Set and Reset 3.3V / 5V ECL 卤2 Divider 3.3V / 5V ECL 卤4 Divider 3.3 V/5 V 8-Bit CMOS/ECL/TTL Data Input Parallel/Serial Converter 3.3V / 5V ECL 6?Bit Differential Register with Master Reset 3.3V / 5V ECL D Flip?Flop with Reset and Differential Clock 3.3V / 5V ECL Dual Differential 2:1 Multiplexer 3.3V / 5V ECL Coaxial Cable Driver ?3.3V / ?5V Triple ECL Input to LVPECL/PECL Output Translator 3.3V LVTTL/LVCMOS to Differential LVPECL Translator
|
ONSEMI[ON Semiconductor]
|
NB100LVEP221FAR2 NB100LVEP221 NB100LVEP221FA NB100 |
2.5V/3.3V 1:20 Differential HSTL/ECL/PECL Clock Driver 2.5V/3.3V:20差分HSTL / ECL / PECL的时钟驱动器
|
ONSEMI[ON Semiconductor]
|
AZH16VS AZ100EL16VSD AZ100EL16VSL |
ECL/PECL Differential Receiver with Variable Output Swing ECL / PECL的差分接收器输出变秋
|
Arizona Microtek, Inc.
|
AZHEL11 AZM100EL11 AZ100EL11D |
ECL/PECL 1:2 Differential Fanout Buffer ECL / PECL的差:2扇出缓冲
|
Electronic Theatre Controls, Inc. ETC
|
MPC9992 |
3.3V Differential ECL/PECL PLL Clock Generator From old datasheet system 3.3 DIFFRERENTIAL ECL/PECL PLL CLOCK GENERATOR
|
Motorola, Inc.
|
AZ100EP16DR1 AZ100EP16DR2 |
3.0 V-3.6 V, ECL/PECL differential receiver
|
Arizona Microtek
|
AZ100EL16DR1 AZ100EL16DR2 |
4.75 V-5.5 V, ECL/PECL differential receiver
|
Arizona Microtek
|
NB100LVEP222-D |
2.5V/3.3V 1:15 Differential ECL/PECL ?1/ ?2 Clock Driver
|
ON Semiconductor
|
MC100ES6017EGR2 MC100ES6017 MC100ES6017DW MC100ES6 |
3.3V ECL/PECL Quad Differential Receiver
|
Freescale (Motorola) FREESCALE[Freescale Semiconductor, Inc]
|
SY100EP57VK4G SY100EP57VK4GTR |
3.3V/5V PECL/ECL 3GHz DIFFERENTIAL 4:1 MULTIPLEXER
|
Micrel Semiconductor
|
SY100EP57V SY100EP57VK4ITR SY100EP57VK4C SY100EP57 |
3.3V/5V PECL/ECL 3GHz DIFFERENTIAL 4:1 MULTIPLEXER
|
MICREL[Micrel Semiconductor]
|