PART |
Description |
Maker |
AMS1508 AMS1508CM AMS1508CM-15 AMS1508CM-25 AMS150 |
2.85V 8A low dropout voltage regulator 1.5V 8A low dropout voltage regulator 3.0V 8A low dropout voltage regulator 2.5V 8A low dropout voltage regulator Dual 2-to-4 Line Decoder/Demultiplexer 16-SOIC -55 to 125 8A LOW DROPOUT VOLTAGE REGULATOR 8A条低压差稳压
|
ADMOS[Advanced Monolithic Systems] Advanced Monolithic Systems, Inc.
|
ZXCL330E5 ZXCL280 ZXCL280E5 ZXCL280H5 ZXCL1250H5 Z |
ULTRA SMALL MICROPOWER SC70 LOW DROPOUT REGULATORS IC-SM-2.6V 150MA LDO REG Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 3.3 V FIXED POSITIVE LDO REGULATOR, 0.28 V DROPOUT, PDSO5 IC-SM-2.8V 150MA LDO REG
|
ZETEX[Zetex Semiconductors] Vishay Semiconductors ZETEX PLC
|
NCP500SN50T1G NCP500SN18T1G |
150 mA CMOS Low Noise Low−Dropout Voltage Regulator 5 V FIXED POSITIVE LDO REGULATOR, 0.18 V DROPOUT, PDSO5 150 mA CMOS Low Noise Low−Dropout Voltage Regulator 1.8 V FIXED POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PDSO5
|
ON Semiconductor
|
NCV500SN185T1G NCV500SN33T1G NCV500SN18T1G NCV500S |
150 mA CMOS Low Noise Low-Dropout Voltage Regulator
|
ON Semiconductor
|
MC33263 MC33263NW-28R2 MC33263NW-30R2 MC33263NW-32 |
Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control 2.8 V FIXED POSITIVE LDO REGULATOR, 0.26 V DROPOUT, PDSO6 Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control 4 V FIXED POSITIVE LDO REGULATOR, 0.26 V DROPOUT, PDSO6 Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control 3 V FIXED POSITIVE LDO REGULATOR, 0.26 V DROPOUT, PDSO6
|
ONSEMI[ON Semiconductor]
|
NCP511-D |
150 mA CMOS Low Iq Low-Dropout Voltage Regulator
|
ON Semiconductor
|
NCV4266ST50T3G NCV4266ST33T3G |
150 mA Low-Dropout Voltage Regulator with Enable
|
ON Semiconductor
|
MAX6329 MAX6329WL MAX6349ZP MAX6329SH MAX6329SL MA |
1.8 V, 150 mA, SOT23, low-dropout linear regulator with internal microprocessor reset circuit 2.5 V, 150 mA, SOT23, low-dropout linear regulator with internal microprocessor reset circuit Analog IC FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, 0.36 V DROPOUT, PDSO6 Analog IC FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO6 1.45-W Mono Class-D Audio Amplifier with 1.8V Compatible Shutdown Voltage (TPA2006) 8-SON -40 to 85 "150mA, SOT23, Low-Dropout Linear Regulators with Internal Microprocessor Reset Circuit"
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor MAXIM INTEGRATED PRODUCTS INC
|
NCP4623HSN050T1G NCP4623HSNADJT1G NCP4623HMX033TCG |
150 mA, Wide Input Voltage Range, Low Dropout Regulator 150 mA, Wide Input Voltage Range, Low Dropout Regulator
|
ON Semiconductor
|
CLM2810 CLM2810-33 CLM2810AT CLM2810AT-X CLM2810M |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection ADJUSTABLE POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSFM3 2.85V / 1.0A Low Dropout Regulator 10V / 1.0A Low Dropout Regulator 12V / 1.0A Low Dropout Regulator 3.3V / 1.0A Low Dropout Regulator Ajustable 1.0A Low Dropout Regulator
|
Calogic LLC CALOGIC[Calogic, LLC] Calogic LLC
|