PART |
Description |
Maker |
100395QC 100395 100395QCX 100395CW |
ECL-to-TTL Translator 9 ECL TO TTL TRANSLATOR, TRUE OUTPUT, PQCC28 Low Power 9-Bit ECL-to-TTL Translator with Registers(低功耗、单电源、带寄存器的9位ECL电平到TTL电平转换 From old datasheet system Low Power Hex TTL-to-ECL Translator
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
AND8090 AND8090D MC100H601 MC100H601FN MC10H106FN |
3.3V / 5V ECL Quad 2-Input Differential AND/NAND 5V ECL Low Impedance Driver LOW VOLTAGE DUAL 1:4, 1:5 DIFFERENTIAL FANOUT BUFFER 8 Input Priority Encoder 3.3V ECL Triple D-Type Flip-Flop with Set and Reset 3.3V / 5V ECL Quad D Flip Flop with Set, Reset, and Differential Clock 3.3V Dual Differential LVPECL to LVTTL Translator 3.3V / 5V ECL 6-Bit Differential Register with Master Reset 3.3V ECL 1:15 Differential ÷1/÷2 Clock Driver Fibre Channel Coaxial Cable Driver and Loop Resillency Circuit 3.3 V 1:9 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Enable 3.3V / 5V ECL 8-Bit Synchronous Binary Up Counter 2.5 V/3.3 V SiGe Selectable Differential Clock and Data D Flip-Flop/Clock Divider with Reset and OLS 3.3V / 5V Programmable PLL Synthesized Clock Generator (25 to 400 MHz) 2.5 V/3.3 V SiGe 1:2 Differential Clock Driver with RSECL Outputs 2.5 V/3.3 V SiGe 1:10 Differential Clock Driver with RSECL Outputs Triple 4-3-3-Input NOR Gate 9-Bit ECL-TTL Translator AC Characteristics of ECL Devices
|
Motorola ONSEMI[ON Semiconductor]
|
MC100E310-D |
5V ECL Low Voltage 2:8 Differential Fanout Buffer
|
ON Semiconductor
|
MC100EP1111FA MC100EP111 |
LOW-VOLTAGE 1:10 DIFFERENTIAL ECL/PECL CLOCK DRIVER
|
Motorola, Inc
|
MC100EP016 MC100EP445FAR2 MC10H424FN MC100EP016A M |
3.3V / 5V ECL 8-Bit Synchronous Binary Up Counter 3.3V / 5VECL 8-Bit Serial/Parallel Converter Quad TTL-ECL Translator 5V ECL 6-Bit 2:1 Mux Latch 4-Wide OR-AND/OR-ANDbar Gate Quad 2-Input AND Gate 3.3V / 5V ECL ÷2 Divider 3.3V / 5V ECL Quad 2-Input Differential AND/NAND 5V ECL Quad 4-Input OR/NOR Gate
|
ON Semiconductor
|
MC100ES6210FA MC100ES6210 MC100ES6210AC |
Low Voltage 2.5/3.3 V Differential ECL/PECL/HSTL Fanout Buffer
|
FREESCALE[Freescale Semiconductor, Inc]
|
PCK210BD PCK210BS PCK210 |
Low voltage dual 1-5 differential ECL/PECL clock driver
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
MC100ES611 |
Low Voltage 2.5/3.3V Differential Ecl/lvpecl/hstl Fanout Buffer
|
MOTOROLA
|
MC100LVE111FN MC100LVE111FNR2 MC100LVE111 MC100LVE |
3.3V ECL 1:9 Differential Clock Driver LOW-VOLTAGE 1:9 DIFFERENTIAL ECL/PECL CLOCK DRIVER
|
ONSEMI[ON Semiconductor]
|
MC100ELT23 MC100EL12DTR2 MC10H131FNR2 MC100H640FNR |
5V Dual Differential PECL to TTL Translator 5V ECL Low Impedance Driver Dual Type D Master-Slave Flip-Flop ECL/TTL Clock Driver 3.3V / 5V ECL Quad D Flip Flop with Set, Reset, and Differential Clock 3.3V / 5V ECL ÷4 Divider Quad 2-Input NOR Gate 3.3V ECL Dual Differential Data and Clock D-Type Flip-Flop with Set and Reset 3.3V / 5V Hex Differential Line Receiver / Driver 3.3V / 5V Triple ECL Input to LVPECL/PECL Output Translator
|
ON Semiconductor
|
ICS853014 ICS853014BG ICS853014BGLF ICS853014BGLFT |
Hex inverter buffers / drivers with high-voltage outputs 14-SOIC 0 to 70 From old datasheet system LOW SKEW, 1-TO-5 2.5V/3.3V DIFFERENTIAL-TO-LVPECL/ECL FANOUT BUFFER Low Skew, 1-to-5, Differential-to-LVPECL Fanout Buffer. Industrial Temperature. Improved Performance.
|
ICST[Integrated Circuit Systems]
|