PART |
Description |
Maker |
M29F160BB M29F160BT 6678 |
16 Mbit (2Mb x8 or 1Mb x16, Boot Block)Single Supply Flash Memory From old datasheet system
|
STMicro
|
M29DCL3-16T -M29DCL3-16T |
16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory 16兆位(含2Mb x8兆x16插槽,引导块V电源快闪记忆
|
意法半导 STMicroelectronics N.V.
|
M295V160BB70N1T M29F160 M295V160BB55N1T M295V160BT |
16 Mbit 2Mb x8 or 1Mb x16, Boot Block Single Supply Flash Memory 16 Mbit 2Mb x8 or 1Mb x16 / Boot Block Single Supply Flash Memory 8-Bit, 0.1 us Dual MDAC, Parallel Input, Fast Control Signalling for DSP, Easy Micro I/F 20-PLCC -25 to 85 16-Bit Bus Transceiver with 3-State Outputs 56-BGA MICROSTAR JUNIOR -40 to 85 16兆位Mb x81兆x16插槽,启动座单电源闪 16 Mbit 2Mb x8 or 1Mb x16, Boot Block Single Supply Flash Memory 16兆位Mb x81兆x16插槽,启动座单电源闪 8-Bit, 0.1 us Dual MDAC, Parallel Input, Fast Control Signalling for DSP, Easy Micro I/F 20-PDIP -40 to 85 16兆位Mb x81兆x16插槽,启动座单电源闪 16-Bit Transparent D-Type Latch With 3-State Outputs 48-TVSOP -40 to 85 16兆位Mb x8兆x16插槽,启动座单电源闪 16-Bit Edge-Triggered D-Type Flip-Flop With 3-State Outputs 48-TVSOP -40 to 85 16兆位Mb x8兆x16插槽,启动座单电源闪
|
ST Microelectronics 意法半导 STMicroelectronics N.V.
|
M29DW324DB70ZA6 M29DW324DB70ZA6F M29DW324DB70ZE6F |
CABLE ASSEMBLY; LEAD-FREE SOLDER; N MALE TO N FEMALE; 50 OHM, RG225/U COAX, DOUBLE SHIELDED 32 Mbit 4Mb x8 or 2Mb x16, Dual Bank 16:16, Boot Block 3V Supply Flash Memory 32兆位4Mb的x8或功能的2Mb x16插槽,双66分,启动V电源快闪记忆 32 Mbit 4Mb x8 or 2Mb x16, Dual Bank 16:16, Boot Block 3V Supply Flash Memory 32兆位4Mb的x8或功能的2Mb x16插槽,双66分,启动3V电源快闪记忆 32 Mbit 4Mb x8 or 2Mb x16, Dual Bank 16:16, Boot Block 3V Supply Flash Memory 32兆位4Mb的x8或功能的2Mb x16插槽,双1616分,启动V电源快闪记忆 32 Mbit 4Mb x8 or 2Mb x16 / Dual Bank 16:16 / Boot Block 3V Supply Flash Memory
|
SGS Thomson Microelectronics 意法半导 STMicroelectronics N.V. ST Microelectronics
|
M36W216TI-ZAT M36W216BIZA M36W216TIZA M36W216TI70Z |
16 Mbit 1Mb x16, Boot Block Flash Memory and 2 Mbit 128Kb x16 SRAM, Multiple Memory Product 16兆x16插槽,开机区块快闪记忆体兆位128KB的x16的SRAM,多个存储产 16 Mbit 1Mb x16, Boot Block Flash Memory and 2 Mbit 128Kb x16 SRAM, Multiple Memory Product 16兆x16插槽,开机区块快闪记忆体2兆位128KB的x16的SRAM,多个存储产 PV76L14-18P
|
http:// STMicroelectronics N.V. 意法半导
|
M36DR432AD M36DR432AD10ZA6T M36DR432AD12ZA6T M36DR |
32 Mbit 2Mb x16, Dual Bank, Page Flash Memory and 4 Mbit 256Kb x16 SRAM, Multiple Memory Product
|
STMICROELECTRONICS[STMicroelectronics]
|
M36W432TG70ZA1T M36W432TG85ZA6T M36W432TG-ZAT M36W |
32 Mbit 2Mb x16, Boot Block Flash Memory and 4 Mbit 256Kb x16 SRAM, Multiple Memory Product
|
意法半导
|
M36W832TE70ZA1T M36W832TE85ZA1T M36W832TE-ZAT M36W |
SPECIALTY MEMORY CIRCUIT, PBGA66 32 Mbit 2Mb x16, Boot Block Flash Memory and 8 Mbit 512Kb x16 SRAM, Multiple Memory Product
|
SGS Thomson Microelectronics NUMONYX 意法半导 ST Microelectronics
|
M28W320ECB85N6E M28W320ECT10N6E M28W320ECT70N6E M2 |
32 Mbit (2Mb x16/ Boot Block) 3V Supply Flash Memory 32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory 32兆位(处理器x16插槽,引导块V电源快闪记忆
|
ST Microelectronics STMicroelectronics N.V.
|
M58LW032A90ZA6T M58LW032A90ZA1T M58LW032A90N6T M58 |
32 Mbit 2Mb x16, Uniform Block, Burst 3V Supply Flash Memory 32兆位Mb x16插槽,统一座,突发3V电源快闪记忆 32 Mbit 2Mb x16 / Uniform Block / Burst 3V Supply Flash Memory
|
STMicroelectronics N.V. ST Microelectronics
|
M36W432TG-ZAT M36W432BGZA M36W432BG70ZA6T M36W432B |
32 Mbit 2Mb x16, Boot Block Flash Memory and 4 Mbit 256Kb x16 SRAM, Multiple Memory Product 32 MBIT (2MB X16, BOOT BLOCK) FLASH MEMORY AND 4 MBIT (256KB X16) SRAM, MULTIPLE MEMORY PRODUCT
|
ST Microelectronics
|