PART |
Description |
Maker |
74ALVC16374 74ALVC16374GX 74ALVC16374MTD 74ALVC163 |
16-Bit D-Type Flip-Flop 16D型触发器 From old datasheet system Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs
|
ON Semiconductor Fairchild Semiconductor
|
74LVT16374 74LVTH16374 74LVT16374GX 74LVTH16374GX |
32K, 4K X 8, 2.5V SER EE EXT, -40C to 125C, 8-SOIC 208mil, T/R 触发器| 16位| D型|小型终端/ ALVT,BICMOS工艺| SSOP封装| 48PIN |塑料 Low Voltage 16-Bit D-Type Flip-Flop From old datasheet system Low Voltage 16-Bit D Flip-Flop with 3-STATE Outputs
|
ON Semiconductor Fairchild Semiconductor
|
74ABT823 74ABT823D 74ABT823DB 74ABT823N 74ABT823PW |
9-bit D-type flip-flop with reset and enable (3-State) 10-bit buffer/line driver/ non-inverting 3-State 9-bit D-type flip-flop with reset and enable 3-State ABT SERIES, 9-BIT DRIVER, TRUE OUTPUT, PDSO24
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
MC74HC374A-D MC74HC374ADW MC74HC374ADWR2 MC74HC374 |
Octal 3-State Non-Inverting D Flip-Flop High-Performance Silicon-Gate CMOS Octal 3-State Noninverting D Flip-Flop Octal D-Type Flip-Flop
|
ON Semiconductor Motorola
|
74LVC16374A 74LVC16374ADGG 74LVC16374ADL 74LVCH163 |
16-bit edge triggered D-type flip-flop with 5 V tolerant inputs/outputs (3-State) From old datasheet system 16-bit edge triggered D-type flip-flop with 5 Volt tolerant inputs/outputs 3-State LVC/LCX/Z SERIES, DUAL 8-BIT DRIVER, TRUE OUTPUT, PDSO48
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
KIC7WZ74FK |
D Flip Flop SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(D-TYPE FLIP FLOP WITH PRESET AND CLEAR)
|
Korea Electronics (KEC) KEC[KEC(Korea Electronics)]
|
IDT74LVC823A IDT74LVC823APY |
3.3V CMOS 9-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O 3.3V的CMOS 9位总线接口触发器具有三态输出和5伏电压的I / O 3.3V CMOS 9-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O LVC/LCX/Z SERIES, 9-BIT DRIVER, TRUE OUTPUT, PDSO24
|
Integrated Device Technology, Inc.
|
MC10H109FNR2 MC10H131 MC100EP140 MC100E155FN MC100 |
Dual 4-5-Input OR/NOR Gate Dual Type D Master-Slave Flip-Flop 3.3V ECL Phase-Frequency Detector 5V ECL 6-Bit 2:1 Mux Latch 5V ECL Differential Data and Clock D Flip-Flop 3.3 V 1:9 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Enable 3.3V ECL 1:15 Differential ÷1/÷2 Clock Driver ECL/TTL Clock Driver 3.3V / 5V 2-Input Differential AND/NAND 5V ECL 2:1 Multiplexer 3.3V / 5V ECL JK Flip Flop 3.3V ECL 1:4 ÷ 1/÷ 2 Clock Fanout Buffer 3.3V / 5V Hex Differential Line Receiver / Driver 3.3V 10-bit LVTTL/LVCMOS to LVPECL Translator Dual 2-Bit Adder/Subtractor
|
ON Semiconductor
|
MC100EL51DG MC100EL51DR2G MC100EL51DT MC100EL51DTG |
5V ECL Differential Clock D Flip-Flop 10EL SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, DSO8 5V ECL Differential Clock D Flip-Flop 10EL SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, PDSO8 5V ECL Differential Clock D Flip-Flop; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Rail; Qty per Container: 98 10EL SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, PDSO8 5V ECL Differential Clock D Flip-Flop(5V ECL 差分时钟D触发
|
ONSEMI[ON Semiconductor]
|
MC100EP16VA MC100EP17 MC100EP29 MC100EP35 MC100EP4 |
3.3V / 5V ECL Differential Receiver/Driver with High Gain 3.3V / 5V ECL Quad Differential Driver/Receiver 3.3V / 5V ECL Dual Differential Data and Clock D Flip?Flop With Set and Reset 3.3V / 5V ECL JK Flip?Flop 3.3V/5V ECL 8?Bit Serial/Parallel Converter 3.3V / 5V ECL Differential Data and Clock D Flip?Flop 3.3V / 5V ECL 4:1 Differential Multiplexer 3.3V / 5V ECL 2:1 Multiplexer 9?Bit TTL to ECL Translator 3.3V / 5V ECL 8?Bit Synchronous Binary Up Counter 3.3V / 5V ECL 2?Input Differential AND/NAND 3.3V / 5V ECL Quad 4?Input OR/NOR 3.3V / 5V ECL Quad 2?Input Differential AND/NAND 3.3 V / 5 V Hex Differential Line Receiver/Driver 3.3V / 5V ECL 1:2 Differential Fanout Buffer 3.3V / 5V ECL 卤2/4, 卤4/5/6 Clock Generation Chip 3.3V / 5V ECL Differential Receiver/Driver with Internal Termination 3.3V ECL Programmable Delay Chip 3.3V / 5V ECL D Flip?Flop with Set and Reset 3.3V / 5V ECL 卤2 Divider 3.3V / 5V ECL 卤4 Divider 3.3 V/5 V 8-Bit CMOS/ECL/TTL Data Input Parallel/Serial Converter 3.3V / 5V ECL 6?Bit Differential Register with Master Reset 3.3V / 5V ECL D Flip?Flop with Reset and Differential Clock 3.3V / 5V ECL Dual Differential 2:1 Multiplexer 3.3V / 5V ECL Coaxial Cable Driver ?3.3V / ?5V Triple ECL Input to LVPECL/PECL Output Translator 3.3V LVTTL/LVCMOS to Differential LVPECL Translator
|
ONSEMI[ON Semiconductor]
|
74ABT534APWDH 74ABT534A 74ABT534AD 74ABT534ADB 74A |
Octal D-type flip-flop, inverting 3-State ABT SERIES, 8-BIT DRIVER, INVERTED OUTPUT, PDSO20 From old datasheet system Octal D-type flip-flop, inverting (3-State)
|
NXP Semiconductors N.V. IRF[International Rectifier] Philips
|