PART |
Description |
Maker |
67491-0032 |
1.27mm (.050") Pitch Serial ATA High Speed Header, Through Hole, Vertical, 7Circuits, 0.38渭m (15渭") Gold (Au) Selective Plating, with 2.05mm (.081") PC TailLeng 1.27mm (.050) Pitch Serial ATA High Speed Header, Through Hole, Vertical, 7Circuits, 0.38μm (15μ) Gold (Au) Selective Plating, with 2.05mm (.081) PC TailLength, for 1.60mm (.063) PCB
|
Molex Electronics Ltd.
|
SD-47018-001 47018-2002 0470182002 |
1.27mm (.050) Pitch Serial ATA Host Receptacle, Mating Height 4.30mm 1.27mm (.050") Pitch Serial ATA Host Receptacle, Mating Height 4.30mm
|
Molex Electronics Ltd.
|
0473062101 473062101 SD-47306-001 |
1.27mm (.050) Pitch Serial ATA High Speed Header, Vertical, Surface Mount 1.27mm (.050") Pitch Serial ATA High Speed Header, Vertical, Surface Mount
|
Molex Electronics Ltd.
|
0877011001 87701-1001 |
1.27mm (.050") Pitch Serial ATA Host Receptacle, Press-fit, Vertical, Standard Height0.76渭m (30渭") Gold (Au) Selective, 22 Circuits, Leadfree 1.27mm (.050) Pitch Serial ATA Host Receptacle, Press-fit, Vertical, Standard Height0.76μm (30μ) Gold (Au) Selective, 22 Circuits, Leadfree
|
Molex Electronics Ltd.
|
87781-1001 0877811001 |
1.27mm (.050) Pitch Serial ATA Host Receptacle, Surface Mount, Vertical, Extended Height, 0.76μm (30μ) Gold (Au) Selective, 22 Circuits, Leadfree 1.27mm (.050) Pitch Serial ATA Host Receptacle, Surface Mount, Vertical, Extended Height, 0.76楼矛m (30楼矛) Gold (Au) Selective, 22 Circuits, Leadfree
|
Molex Electronics Ltd.
|
48325-4002 0483254002 |
1.00mm (.039), 1.27mm (.050) Pitch Slimline Serial ATA Receptacle, Right Angle,Reverse Type, Through Hole, 0.38μm (15μ) Gold (Au) Plating, Mounted Height:5.80mm (.228) 1.00mm (.039"), 1.27mm (.050") Pitch Slimline Serial ATA Receptacle, Right Angle,Reverse Type, Through Hole, 0.38渭m (15渭") Gold (Au) Plating, Mounted Height:5.8
|
Molex Electronics Ltd.
|
67492-1632 0674921632 |
1.27mm (.050") Pitch Serial ATA Host Receptacle, Right Angle, SMT, Mating Height4.45mm (.175"), 0.38渭m (15渭") Gold (Au) Plating, with Cap,Embossed Tape on ReelP 1.27mm (.050) Pitch Serial ATA Host Receptacle, Right Angle, SMT, Mating Height4.45mm (.175), 0.38μm (15μ) Gold (Au) Plating, with Cap,Embossed Tape on ReelPackaging, 22 Circuits, Lead Free
|
Molex Electronics Ltd.
|
0483255002 48325-5002 |
1.00mm (.039"), 1.27mm (.050") Pitch Slimline Serial ATA Receptacle, Right Angle, Reverse Type 1.00mm (.039), 1.27mm (.050) Pitch Slimline Serial ATA Receptacle, Right Angle, Reverse Type
|
Molex Electronics Ltd.
|
48325-1106 0483251106 |
1.00mm (.039), 1.27mm (.050) Pitch Slimline Serial ATA Receptacle, Right Angle, Reverse Type 1.00mm (.039"), 1.27mm (.050") Pitch Slimline Serial ATA Receptacle, Right Angle, Reverse Type
|
Molex Electronics Ltd.
|
0675810001 67581-0001 |
1.27mm (.050") Pitch Serial ATA Crimp Terminal for Power Cable Receptacle, 0.76渭m(30渭") Gold (Au) Plating, with Reel Direction - Type 1, Lead free 1.27mm (.050) Pitch Serial ATA Crimp Terminal for Power Cable Receptacle, 0.76μm(30μ) Gold (Au) Plating, with Reel Direction - Type 1, Lead free
|
Molex Electronics Ltd.
|
47392-0101 0473920101 |
1.27mm (.050") Pitch External Improved Metal-Shielded Serial ATA Plug, Through Hole, Right Angle, 0.38um 1.27mm (.050) Pitch External Improved Metal-Shielded Serial ATA Plug, Through Hole, Right Angle, 0.38um
|
Molex Electronics Ltd.
|
0678008235 |
1.27mm (.050) Pitch Serial ATA High Speed Header, Vertical, Through Hole, with Locking Latch, 7 Circuits
|
Molex Electronics Ltd.
|
|