PART |
Description |
Maker |
69217 69216 69218 45439 307544-3 307544-1 |
SOLISTRAND* Crimping Dies (Used in Crimping Heads69097 and 69099) SOLISTRAND Crimping Dies
|
List of Unclassifed Manufacturers List of Unclassifed Manufac... Tyco Electronics
|
BLK-89 |
Coaxial DC Block SMA 0.0001 to 8 GHz 0.1 MHz - 8000 MHz RF/MICROWAVE INSIDE DC BLOCK, 0.9 dB INSERTION LOSS-MAX Coaxial DC Block SMA 0.0001 to 8 GHz
|
MINI[Mini-Circuits]
|
NCD330K15KVNPOCTRF NCD330C15KVNPOCTRF NCD330K15KVN |
CAPACITOR, CERAMIC, 15000 V, C0G, 0.000033 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, CERAMIC, 3000 V, C0G, 0.0001 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, CERAMIC, 2000 V, C0G, 0.0001 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, CERAMIC, 5000 V, C0G, 0.0001 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, CERAMIC, 2000 V, C0G, 0.0000015 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, CERAMIC, 10000 V, SL, 0.0001 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, CERAMIC, 3000 V, SL, 0.0001 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, CERAMIC, 2000 V, SL, 0.0001 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, CERAMIC, 5000 V, SL, 0.0001 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, CERAMIC, 15000 V, SL, 0.0001 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT
|
NIC Components, Corp.
|
HSMS-0001 |
HSMS-0001
|
American Microsemiconductor Inc.
|
BMM603-2C BMM603-3C BMM603-1PQ BMM603-1SQ BMM603-1 |
Modular ferrule fuse blocks
|
Cooper Bussmann, Inc.
|
1-745508-0 1-745508-1 1-745508-2 745508-3 745508-4 |
FERRULE, CABLE, CLAMP SPLIT RING
|
Tyco Electronics
|
FWA-50A21F |
Ferrule style high speed fuses.
|
Cooper Bussmann, Inc.
|
WSMS2908 |
Power Metal Strip Meter Shunt Resistor Very Low Value (down to 0.0001)
|
Vishay Siliconix
|
WSMS2908 |
Power Metal Strip? Meter Shunt Resistor, Very Low Value (down to 0.0001 Ω)
|
Vishay Siliconix
|
CGD942C |
Hybrid amplifier module operating at a supply voltage of 24 V (DC), employing Hetero Field-Effect Transistor (HFET) GaAs dies. CGD942C<SOT115J|<<<1<Always Pb-free,;
|
NXP Semiconductors N.V.
|
0409700000 |
Wire-end ferrule, 1 mm2, 6 mm, Colour code: Weidmüller, yellow
|
Weidmuller
|
1060265600 |
LC/APC Connector, Singlemode, 126μm Ceramic Ferrule, 2.00mm Simplex Cable
|
Molex Electronics Ltd.
|
|