PART |
Description |
Maker |
UF450-T47-T |
12 Amps, 500 Volts N-CHANNEL POWER MOSFET
|
Unisonic Technologies
|
7N50L-TF1-T 7N50G-TF1-T 7N50G-TA3-T 7N50L-TA3-T |
7 Amps, 500 Volts N-CHANNEL POWER MOSFET
|
Unisonic Technologies
|
8N50L-TF1-T 8N50G-TF1-T 8N50G-TA3-T 8N50L-TA3-T |
8 Amps, 500 Volts N-CHANNEL POWER MOSFET
|
Unisonic Technologies
|
MTW20N50E-D |
Power MOSFET 20 Amps, 500 Volts N-Channel TO-247
|
ON Semiconductor
|
SFF430G |
4.5 AMP 500 VOLT 1.6 ohm N-Channel Power MOSFET
|
SSDI[Solid States Devices, Inc]
|
APL502B2 APL502L APL502LG |
LINEAR MOSFET Power MOSFET; Package: TO-264 [L]; ID (A): 58; RDS(on) (Ohms): 0.09; BVDSS (V): 500; 58 A, 500 V, 0.09 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-264AA
|
Microsemi Corporation Microsemi, Corp.
|
NTTD1P02R2-D NTTD1P02R2/D |
Power MOSFET -1.45 Amps-20 Volts Power MOSFET -1.45 Amps, -20 Volts P-Channel Enhancement Mode Dual Micro8 Package
|
ON Semiconductor
|
IXFH24N50 IXFH26N50 IXFT26N50 IXFM24N50 IXFH26N50S |
26 A, 500 V, 0.2 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247AD 2MM TERMINAL STRIPS HiPerFET Power MOSFETs 24 A, 500 V, 0.23 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-204AE
|
IXYS[IXYS Corporation] IXYS, Corp.
|
PPF440J |
N Channel MOSFET; Package: TO-257; ID (A): 4.4; RDS(on) (Ohms): 0.85; PD (W): 60; BVDSS (V): 500; Rq: 2.1; 7 A, 500 V, 0.85 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-257AB
|
Microsemi, Corp.
|
NTD24N06L NTD24N06L-1 NTD24N06L-1G NTD24N06LG NTD2 |
Power MOSFET 24 Amps, 60 Volts, Logic Level N-Channel DPAK; Package: DPAK 4 LEAD Single Gauge Surface Mount; No of Pins: 4; Container: Tape and Reel; Qty per Container: 2500 24 A, 60 V, 0.045 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 24Amps, 60Volts Logic Level N-Channel DPAK(24A, 60 V,逻辑电平,N通道,DPAK封装的功率MOSFET) Power MOSFET 24 Amps, 60 Volts Logic Level, N−Channel DPAK
|
ON Semiconductor
|
NTMD2P01R2 NTMD2P01R2-D |
Power MOSFET -2.3 Amps, -16 Volts Dual SO-8 Package Power MOSFET -2.3 Amps, -16 Volts Dual SO Package(-2.3A16V,双通道SO-8封装的功率MOSFET) 2.3 A, 16 V, 0.1 ohm, 2 CHANNEL, P-CHANNEL, Si, POWER, MOSFET
|
ON Semiconductor
|
2N7228 JX2N7228 JV2N7228 |
POWER MOS IV JEDEC REGISTERED N - CHANNEL HIGH VOLTAGE POWER MOSFETS 500 Volt 0.415 Ohm
|
ADPOW[Advanced Power Technology] Advanced Power Technolo...
|
|