PART |
Description |
Maker |
MC68HC11KW1 |
High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
|
Freescale Semiconductor, Inc
|
MC68HC705SR3 68HC705SR3 |
High-density Complementary Metal Oxide Semiconductor (HCMOS) Microcontroller Units
|
MOTOROLA[Motorola, Inc]
|
MC68HC705BXX 68HC05B |
High-density Complementary Metal Oxide Semiconductor (HCMOS) Microcomputer Unit
|
Motorola Inc
|
MC68HC11PH8 |
High-density Complementary Metal Oxide Semiconductor (HCMOS) Microcomputer Unit 高密度互补金属氧化物半导体(HCMOS)微机组
|
Motorola Mobility Holdings, Inc.
|
SCFS12000 SCFS10000 SCFS2000 SCFS4000 SCFS6000 SCF |
1.5 A, 4000 V, SILICON, RECTIFIER DIODE FAST RECOVERY HIGH VOLTAGE RECTIFIER ASSEMBLY High Voltage,High Density Fast Recovery Rectifier(反向电压4000V,温55℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压6000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压12000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压2000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压10000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(????靛?12000V锛?俯搴?5???骞冲??存??垫?1.5A,楂??锛??瀵?害锛?揩???澶??娴??)
|
Semtech Corporation
|
ISPLSI2096E-100LQ128 ISPLSI2096E-100LT128 ISPLSI20 |
In-SystemProgrammableSuperFASTHighDensityPLD In-System Programmable SuperFAST?/a> High Density PLD In-System Programmable SuperFAST High Density PLD In-System Programmable SuperFAST⑩ High Density PLD In-System Programmable SuperFASTHigh Density PLD EE PLD, 10 ns, PQFP128 In-System Programmable SuperFAST??High Density PLD
|
LATTICE[Lattice Semiconductor] Lattice Semiconductor, Corp. LATTICE SEMICONDUCTOR CORP
|
1024-60LH_883 ISPLSI1024-60LH_883 1024 1024-60LH/8 |
60 MHz in-system prommable high density PLD In-System Programmable High Density PLD EE PLD, 25 ns, PQCC68 :4; Features:Alumunium Foil Polyester/Tinned Copper Braid; Impedance:120ohm RoHS Compliant: Yes
|
Lattice Semiconductor, Corp. Lattice Semiconductor Corporation LATTICE[Lattice Semiconductor] http://
|
1032-60LG_883 1032-60LJ 1032-60LJI 1032-60LT 1032- |
High-Density Programmable Logic In-System Programmable High Density PLD
|
LATTICE[Lattice Semiconductor]
|
SCF10000 SCF5000 SCF7500 SCF12500 SCF2500 |
High Voltage,High Density Fast Recovery Rectifier(反向电压2500V,温5℃时平均整流电流0.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压12500V,温5℃时平均整流电流0.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压7500V,温5℃时平均整流电流0.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压10000V,温5℃时平均整流电流0.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压5000V,温5℃时平均整流电流0.5A,高压,高密度,快速恢复整流器) FAST RECOVERY HIGH VOLTAGE RECTIFIER ASSEMBLY
|
Semtech Corporation
|
ISPLSI2192VE100LB144 ISPLSI2192VE100LB144I ISPLSI2 |
3.3V In-System Programmable SuperFAST?High Density PLD 3.3V In-System Programmable SuperFAST?/a> High Density PLD 3.3V In-System Programmable SuperFAST High Density PLD 3.3V In-System Programmable SuperFAST垄芒 High Density PLD 3.3V In-System Programmable SuperFAST⑩ High Density PLD EE PLD, 13 ns, PQFP128
|
LATTICE SEMICONDUCTOR CORP
|
ISPLSI5512VA-100LB272 ISPLSI5512VA-70LQ208 5512VA |
70 MHz in-system prommable 3.3V superWIDE high density PLD In-System Programmable 3.3V SuperWIDE⑩ High Density PLD In-System Programmable 3.3V SuperWIDE High Density PLD 110 MHz in-system prommable 3.3V superWIDE high density PLD
|
LATTICE[Lattice Semiconductor]
|