PART |
Description |
Maker |
2SB892-R 2SD1207-S 2SD1207S |
2000 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR 2000 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR PNP / NPN Epitaxial Planar Silicon Transistors
|
SANYO SEMICONDUCTOR CO LTD ON Semiconductor
|
RN6002 |
2000 mA, PNP, Si, SMALL SIGNAL TRANSISTOR
|
|
RN6001TE12L |
2000 mA, PNP, Si, SMALL SIGNAL TRANSISTOR
|
|
2SB926T |
2000 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
SANYO SEMICONDUCTOR CO LTD
|
DSA7004 |
2000 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
PANASONIC CORP
|
ZXTP19100CFF ZXTP19100CFFTA |
2000 mA, 100 V, PNP, Si, SMALL SIGNAL TRANSISTOR 100V, SOT23F, PNP medium power transistor
|
ZETEX PLC Diodes Incorporated Zetex Semiconductors
|
ZTX749 ZTX749D26Z ZTX749D27Z ZTX749J61Z |
PNP Low Saturation Transistor; Package: TO-226; No of Pins: 3; Container: Bulk 2000 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-226AE
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
PZT751T1 ON2781 PZT751T1_D PZT751T3 |
2000 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-261AA SOT-223 PACKAGE HIGH CURRENT PNP SILICON TRANSISTOR SURFACE MOUNT From old datasheet system
|
MOTOROLA INC ON Semi MOTOROLA[Motorola, Inc]
|
KSA1281YBU |
PNP Epitaxial Silicon Transistor 2000 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Fairchild Semiconductor, Corp.
|
ZXTD4591AM832TA |
2000 mA, 40 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR 3 X 2 MM, MLP832, 10 PIN
|
Diodes, Inc.
|
2SC1740SLNTP/S 2SA933ASLNTP/RS 2SA933ALNT93/RS 2SC |
150 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 150 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 200 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR 3000 mA, 20 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 50 mA, 80 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 1000 mA, 32 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 500 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR 50 mA, 120 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 1000 mA, 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR 50 mA, 25 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 5000 mA, 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Lattice Semiconductor, Corp. MERITEK Electronics, Corp.
|
ZXT13P12DE6 ZXT13P12DE6TA ZXT13P12DE6TC |
12V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR 4000 mA, 12 V, PNP, Si, SMALL SIGNAL TRANSISTOR 4000 mA, 12 V, PNP, Si, SMALL SIGNAL TRANSISTOR SOT-23, 6 PIN PNP Low Sat Transistor
|
Zetex Semiconductor PLC Diodes, Inc. Diodes Incorporated ZETEX[Zetex Semiconductors]
|
|