PART |
Description |
Maker |
HY5PS121621BFP |
VDD ,VDDQ =1.8 +/- 0.1V
|
Hynix Semiconductor
|
EM44DM1688LBB-187F EM44DM1688LBB-25F |
JEDEC Standard VDD/VDDQ
|
Eorex Corporation
|
EM44DM0888LBA EM44DM0888LBA-187F EM44DM0888LBA-25F |
JEDEC Standard VDD/VDDQ
|
Eorex Corporation
|
EM47CM1688SBA-125 EM47CM1688SBA-150 EM47CM1688SBB |
JEDEC Standard VDD/VDDQ
|
Eorex Corporation
|
RT9005BGSP |
DDR VDDQ and Termination Voltage Regulator 用于Vddq和终止电压调节器
|
Richtek Technology, Corp.
|
M9280 |
VDD CONTROL
|
ETC List of Unclassifed Manufacturers
|
M1346 |
VDD CONTROL RGB LED IC
|
MOSDESIGN SEMICONDUCTOR CORP ETC[ETC]
|
MT8815 |
8 x 12 Analog Switch Array with Low On-resistance, for (VDD - VEE) = 4.5 V to 13.2 V
|
Zarlink Semiconductor
|
2SK3668 |
Low gate charge QG= 26 nC TYP. (VDD = 320 V, VGS = 10 V, ID = 10 A)
|
TY Semiconductor Co., Ltd
|
MT8809 |
8 x 8 Analog Switch Array with Low On-resistance, for VDD = 4.5 V to 13.2 V, with Chip Select
|
Zarlink Semiconductor
|
MT49H8M36 |
288Mb: x9, x18, x36 2.5V VEXT, 1.8V VDD, HSTL, CIO, RLDRAM II
|
Micron Technology
|