PART |
Description |
Maker |
MG300Q2YS65H |
300 A, 1200 V, N-CHANNEL IGBT IGBT Module Silicon N Channel IGBT High Power & High Speed Switching Applications TOSHIBA IGBT Module Silicon N Channel IGBT
|
Toshiba Semiconductor Toshiba Corporation
|
IXGT40N60B2 IXGH40N60B2 |
IGBT Discretes: Mid-Frequency Range (15KHz-40KHz) Types Single IGBT 75 A, 600 V, N-CHANNEL IGBT, TO-268AA HiPerFAST IGBT
|
IXYS Corporation
|
FGAF40N60UFTU FGAF40N60UFTUNL |
Ultrafast IGBT; Package: TO-3PF; No of Pins: 3; Container: Rail 40 A, 600 V, N-CHANNEL IGBT Ultrafast IGBT 40 A, 600 V, N-CHANNEL IGBT
|
Fairchild Semiconductor, Corp.
|
HGT1S12N60A4S HGTG12N60A4 HGTP12N60A4 FN4656 HGT1S |
600V, SMPS Series N-Channel IGBT From old datasheet system 600V/ SMPS Series N-Channel IGBT 600V, SMPS Series N-Channel IGBT(600V,SMPS系列 N沟道绝缘栅双极型晶体 54 A, 600 V, N-CHANNEL IGBT, TO-247 600V, SMPS Series N-Channel IGBT(600V,SMPS系列 N沟道绝缘栅双极型晶体 54 A, 600 V, N-CHANNEL IGBT, TO-263AB 600V, SMPS Series N-Channel IGBT 54 A, 600 V, N-CHANNEL IGBT, TO-220AB
|
INTERSIL[Intersil Corporation] Intersil, Corp. Fairchild Semiconductor, Corp.
|
MG800J2YS50A |
IGBT Module Silicon N Channel IGBT High Power Switching Applications Motor Control Applications TOSHIBA IGBT Module Silicon N Channel IGBT
|
Toshiba Semiconductor
|
MII75-12A3 MDI75-12A3 MID75-12A3 |
IGBT Modules - Short Circuit SOA Capability Square RBSOA 90 A, 1200 V, N-CHANNEL IGBT IGBT Modules: Boost Configurated IGBT Modules
|
IXYS, Corp. IXYS[IXYS Corporation]
|
GT5G102 GT5G1022-7B5C |
INSULATED GATE BIPOLAR TRANSISTOR SILICON N CHANNEL IGBT STROBE FLASH APPLICATIONS 5 A, 400 V, N-CHANNEL IGBT
|
Toshiba Semiconductor
|
HGTP1N120BN HGTD1N120BNS HGTD1N120BNS9A |
5.3A, 1200V, NPT Series N-Channel IGBT 5.3A, 1200V, NPT Series N-Channel IGBT 5.3 A, 1200 V, N-CHANNEL IGBT, TO-252AA TRANSISTOR | IGBT | N-CHAN | 1.2KV V(BR)CES | 2.7A I(C) | TO-252AA 5.3 A, 1200 V, N-CHANNEL IGBT, TO-252AA
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
IXGH15N120BD1 IXGT15N120BD1 IXGH15N120CD1 IXGT15N1 |
Low VCE(sat) IGBT with Diode High Speed IGBT with Diode 30 A, 1200 V, N-CHANNEL IGBT, TO-247AD
|
IXYS, Corp. IXYS[IXYS Corporation]
|
FGB20N6S2 FGH20N6S2 FGP20N6S2 FGB20N6S2T |
28 A, 600 V, N-CHANNEL IGBT, TO-263AB TO-263AB, 3 PIN 600V/ SMPS II Series N-Channel IGBT 600V, SMPS II Series N-Channel IGBT, TO-263/D2PAK Package
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
VIO125-12P1 VID125-12P1 VDI125-12P1 |
IGBT Modules: Boost Configurated IGBT Modules IGBT Modules 138 A, 1200 V, N-CHANNEL IGBT
|
IXYS[IXYS Corporation] IXYS, Corp.
|