PART |
Description |
Maker |
2SC1740SLNTP/S 2SA933ASLNTP/RS 2SA933ALNT93/RS 2SC |
150 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 150 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 200 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR 3000 mA, 20 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 50 mA, 80 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 1000 mA, 32 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 500 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR 50 mA, 120 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 1000 mA, 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR 50 mA, 25 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 5000 mA, 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Lattice Semiconductor, Corp. MERITEK Electronics, Corp.
|
2N3404 GES5816-J1 HS5306 HS5306A HS5308 HS5308A HS |
Leaded Small Signal Transistor General Purpose Small Signal Transistors 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR Small Signal Transistors 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR Small Signal Transistors 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR CONNECTOR ACCESSORY 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR Small Signal Transistors 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
2SB1326TV6/PQ 2SB1326TV3/PQ 2SB1236ATV2/NP 2SC2021 |
5000 mA, 20 V, PNP, Si, SMALL SIGNAL TRANSISTOR 1500 mA, 160 V, PNP, Si, SMALL SIGNAL TRANSISTOR 150 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR 100 mA, 600 V, PNP, Si, SMALL SIGNAL TRANSISTOR 500 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR 5000 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
|
2N2837 2N2242 2N2501 2N2377 2N2378 2N2539 2N2509 2 |
Leaded Small Signal Transistor General Purpose Small Signal Transistors 65 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18 Small Signal Transistors 800 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18 Thermal Transfer Label Printer Tape; Color:White; External Height:.31"; Material:Polyolefin; Print-On Area:100ft 80 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18
|
CENTRAL[Central Semiconductor Corp] ETC Central Semiconductor Corp. Central Semiconductor, Corp. Central Semiconductor C...
|
DDTA115TUA-7-F DDTA113TUA-7-F DDTA123TUA-7-F DDTA1 |
PNP PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Inc. Diodes, Inc.
|
BC178PM1TA BC178PM1TC ZTX503Q ZTX503L |
200 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR TO-92 STYLE, E-LINE PACKAGE-3 500 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Zetex Semiconductor PLC Diodes, Inc. ZETEX PLC
|
BC80725MTFNL BC80816MTF FAIRCHILDSEMICONDUCTORCORP |
PNP Epitaxial Silicon Transistor 800 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP Epitaxial Silicon Transistor; Package: SOT-23; No of Pins: 3; Container: Tape & Reel 800 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Fairchild Semiconductor, Corp.
|
PBSS301PD PBSS301PD115 |
20 V, 4 A PNP low VCEsat (BISS) transistor; Package: SOT457 (SC-74); Container: Tape reel smd 4000 mA, 20 V, PNP, Si, SMALL SIGNAL TRANSISTOR 20 V, 4 A PNP low VCEsat (BISS) transistor 4000 mA, 20 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
NXP Semiconductors N.V.
|
MMSTA92-7-F |
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR 100 mA, 300 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Inc. Diodes, Inc.
|
2N4938 2N6502 MD2369 MD2369A MD2369B MD7003 MD7003 |
Leaded Small Signal Transistor Dual HSD 8 ROW 10 COL OPEN END BP ASSY Dual Transistors 30 mA, 40 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-78 Dual Transistors 500 mA, 30 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-78 Dual Transistors 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-78 Dual Transistors 50 mA, 40 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-78 Dual Transistors NPN, Si, SMALL SIGNAL TRANSISTOR, TO-78
|
CENTRAL[Central Semiconductor Corp] Motorola, Inc Central Corp Central Semiconductor Corp. Central Semiconductor, Corp. Central Semiconductor C...
|
|