PART |
Description |
Maker |
2N5551 2N5401 2N5223 2N5232A 2N5172 2N4403 2N5550 |
Small Signal Transistors TO-92 Case (Continued) RES ARRAY 1.5K OHM 8TRM 4RES SMD Small Signal Transistors TO-92 Case (Continued) 200 mA, 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 Small Signal Transistors TO-92 Case (Continued) 25 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 Small Signal Transistors TO-92 Case (Continued) 50 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 Small Signal Transistors TO-92 Case (Continued) 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 Leaded Small Signal Transistor General Purpose
|
Central Semiconductor C... http:// CENTRAL[Central Semiconductor Corp] Central Semiconductor Corp. Central Semiconductor, Corp.
|
DDTA113ZKA DDTA113ZKA-7 DDTA114WKA DDTA114WKA-7 DD |
50V; 30mA PNP PRE-biased small signal surface mount transistor PNP PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR 进步党预偏置小信号资 59表面贴装晶体 PNP PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR 70 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR USER PROGRAMMABLE CAP STANDALO 50V; 100mA PNP PRE-biased small signal surface mount transistor
|
Diodes, Inc. 小信号晶体管 Diodes Inc. DIODES[Diodes Incorporated]
|
DCX124EK DCX124EK-7 DCX144EK-7 DCX144EK DCX114YK-7 |
Redel 1P/ Female Solder 100 mA, 50 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL SC-74R DUAL SURFACE MOUNT TRANSISTOR 100 mA, 50 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes, Inc. DIODES[Diodes Incorporated]
|
BF421-AP 8836 BF421 BULT106D |
SMALL SIGNAL PNP TRANSISTOR SMALL SIGNAL PNP TRANSISTOR From old datasheet system High voltage fast-switching NPN power transistor
|
ST Microelectronics STMicroelectronics
|
BC212 BC214 BC213 BC212B ON0141 BC214RL1 |
Amplifier Transistor PNP From old datasheet system CASE 29-4, STYLE 17 TO-2 (TO-26AA) Amlifier Transistors (PNP) 100 mA, 30 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 Amplifier Transistors(PNP Silicon) 100 mA, 30 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
MOTOROLA[Motorola, Inc] Motorola, Inc. Motorola Mobility Holdings, Inc. ON Semiconductor
|
DDTA123EE-7-F DDTA114EE-7-F DDTA124EE-7-F 144EE-7- |
PNP PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR 30 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Inc. Diodes, Inc.
|
FMMT2907ATA FMMT2907ATC BSS67TC BSS80B BSS80BTC HT |
600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR 100 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR 800 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR 100 mA, 80 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
DIODES INC ZETEX PLC
|
2SB772G-X-T60-K 2SB772G-X-T6C-K 2SB772G-X-T9N-B 2S |
MEDIUM POWER LOW VOLTAGE TRANSISTOR 3000 mA, 30 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-252 3000 mA, 30 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-251
|
UNISONIC TECHNOLOGIES CO LTD
|
MMSTA92-7-F |
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR 100 mA, 300 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Inc. Diodes, Inc.
|
|