PART |
Description |
Maker |
A3951SB A3951SW A3951 3951 |
FULL-BRIDGE PWM MOTOR DRIVER DIODE SWITCHING SINGLE 75V 250mA-Io 350mW 4ns-trr SOT-23 3K/REEL
|
ALLEGRO[Allegro MicroSystems] Allegro MicroSystems, Inc.
|
A3962 3962 A3962SLB |
DUAL FULL-BRIDGE PWM MOTOR DRIVER From old datasheet system DIODE SWITCHING DUAL-DUAL COMMON-CATHODE 70V 250mA-Io 200mW 4ns-trr SOT-363 3K/REEL
|
ALLEGRO[Allegro MicroSystems] Allegro MicroSystems, Inc.
|
JR13WRR-4 JR13WCCR-4 JR13WRC-3SC JR13WRC-3S JR13WR |
TRANS PREBIASED DUAL COMP SOT363 TRANS PREBIASED PNP SOT323 DIODE ZENER SINGLE 200mW 15.2Vz 10mA-Izt 0.02535 0.05uA-Ir 12 SOD-323 3K/REEL DIODE SWITCHING SINGLE 75V 250mA-Io 400mW 4ns-trr SOD-123 3K/REEL High-performance water-proof circular connector JR-W connector 高性能防水圆形连接JR钨接 DIODE ZENER SINGLE 500mW 15.2Vz 10mA-Izt 0.02535 0.05uA-Ir 12 SOD-123 3K/REEL 高性能防水圆形连接JR钨接 DIODE ZENER SINGLE 200mW 14Vz 10mA-Izt 0.02503 0.05uA-Ir 11 SOD-323 3K/REEL 高性能防水圆形连接JR钨接 TRANS PREBIASED NPN 200MW SOT-23 高性能防水圆形连接JR钨接 TRANS PREBIASED NPN 150MW SOT523 高性能防水圆形连接JR钨接 TRANS PREBIASED NPN 200MW SOT23 高性能防水圆形连接JR钨接 DIODE ZENER SINGLE 300mW 5.1Vz 5mA-Izt 0.0588 2uA-Ir 2 SOT-23 3K/REEL 高性能防水圆形连接JR钨接 DIODE ZENER SINGLE 500mW 16.1Vz 10mA-Izt 0.02547 0.05uA-Ir 12 SOD-123 3K/REEL 高性能防水圆形连接JR钨接 DIODE SWITCHING SINGLE 75V 250mA-Io 200mW 4ns-trr SOD-323 3K/REEL 高性能防水圆形连接JR钨接 RECTIFIER STANDARD SINGLE 1A 600V 600 30A-ifsm 5uA-ir 1V-vf DO-41 1K/BULK 高性能防水圆形连接JR钨接 RECTIFIER STANDARD SINGLE 1A 600V 600 30A-ifsm 5uA-ir 1V-vf DO-41 5K/AMMO 高性能防水圆形连接JR钨接 HEATPAD TO-220 .006 K4 高性能防水圆形连接JR钨接
|
http:// HIROSE[Hirose Electric] Hirose Electric USA, INC. HIROSE ELECTRIC Co., Ltd.
|
CL03-12 |
12kV 250mA HIGH VOLTAGE DIODE
|
getedz electronics
|
2SB688 2SB688O 2SB688R |
POWER TRANSISTORS(8A/120V/80W) TRANSISTOR | BJT | PNP | 120V V(BR)CEO | 8A I(C) | TO-247VAR POWER TRANSISTORS(8A,120V,80W)
|
MOSPEC SEMICONDUCTOR CORP. MOSPEC[Mospec Semiconductor]
|
2SC4849 |
HIGH-VOLTAGE SWITCHING TRANSISTOR (POWER SUPPLY) ( 120V/ 7A)
|
ROHM
|
SC1531ACSTR SC1531CSTR SC1531 SC1531A SC1531ACS.TR |
200 mA & 250 mA smart LDOs 200mA & 500mA SmartLDOs 200mA & 250mA SmartLDOs 250mA SmartLDOs(250mA SmartLDOs线性稳压器) 200mA SmartLDOs(200mA SmartLDOs线性稳压器)
|
SEMTECH[Semtech Corporation]
|
SU8000RT3UN50TF |
SmartOnline 208/120V 8kVA 7.2kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, Hubbell 50A CS8265, 6U Rack/Tower,Bypass Switch, 208/120V Outlets
|
Tripp Lite. All Rights ...
|
RJK1209JPE-00-J3 RJK1209JPE-15 |
120V - 80A - N Channel Power MOS FET High Speed Power Switching
|
Renesas Electronics Corporation
|
AMS2954 AMS2954CT-X AMS2954AC-25 AMS2954AC-30 AMS2 |
5.0V 250mA low dropout voltage regulator 2.5V 250mA low dropout voltage regulator ; Resistance Min:1000ohm; Resistance Tolerance: /- 2 %; Series:JHE; Adjustment Type:Knob; Axis Configuration:Three; Body Height:4.97cm; Body Length:16.9cm; Body Width:15.6cm; Mechanical Angle/Rotation:18 Octal Non-Inverting Bus Transceivers with 3-State Outputs 20-SOIC -55 to 125 24-Bit ADC, 4 Ch, PGA 1:128, 50/60 Hz Notch, 0.6 mW Power Consumption 16-TSSOP -40 to 85 Octal Non-Inverting Bus Transceivers with 3-State Outputs 20-PDIP -55 to 125 Octal Non-Inverting Buffers/Line Drivers with 3-State Outputs 20-SSOP -55 to 125 250mA LOW DROPOUT VOLTAGE REGULATOR 250mA的低压差稳压 3.5V 250mA low dropout voltage regulator
|
ADMOS[Advanced Monolithic Systems] Advanced Monolithic Systems, Inc. Advanced Monolithic Sys...
|
150KR60 150KSR10 150KSR40 150KSR30 150KR20 150KR30 |
Diode Switching 600V 150A 2-Pin DO-8 Diode Switching 100V 150A 2-Pin Case B-42 Diode Switching 400V 150A 2-Pin Case B-42 Diode Switching 300V 150A 2-Pin Case B-42 Diode Switching 200V 150A 2-Pin DO-8 Diode Switching 300V 150A 2-Pin DO-8
|
New Jersey Semiconductor
|