PART |
Description |
Maker |
LB1231 LB1233 LB1232 LB1234 |
High-Voltage, Large Current Darligton Transistor Array High-Voltage, High- Current Darlington Transistor Array PERIPHERAL DRIVER,7 DRIVER,BIPOLAR,DIP,16PIN,PLASTIC Septuple Peripheral Driver From old datasheet system High-Voltage / High- Current Darlington Transistor Array
|
SANYO[Sanyo Semicon Device] Sanyo Semiconductor Corp Sanyo Electric Co.,Ltd.
|
BY329X1500 BY329X-1500S BY329X-1500 BY329X-1500S12 |
Triac; Thyristor Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:1000V; On State RMS Current, IT(rms):8A; Gate Trigger Current (QI), Igt:50mA; Current, It av:8A; Gate Trigger Current Max, Igt:50mA RoHS Compliant: Yes Damper diode fast, high-voltage Damper diode fast/ high-voltage Damper diodes fast, high-voltage - I<sub>FRM</sub>: 16 A; I<sub>O (AV)</sub>: 10 A; V<sub>RRM</sub>: 1500 V; Package: SOD113 (TO-220F); Container: Horizontal, Rail Pack
|
http:// NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
MSK600-15 MSK600B |
Ultra Low Quiescent Current - ±15mA for High Voltage WIDE BANDWIDTH HIGH VOLTAGE AMPLIFIER
|
M.S. Kennedy Corporatio... Anaren Microwave
|
BC369 C62702-C748 |
From old datasheet system PNP Silicon AF Transistor (High current gain High collector current Low collector-emitter saturation voltage)
|
SIEMENS AG Infineon SIEMENS[Siemens Semiconductor Group]
|
NCV1413BDR2G |
High Voltage, High Current Darlington Transistor Arrays 0.5 A, 50 V, 7 CHANNEL, NPN, Si, POWER TRANSISTOR High Voltage, High Current Darlington Transistor Arrays(楂?????澶х?娴??杈炬?椤挎?浣???靛?)
|
ON Semiconductor
|
BC327-16 BC327-25 |
PNP Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage)
|
Siemens Semiconductor G...
|
B29150 B29150J B29150S B29150T B29151/2/3J B29151/ |
5V dual 1.5A high current low dropout voltage regulator 1.5A High Current Low Dropout Voltage Regulator Adjustable & Fix Output 1.5A的高电流低压差稳压器可调 1.5A High Current Low Dropout Voltage Regulator Adjustable & Fix Output 12V dual 1.5A high current low dropout voltage regulator Adjustable dual 1.5A high current low dropout voltage regulator
|
List of Unclassifed Manufacturers ETC BayLinear
|
2SC2712 |
High voltage and high current: VCEO = 50 V, IC = 150 mA (max) High hFE: hFE = 70 700
|
TY Semiconductor Co., Ltd
|
XC6413 |
High Current, High Speed LDO Regulators, Voltage Detector Function
|
Torex Semiconductor
|
2SC3360 |
High DC current gain.hFE=90 to 450 High voltage VCEO=200V
|
TY Semiconductor Co., Ltd
|
SS10PH10-E3_86A SS10PH10 SS10PH10-E3_87A SS10PH9 |
High Current Density Surface Mount High-Voltage Schottky Rectifier
|
Vishay Siliconix
|