PART |
Description |
Maker |
P6CU-0505E P6CU-0512E P6CU-1205E P6CU-1212E P6CU-2 |
P6CU-XXXXE 1KV ISOLATED 1W UNREGULATED SINGLE OUTPUT SIP7 P6CU - XXXXE 1KV交隔1W的未稳压单输出SIP7 P6CU-XXXXE 1KV ISOLATED 1W UNREGULATED SINGLE OUTPUT SIP7 P6CU - XXXXE 1KV交隔W的未稳压单输出SIP7
|
PEAK electronics GmbH
|
PN6CU-4812E PN6CU-0505E PN6CU-0512E PN6CU-1205E PN |
Input voltage: 48V, output voltage 12V (84mA), 1KV isolated 1W unregulated single output Input voltage: 48V, output voltage 5V (200mA), 1KV isolated 1W unregulated single output Input voltage: 24V, output voltage 3.3V (303mA), 1KV isolated 1W unregulated single output Input voltage: 24V, output voltage 12V (84mA), 1KV isolated 1W unregulated single output Input voltage: 24V, output voltage 5V (200mA), 1KV isolated 1W unregulated single output Input voltage: 12V, output voltage 12V (84mA), 1KV isolated 1W unregulated single output Input voltage: 12V, output voltage 5V (200mA), 1KV isolated 1W unregulated single output Input voltage: 5V, output voltage 12V (84mA), 1KV isolated 1W unregulated single output Input voltage: 5V, output voltage 5V (200mA), 1KV isolated 1W unregulated single output PN6CU-XXXXE 1KV ISOLATED 1W UNREGULATED SINGLE OUTPUT SIP7 PN6CU - XXXXE 1KV交隔W的未稳压单输出SIP7
|
PEAK[PEAK electronics GmbH]
|
RO-0515S RO-3.31.8SP RE-123.3S RE-3.33.3SP RE-0505 |
Low-Voltage Reference 1瓦特学校改善工程 Versatile Miniature Switch, High Performance 1瓦特学校改善工程 1 Watt SIP4 & SIP7 Single Output 1瓦特学校改善工程 16-Bit, 200 kSPS, Serial I/O A/D Converter; Package: SOIC - Wide; No of Pins: 20; Temperature Range: Industrial Dual-Power MOSFET Driver (Inverting) 1 Watt SIP4 & SIP7 Single Output
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
RY-0515SCP RY-0512SCP RY-0505SCP RY-2415SCP RY-050 |
ELECTRICAL OUTLET CONNECTOR RoHS Compliant: Yes 1瓦特SIP7 LOCKING MALE PLUG NEMA L6-15P RoHS Compliant: Yes 1瓦特SIP7 1 Watt SIP7 Single & Dual Output 1瓦特SIP7 CAP CER 680PF 25V 0402 LOW DIST 1 Watt SIP7 Single & Dual Output
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
P6CUI-XXXXXXZ |
1KV ISOLATED 1W UNREGULATED DUAL SEPARATE OUTPUT SIP7
|
PEAK electronics
|
RO-1.81.8S06 RE-123.3SHP RE-1212SHP RE-3.33.3SP RE |
1 Watt SIP4 & SIP7 Single Output 1 Watt SIP4 & SIP7 Single Output 1瓦特学校改善工程
|
Recom International Pow... RECOM[Recom International Power] RECOM Power Inc. RECOM Electronic GmbH
|
P6CUI-050505Z P6CUI-050515Z P6CUI-120505Z P6CUI-12 |
1KV ISOLATED 1W UNREGULATED DUAL SEPARATE OUTPUT SIP7 1KV交隔W的未稳压双独立的输出SIP7
|
PEAK electronics GmbH
|
RK-0505S RK-0509S RK-051.8S RK-0512S RK-3.33.3S RH |
1Watt SIP7 Single & Dual Output Circular Connector; No. of Contacts:29; Series:TVS06; Body Material:Metal; Connecting Termination:Crimp; Connector Shell Size:25; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:25-29 N-CHANNEL SILICON JUNCTION FET TO92 1Watt SIP7 Single & Dual Output 1瓦SIP7 CURRENT REGULATOR DIODE TO92 1瓦SIP7
|
RECOM[Recom International Power] RECOM Power Inc. RECOM Electronic GmbH Abracon, Corp.
|
RKZ-XX15D RKZ-XX12D RKZ-XX12S RKZ-XX15S |
2 Watt SIP7 Single & Dual Output
|
Recom International Power
|
REE REE-0505S REE-0505S-15 |
Low Cost 1W Converter 1 Watt SIP7 Single Output
|
Recom International Pow...
|
RB-3.31.8SHP RB-1.81.8S06 RB-051.8D RB-051.8DHP RB |
1 Watt SIP7 & DIP14 Single & Dual Output 1 Watt SIP7 & DIP14 Single & Dual Output 1瓦特SIP7
|
RECOM Electronic GmbH RECOM[Recom International Power] RECOM Power Inc. http:// Recom International Pow...
|