PART |
Description |
Maker |
2SC4632LS |
NPN Triple Diffused Planar Silicon Transistor 1200V / 10mA High-Voltage Amplifier, High-Voltage Switching Applications 1200V/10mA High-Voltage Amplifier,High-Voltage Switching Applications
|
Sanyo Semicon Device
|
2SC4635LS |
NPN Triple Diffused Planar Silicon Transistor 1500V / 20mA High-Voltage Amplifier, High-Voltage Switching Applications 1500V/20mA High-Voltage Amplifier,High-Voltage Switching Applications
|
Sanyo Semicon Device
|
MC08ED150J-F MC08CA020D-F MC08CA050D-F MC08CA060D- |
Multilayer RF Capacitors High-Frequency, High-Power, High-Voltage Chips with Nonmagnetic Option
|
Cornell Dubilier Electronics, Inc. http:// Cornell Dubilier Electronic... Cornell Dubilier Electr...
|
KTC4526 |
TRIPLE DIFFUSED NPN TRANSISTOR (HIGH VOLTAGE AND HIGH RELLABILITY HIGH SPEED SWITCHING/ WIDE SOA)
|
KEC(Korea Electronics)
|
2SC3306 E000824 |
NPN TRIPLE DIFFUSED TYPE (SWITCHING REGULATOR AND HIGH VOLTAGE SWITCHING/ HIGH SPEED DC-DC CONVERTER APPLICATION) From old datasheet system SWITCHING TEGULATOR AND HIGH VOLTAGE SWITCHING APPLICATIONS
|
Toshiba
|
NCP1216AD100R2G NCP1216AP100G NCP1216D133R2G NCP12 |
PWM Current-Mode Controller for High-Power Universal Off-line Supplies; Package: PDIP (8 Minus Pin 7); No of Pins: 7; Container: Rail; Qty per Container: 1000 0.5 A SWITCHING CONTROLLER, 110 kHz SWITCHING FREQ-MAX, PDIP7 PWM Current-Mode Controller for High-Power Universal Off-line Supplies with 50% Duty Cycle max; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Tape and Reel; Qty per Container: 2500 PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
|
ON Semiconductor
|
IRS26072DSPBF |
The IRS26072D is a high voltage, high speed power MOSFET and IGBT driver with independent high and low side referenced output channels.
|
International Rectifier
|
TX2-12V-1 |
Electromechanical Relay: 2 AMP: HIGH CAPACITY RELAY WITH HIGH SURGE VOLTAGE & HIGH BREAKDOWN VOLTAGE
|
Panasonic
|