PART |
Description |
Maker |
AM29SL800B AM29SL800BB170EC AM29SL800BB170ECB AM29 |
High Speed CMOS Logic Octal Inverting Bus Transceiver with 3-State Outputs 20-CDIP -55 to 125 8-Bit Identity/Magnitude Comparators (P=Q) with Enable 20-CDIP -55 to 125 High Speed CMOS Logic Quad 2-Input EXCLUSIVE OR Gates 14-CDIP -55 to 125 4-Bit Magnitude Comparator 16-CDIP -55 to 125 High Speed CMOS Logic Dual Positive-Edge Trigger D Flip-Flops with Set and Reset 14-CDIP -55 to 125 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 1M X 8 FLASH 1.8V PROM, 200 ns, PBGA48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 8兆位 M中的x 8-Bit/512亩x 16位).8伏的CMOS只超低电压快闪记忆体 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 1M X 8 FLASH 1.8V PROM, 170 ns, PDSO48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 1M X 8 FLASH 1.8V PROM, 200 ns, PDSO48
|
Advanced Micro Devices, Inc.
|
74ALVCH32245 74ALVCH32245LB 74ALVCH32245LBR |
LOW VOLTAGE CMOS 32-BIT BUS TRANSCEIVER (3-STATE) WITH 3.6V TOLERANTAT INPUTS AND OUTPUTS LOW VOLTAGE CMOS 32 BIT BUS TRANSCEIVER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS LOW VOLTAGE CMOS 32 BIT BUS TRANSCEIVER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
|
STMicroelectronics ST Microelectronics
|
TC74VCX16827FT |
High Speed CMOS Low Voltage 20 Bit Bus Buffer(高速CMOS低电压总线缓冲
|
Toshiba Corporation
|
MC74LCX16500 ON1552 MC74LCX16500DT |
From old datasheet system LOW-VOLTAGE CMOS 18-BIT UNIVERSAL BUS TRANSCEIVER
|
MOTOROLA[Motorola, Inc] ON Semi
|
74VCXR162601 74VCXR162601MTD |
Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26-Ohm Series Resistors in the Outputs Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26ヘ Series Resistors in the Outputs Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26 Series Resistors in the Outputs Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26Series Resistors in the Outputs 低电8位通用总线收发器,.6V耐压输入和输出和26ヘ系列的输出电阻 Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26Series Resistors in the Outputs ALVC/VCX/A SERIES, 18-BIT REGISTERED TRANSCEIVER, TRUE OUTPUT, PDSO56
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
74LCX16245TTR 74LCX16245 |
LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER WITH 5V TOLERANT INPUTS AND OUTPUT (3-STATE)
|
STMicroelectronics
|
74LCX162244 74LCX162244TTR |
LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
|
ST Microelectronics STMicroelectronics
|
74LCXHR162245TTR 74LCXHR162245 |
LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER WITH 5V TOLERANT INPUTS AND OUTPUT (3-STATE)
|
STMICROELECTRONICS[STMicroelectronics]
|
54VCXH162244 |
LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE INV) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
|
意法半导 STMICROELECTRONICS[STMicroelectronics]
|
RHFXHR162245K-01Q RHFXHR162245K-01V 54VCXHR162245 |
Rad hard low voltage CMOS 16-bit bus buffer transceiver (3-state) with 3.6V tolerant inputs and outputs
|
STMicroelectronics
|