PART |
Description |
Maker |
74LVT2240 74LVTH2240 74LVT2240SJX 74LVTH2240SJX 74 |
Low Voltage Inverting Octal Buffer/Line Driver with 3-STATE Outputs and 25-Ohm Series Resistors in the Outputs From old datasheet system Dual 4-Bit Inverting Buffer/Driver
|
Fairchild Semiconductor
|
74ALVCH16244-D |
Low-Voltage 16-Bit Buffer with Bus Hold 1.8/2.5/3.3 V (3-State, Non-Inverting)
|
ON Semiconductor
|
74ALVCH16245-D |
Low-Voltage 16-Bit Transceiver with Bus Hold 1.8/2.5/3.3 V (3-State, Non-Inverting)
|
ON Semiconductor
|
74VCXH16245-D |
Low-Voltage 1.8/2.5/3.3V 16-Bit Transceiver With 3.6 V-Tolerant Inputs and Outputs (3-State, Non-Inverting)
|
ON Semiconductor
|
74ALVC16244-D |
Low-Voltage 1.8/2.5/3.3 V 16-Bit Buffer With 3.6 V-Tolerant Inputs and Outputs (3-State, Inverting)
|
ON Semiconductor
|
MC74LCX0805 MC74LCX125DG MC74LCX12505 MC74LCX138DR |
Low-Voltage CMOS Quad 2-Input AND Gate With 5 V?Tolerant Inputs Low-Voltage CMOS Quad Buffer With 5 V?Tolerant Inputs and Outputs (3?State, Non?Inverting) Low-Voltage CMOS 3-to-8 Decoder/Demultiplexer With 5 V?Tolerant Inputs Dual Low?Voltage CMOS 2?to?4 Decoder/Demultiplexer With 5V?Tolerant Inputs Low-Voltage CMOS Quad 2-Input Multiplexer With 5 V?Tolerant Inputs (Non?Inverting) Low-Voltage CMOS Quad 2-Input Multiplexer With 5 V?Tolerant Inputs (Inverting) Low-Voltage CMOS Quad 2-Input Multiplexer With 5 V−Tolerant Inputs (Inverting)
|
ONSEMI[ON Semiconductor]
|
MTD48 74LCX16240 74LCX16240MEA 74LCX16240MTD |
Low Voltage 16-Bit Inverting Buffer/Line Driver with 5V Tolerant Inputs/Outputs
|
FAIRCHILD[Fairchild Semiconductor]
|
MC74LCX16244-D |
Low-Voltage CMOS 16-Bit Buffer With 5 V-Tolerant Inputs and Outputs (3-State, Non-Inverting)
|
ON Semiconductor
|
74LCXZ16240 74LCXZ16240MTDX 74LCXZ16240MEAX |
LVC/LCX/Z SERIES, QUAD 4-BIT DRIVER, INVERTED OUTPUT, PDSO48 Low Voltage 16-Bit Inverting Buffer/Line Driver
|
FAIRCHILD SEMICONDUCTOR CORP
|
74VCXH162240MTD 74VCXH162240MTX |
Low Voltage 16-Bit Inverting Buffer/Line Driver with Bushold and 26 Ohm Series Resistors in Outputs
|
Fairchild Semiconductor
|