PART |
Description |
Maker |
15CTQ045-1 15CTQ045S 15CTQ040S 15CTQS 15CTQ 15CTQ0 |
SCHOTTKY RECTIFIER SCHOTTKY RECTIFIER 肖特基整流器 35V 15A Schottky Common Cathode Diode in a TO-262 package 45V 15A Schottky Common Cathode Diode in a TO-262 package 35V 15A Schottky Common Cathode Diode in a TO-220AB package 40V 15A Schottky Common Cathode Diode in a TO-220AB package 40V 15A Schottky Common Cathode Diode in a TO-262 package 40V 15A Schottky Common Cathode Diode in a D2-Pak package 45V 15A Schottky Common Cathode Diode in a D2-Pak package 35V 15A Schottky Common Cathode Diode in a D2-Pak package
|
International Rectifier, Corp. IRF[International Rectifier]
|
160CMQ 160CMQ035 160CMQ040 160CMQ045 |
45V 160A Schottky Common Cathode Diode in a TO-249AA (Isolated) package 40V 160A Schottky Common Cathode Diode in a TO-249AA (Isolated) package 35V 160A Schottky Common Cathode Diode in a TO-249AA (Isolated) package SCHOTTKY RECTIFIER
|
IRF[International Rectifier]
|
614-97-391-18-101-144 517-91-391-18-101-111 517-91 |
Pin grid array sockets and carrier with interstitial contact rows Solder tail 插针网格阵列插座并与承运人间质接触焊尾行 RECTIFIER SCHOTTKY SINGLE 7.5A 50V 150A-ifsm 0.65V-vf 0.5mA-ir TO220AC 50/TUBE 插针网格阵列插座并与承运人间质接触焊尾行 RECTIFIER SCHOTTKY DUAL COMMON-CATHODE 15A 40V 150A-Ifsm 0.7Vf 0.1A-IR D2PAK 800/REEL-13 RECTIFIER SCHOTTKY DUAL COMMON-CATHODE 15A 45V 150A-Ifsm 0.7Vf 0.1A-IR D2PAK 800/REEL-13 RECTIFIER SCHOTTKY SINGLE 7.5A 60V 150A-ifsm 0.65V-vf 0.5mA-ir TO220AC 50/TUBE RECTIFIER SCHOTTKY SINGLE 7.5A 45V 150A-ifsm 0.84V-vf 0.1mA-ir TO220AC 50/TUBE RECTIFIER SCHOTTKY DUAL COMMON-CATHODE 15A 30V 150A-Ifsm 0.7Vf 0.1A-IR D2PAK 800/REEL-13 RECTIFIER SCHOTTKY DUAL COMMON-CATHODE 15A 35V 150A-Ifsm 0.7Vf 0.1A-IR D2PAK 800/REEL-13
|
PRECI-DIP SA PREDIP[Precid-Dip Durtal SA]
|
WKU250-10W WKT250-10W WKL250-10W WKH250-10W WKV250 |
THYRISTOR MODULE|SCR|DUAL|CC|1KV V(RRM)|300A I(T) THYRISTOR MODULE|SCR DOUBLER|1KV V(RRM)|300A I(T) THYRISTOR MODULE|DOUBLER|HALF-CNTLD|NEGATIVE|1KV V(RRM)|300A I(T) THYRISTOR MODULE|DOUBLER|HALF-CNTLD|POSITIVE|1KV V(RRM)|300A I(T) THYRISTOR MODULE|SCR|DUAL|CA|1KV V(RRM)|300A I(T) THYRISTOR MODULE|SCR DOUBLER|800V V(RRM)|300A I(T) THYRISTOR MODULE|SCR DOUBLER|600V V(RRM)|300A I(T) THYRISTOR MODULE|SCR DOUBLER|400V V(RRM)|300A I(T) THYRISTOR MODULE|DOUBLER|HALF-CNTLD|NEGATIVE|1.6KV V(RRM)|300A I(T) 晶闸管模块|倍增|半CNTLD |负| 1.6KV五(无线资源管理)| 300我(翻译
|
Vicor, Corp.
|
MBR300100C MBR30080CT MBR30045CT MBR30060CT |
Silicon Schottky Diode, 300A
|
Naina Semiconductor ltd.
|
CDBER0130R-HF CDBER130R-HF |
Halogen Free Schottky Barrier Diodes, V-RRM=35V, V-R=30V, I-O=0.1A SMD Schottky Barrier Diode
|
Comchip Technology
|
80SQ035TR 80SQ035 80SQ040TR 80SQ040 |
35V 8A Schottky Discrete Diode in a DO-204AR package
|
International Rectifier
|
MBRD1035CTL MBRD1035CTLT4 MBRD1035CTLT4G |
10A 35V Schottky Rectifier SWITCHMODE Schottky Power Rectifier
|
ON Semiconductor
|
CMPSH05-4C |
SMD Schottky Diode Dual: Common Cathode SURFACE MOUNT DUAL, COMMON CATHODE HIGH CURRENT, LOW VF SILICON SCHOTTKY DIODE
|
Central Semiconductor Corp
|
CDBU0130L |
Schottky Barrier Rectifiers Diodes, V-RRM=35V, V-R=30V, I-O=0.1A
|
Comchip Technology
|