PART |
Description |
Maker |
R720366XXWA R5010210XXWA R9G00822XXWA R9G00622XXWA |
600 A, 3600 V, SILICON, RECTIFIER DIODE 100 A, 200 V, SILICON, RECTIFIER DIODE 2200 A, 800 V, SILICON, RECTIFIER DIODE 2200 A, 600 V, SILICON, RECTIFIER DIODE 2200 A, 400 V, SILICON, RECTIFIER DIODE 450 A, 150 V, SILICON, RECTIFIER DIODE 550 A, 50 V, SILICON, RECTIFIER DIODE 550 A, 150 V, SILICON, RECTIFIER DIODE 2500 A, 1300 V, SILICON, RECTIFIER DIODE 300 A, 900 V, SILICON, RECTIFIER DIODE 1800 A, 200 V, SILICON, RECTIFIER DIODE 1200 A, 3100 V, SILICON, RECTIFIER DIODE 2000 A, 2300 V, SILICON, RECTIFIER DIODE 3600 A, 2300 V, SILICON, RECTIFIER DIODE 100 A, 150 V, SILICON, RECTIFIER DIODE
|
POWEREX INC
|
CR80-040 CR150-100 CR80-020LEADFREE CENTRALSEMICON |
2.5V to 5.5V, 230µA Dual Rail-to-Rail Voltage Output 10-Bit DAC with Parallel Interface in 24-lead TSSOP 80 A, 400 V, SILICON, RECTIFIER DIODE, DO-5 150 A, 1000 V, SILICON, RECTIFIER DIODE, DO-8 80 A, 200 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 200 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 600 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 800 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 400 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 1200 V, SILICON, RECTIFIER DIODE, DO-5 True Bipolar Input, Dual 12-Bit, 2-Channel, Simultaneous Sampling SAR ADC; Package: TSSOP; No of Pins: 24; Temperature Range: Industrial 80 A, 800 V, SILICON, RECTIFIER DIODE, DO-5
|
Central Semiconductor, Corp. CENTRAL SEMICONDUCTOR CORP
|
NTE6159 |
Silicon Industrial Rectifier, 150 Amp, General Purpose
|
NTE Electronics
|
NTE5864 NTE5889 NTE5865 |
Silicon power rectifier diode. Anode to case. Peak reverse voltage 200V. Max forward current 30A. Silicon Power Rectifier Diode, 25 Amp Silicon Power Rectifier Diode 25 Amp Silicon Power Rectifier Diode / 25 Amp
|
NTE[NTE Electronics]
|
EFM301B EFM302B EFM303B EFM304B EFM305B EFM306B EF |
3 A, 400 V, SILICON, RECTIFIER DIODE, DO-214AA 3 A, 50 V, SILICON, RECTIFIER DIODE, DO-214AA SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 3.0 Amperes 3 A, 150 V, SILICON, RECTIFIER DIODE, DO-214AA
|
RECTRON LTD Rectron Semiconductor
|
150KSR200M 152KR300AMPBF |
150 A, 200 V, SILICON, RECTIFIER DIODE 150 A, 300 V, SILICON, RECTIFIER DIODE, DO-205AA
|
|
MJH11019G MJH11018G |
15 AMPERE DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS 150−250 VOLTS, 150 WATTS 15 A, 200 V, PNP, Si, POWER TRANSISTOR, TO-218 15 AMPERE DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS 150−250 VOLTS, 150 WATTS 15 A, 150 V, NPN, Si, POWER TRANSISTOR, TO-218
|
ON Semiconductor
|
PT150KN8 |
150 Avg 800 Volts
|
Nihon Inter Electronics Corporation
|
SD275SA45B |
SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop (150 ∑C TJ Operation) 120 A, SILICON, RECTIFIER DIODE
|
Sensitron Semiconductor
|
KBU1001 KBU1002 KBU1006 KBU10005 KBU1004 KBU1010 K |
Tantalum Molded Capacitor; Capacitance: 47uF; Voltage: 6.3V; Case Size: 1.1x3.4 mm; Packaging: Tape & Ammo 10 A, 100 V, SILICON, BRIDGE RECTIFIER DIODE 10 AMP SILICON BRIDGE RECTIFIER
|
Fuji Electric Holdings Co., Ltd. FUJI[Fuji Electric]
|
151CNQ...SERIES |
SCHOTTKY RECTIFIER 150 Amp
|
International Rectifier
|
SED150LB45 |
150 AMP 45 VOLTS SCHOTTKY RECTIFIER
|
Solid States Devices, Inc
|
|