PART |
Description |
Maker |
XR1648 |
Xscend Rectifier
|
Power-One
|
1N1301 1N2283 1N4526 1N1196A 1N1196 1N2021 1N1192A |
Standard Rectifier (trr more than 500ns) (1N2xxx) SILICON POWER RECTIFIER SILICON POWER RECTIFIER 40 A, 200 V, SILICON, RECTIFIER DIODE, DO-203AB (1N4525 - 1N4529) SILICON POWER RECTIFIER SILICON POWER RECTIFIER 40 A, 100 V, SILICON, RECTIFIER DIODE, DO-203AB SILICON POWER RECTIFIER 40 A, 50 V, SILICON, RECTIFIER DIODE, DO-203AB SILICON POWER RECTIFIER 40 A, 350 V, SILICON, RECTIFIER DIODE, DO-203AB SILICON POWER RECTIFIER 40 A, 300 V, SILICON, RECTIFIER DIODE, DO-203AB SILICON POWER RECTIFIER 40 A, 400 V, SILICON, RECTIFIER DIODE, DO-203AB SILICON POWER RECTIFIER
|
MICROSEMI[Microsemi Corporation] Microsemi, Corp.
|
R6031.522PSYA R6221.530PSYA R6220.530PSYA R9GS2010 |
220 A, 150 V, SILICON, RECTIFIER DIODE R60, 1 PIN 300 A, 150 V, SILICON, RECTIFIER DIODE R62, 2 PIN 300 A, 50 V, SILICON, RECTIFIER DIODE R62, 2 PIN 1000 A, 2000 V, SILICON, RECTIFIER DIODE R9G, 2 PIN 350 A, 2200 V, SILICON, RECTIFIER DIODE 100 A, 200 V, SILICON, RECTIFIER DIODE 200 A, 1500 V, SILICON, RECTIFIER DIODE 1500 A, 1200 V, SILICON, RECTIFIER DIODE 125 A, 800 V, SILICON, RECTIFIER DIODE 150 A, 1200 V, SILICON, RECTIFIER DIODE 400 A, 200 V, SILICON, RECTIFIER DIODE 800 A, 3200 V, SILICON, RECTIFIER DIODE 350 A, 700 V, SILICON, RECTIFIER DIODE 400 A, 900 V, SILICON, RECTIFIER DIODE 100 A, 1500 V, SILICON, RECTIFIER DIODE 1000 A, 1500 V, SILICON, RECTIFIER DIODE 1000 A, 1700 V, SILICON, RECTIFIER DIODE 800 A, 3100 V, SILICON, RECTIFIER DIODE 250 A, 50 V, SILICON, RECTIFIER DIODE 800 A, 3600 V, SILICON, RECTIFIER DIODE 330 A, 500 V, SILICON, RECTIFIER DIODE
|
Powerex, Inc. POWEREX INC
|
1N4002G 1N4007G 1N4001G 1N4003G 1N4004G 1N4005G 1N |
400V, 1.0A glass passivated rectifier 1000V, 1.0A glass passivated rectifier 50V, 1.0A glass passivated rectifier 200V, 1.0A glass passivated rectifier 100V, 1.0A glass passivated rectifier 600V, 1.0A glass passivated rectifier 800V, 1.0A glass passivated rectifier
|
http:// WTE[Won-Top Electronics]
|
SB50-09 |
Schottky Barrier Diode (Twin Type Cathode Common) 90V, 5A Rectifier 90V/ 5A Rectifier 90V, 5A Rectifier(高频整流应用的重复反向电0V,平均整流电A 整流 90V, 5A Rectifier(高频整流应用的重复反向电0V,平均整流电5A 整流
|
SANYO[Sanyo Semicon Device] Sanyo Electric Co.,Ltd.
|
DR758 DR750 DR751 DR7510 DR752 DR754 DR756 |
6.0A, 800V ultra fast recovery rectifier 6.0A, 400V ultra fast recovery rectifier 6.0A, 200V ultra fast recovery rectifier Passivated Rectifier 50 - 1000 Volts 6 Amp Glass 6 A, 1000 V, SILICON, RECTIFIER DIODE
|
MCC[Micro Commercial Components] Micro Commercial Components, Corp.
|
FFP04S60STU FFP04S60S |
STEALTH-TM II Rectifier 4A, 600V STEALTH II Rectifier; Package: TO-220; No of Pins: 2; Container: Rail 4 A, 600 V, SILICON, RECTIFIER DIODE, TO-220AC
|
Fairchild Semiconductor, Corp.
|
SBR4060PT |
RECTIFIER SBR DUAL 40A 60V 280A-ifsm 700mV-vf 0.5mA-ir TO-247 50/TUBE 40 A, 60 V, SILICON, RECTIFIER DIODE, TO-247 Super barrier rectifier
|
Diodes, Inc. ETC List of Unclassifed Manufacturers
|
SB120-05H 2513 |
40V, 1.1A Rectifier 40V的,1.1A的整流器 From old datasheet system 40V 1.1A Rectifier 50V, 12A Rectifier Schottky Barrier Diode (Twin Type Cathode Common)
|
Sanyo Electric Co., Ltd. SANYO[Sanyo Semicon Device]
|
1N3296S 1N3289S 1N3295S 1N3297S 1N3288S 1N413B 1N1 |
Standard Rectifier (trr more than 500ns) SILICON POWER RECTIFIER 100 A, 50 V, SILICON, RECTIFIER DIODE, DO-205AA
|
MICROSEMI[Microsemi Corporation] Microsemi, Corp.
|
MBRS540T3 MBRS540T3G |
SCHOTTKY BARRIER RECTIFIER 5.0 AMPERES 40 VOLTS 5 A, 40 V, SILICON, RECTIFIER DIODE 5A 40V Schottky rectifier in SMC
|
ONSEMI[ON Semiconductor]
|
|