PART |
Description |
Maker |
IDT72V8981 IDT72V8981DB IDT72V8981J IDT72V8981J8 7 |
From old datasheet system 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 128 x 128 128 x 128 TSI, 4 I/O at 2Mbps, Variable Delay, 3.3V
|
Integrated Device Technology IDT
|
AM28F010A AM28F010A-120EC AM28F010A-120ECB AM28F01 |
1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt/ Bulk Erase Flash Memory with Embedded Algorithms 0.5MM, ZIF, SMT, 42 POSITION, EMBOSS TAPE T&R RoHS Compliant: Yes CAP 100PF 1500V 20% NP0(C0G) SMD-1808 TR-13 PLATED-NI/SN 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 1兆位128亩8位)的CMOS 12.0伏,整体擦除闪存的嵌入式记忆算法 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 1兆位128亩8位)CMOS 12.0伏,整体擦除闪存的嵌入式记忆算法 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 1兆位28亩8位)的CMOS 12.0伏,整体擦除闪存的嵌入式记忆算法 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 128K X 8 FLASH 12V PROM, 200 ns, PQCC32 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 128K X 8 FLASH 12V PROM, 70 ns, PQCC32 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 128K X 8 FLASH 12V PROM, 120 ns, PDSO32 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 128K X 8 FLASH 12V PROM, 90 ns, PQCC32 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 128K X 8 FLASH 12V PROM, 150 ns, PDSO32 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 128K X 8 FLASH 12V PROM, 70 ns, PDSO32
|
Advanced Micro Devices, Inc. SPANSION LLC ADVANCED MICRO DEVICES INC
|
IDT72V70180PF |
3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 128 x 128 3.3V Power Supply
|
Integrated Device Technology
|
S29PL129N70FFW002 S29PL127N65GFIW02 |
256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory
|
SPANSION
|
V43648Z04VCTG-75 |
3.3 VOLT 8M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SODIMM
|
MOSEL[Mosel Vitelic, Corp] Mosel Vitelic Corp
|
V58C3643204SAT |
HIGH PERFORMANCE 3.3 VOLT 2M X 32 DDR SDRAM 4 X 512K X 32
|
Mosel Vitelic, Corp. MOSEL[Mosel Vitelic, Corp]
|
V58C2256164S V58C2256804S |
HIGH PERFORMANCE 2.5 VOLT 256 Mbit DDR SDRAM
|
Mosel Vitelic Corp
|
V436516Z04VTG-75 |
3.3 VOLT 16M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SODIMM
|
MOSEL[Mosel Vitelic, Corp]
|
V436516Z04VTG-75 |
3.3 VOLT 16M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SODIMM
|
Mosel Vitelic Corp
|
V58C2256 V58C2256164S V58C2256404S V58C2256804S |
HIGH PERFORMANCE 2.5 VOLT 256 Mbit DDR SDRAM
|
MOSEL[Mosel Vitelic, Corp]
|
AT49F001AT-55VI AT49F001A AT49F001A-45JI AT49F001A |
128K x 8 (1M bit), 5-Volt-Only, Top or Bottom Boot Parametric Block Flash. 1-MEGABIT (128 X 8) 5-VOLT ONLY FLASH MEMORY
|
ATMEL[ATMEL Corporation]
|
V436516S04VATG-75PC |
3.3 VOLT 16M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM MODULE
|
Mosel Vitelic Corp MOSEL[Mosel Vitelic, Corp] Mosel Vitelic Corp
|