PART |
Description |
Maker |
STB4NC60 8256 STB4NC60T4 |
INTEGRATED EC000 MPU N沟道600V 1.8ohm - 4.2A D2PAK封装MOSFET的第二PowerMesh N-CHANNEL 600V - 1.8ohm - 4.2A D2PAK PowerMesh?II MOSFET N-CHANNEL 600V 1.8 OHM 4.2A D2PAK POWERMESH II MOSFET From old datasheet system N-CHANNEL 600V - 1.8ohm - 4.2A D2PAK PowerMesh⑩II MOSFET N-CHANNEL 600V 1.8 OHM 4.2A D2PAK POWERMESH II MOSFET
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
APT6030BN APT6033BN |
POWER MOS IV 600V 22.0A 0.33 Ohm / 600V 23.0A 0.30 Ohm N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
|
ADPOW[Advanced Power Technology]
|
SSW4N60B SSI4N60B SSI4N60BTU SSW4N60BTM |
600V N-Channel MOSFET 4 A, 600 V, 2.5 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263 600V N-Channel B-FET / Substitute of SSI4N60A 600V N-Channel B-FET / Substitute of SSW4N60A
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
FQT1N60C FQT1N60CTF-WS |
N-Channel QFETMOSFET 600V, 0.2A, 11.5 N-Channel QFET MOSFET 600V, 0.2 A, 11.5 Ohm
|
Fairchild Semiconductor
|
STP4NC60A STP4NC60AFP STB4NC60A-1 |
N-CHANNEL 600V 1.8 OHM 4.2A TO-220/TO-220FP/I2PAK POWERMESH II MOSFET N-CHANNEL 600V - 1.8ohm - 4.2A TO-220/TO-220FP/I2PAK PowerMesh?II MOSFET N-CHANNEL 600V - 1.8ohm - 4.2A TO-220/TO-220FP/I2PAK PowerMeshII MOSFET N-CHANNEL 600V 1.8 OHM 4.2A TO-220/TO-220FP/I2PAK POWERMESH II MOSFET N-CHANNEL 600V - 1.8ohm - 4.2A TO-220/TO-220FP/I2PAK PowerMesh⑩II MOSFET 32BIT MCU,GPT,SIM,QSM N沟道600V 1.8ohm - 4.2A TO-220/TO-220FP/I2PAK PowerMesh第二MOSFET的⑩
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
S1HNK60 STS1HNK60 |
N-CHANNEL 600V - 8 OHM - 0.3A SO-8 SUPERMESH POWER MOSFET N沟道600V 8欧姆- 0.3A的SO - 8 SUPERMESH功率MOSFET N-CHANNEL 600V - 8W - 0.3A SO-8 SuperMESH-TMPower MOSFET
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] 意法半导
|
FCA20N60F |
600V N-CHANNEL FRFET 20 A, 600 V, 0.19 ohm, N-CHANNEL, Si, POWER, MOSFET
|
Fairchild Semiconductor, Corp.
|
MMP60R290PC MMP60R290PCTH |
600V 0.29(ohm) N-channel MOSFET
|
MagnaChip Semiconductor...
|
IRFAC40 IRFAC42 |
6.2A and 5.4A/ 600V/ 1.2 and 1.6 Ohm/ N-Channel Power MOSFETs 6.2A and 5.4A, 600V, 1.2 and 1.6 Ohm, N-Channel Power MOSFETs
|
Intersil Corporation
|
STP2HNC60FP STP2HNC60 |
N-CHANNEL 600V 4 OHM 2.2A TO-220/TO-220FP POWERMESH II MOSFET N-CHANNEL 600V - 4ohm - 2.2A TO-220/TO-220FP PowerMesh⑩II MOSFET N-CHANNEL 600V 4 OHM 2.2A TO-220/TO-220FP POWERMESH II MOSFET N-CHANNEL 600V - 4ohm - 2.2A TO-220/TO-220FP PowerMesh?II MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
STD1LNC60 STD1LNC60-1 |
N-CHANNEL 600V - 12ohm - 1A - IPAK/DPAK PowerMESH⑩II MOSFET N沟道600V 12ohm - 1A像是iPak / DPAK封装MOSFET的第二PowerMESH N-CHANNEL 600V 12 OHM 1A DPAK/IPAK POWERMESH II MOSFET N-CHANNEL 600V - 12ohm - 1A - IPAK/DPAK PowerMESH?II MOSFET
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics]
|