PART |
Description |
Maker |
LP2950CZ-3.3RA LP2950CZ-5.0RP LP2950ACZ-5.0RA LP29 |
100mA, 3.3V Output, Low Power Low Dropout Voltage Regulator; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Reel; Qty per Container: 2000 3.3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 100mA, 5.0V Output, Low Power Low Dropout Voltage Regulator; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Ammunition Box; Qty per Container: 1000 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 100mA, 5.0V Output, Low Power Low Dropout Voltage Regulator; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Reel; Qty per Container: 2000 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 100mA, 5.0V Output, Low Power Low Dropout Voltage Regulator- Pb Free Device; Package: DPAK 4 LEAD Single Gauge Surface Mount; No of Pins: 4; Container: Tape and Reel; Qty per Container: 2500 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 100 mA, Low Power Low Dropout Voltage Regulator 3.3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 100 mA, Low Power Low Dropout Voltage Regulator 3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 CONNECTOR ACCESSORY 3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 100 mA, Low Power Low Dropout Voltage Regulator 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 Micropower Voltage Regulators 3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 128 x 128 pixel format, LED or EL Backlight available 3.3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 Micropower Voltage Regulators 3.3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 Micropower Voltage Regulators 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 Micropower Voltage Regulators 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 Micropower Voltage Regulators 3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 100mA, 3V Output, Low Power Low Dropout Voltage Regulator with Error Flag output; ; Pb Free Device; Package: Micro8™; No of Pins: 8; Container: Tape and Reel; Qty per Container: 4000
|
ON Semiconductor
|
LP2951ACD LP2951ACD-3.0 LP2951ACD-3.3 LP2951ACDM L |
Micropower Voltage Regulators 3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PDIP8 Micropower Voltage Regulators FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PDSO8 From old datasheet system
|
http:// ONSEMI[ON Semiconductor]
|
NCV4279B NCV4279BD1 NCV4279BD1R2 NCV4279BD2 NCV427 |
5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Monitor FLAG 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO14 ANA 5.0V MICROPOWER
|
ONSEMI[ON Semiconductor]
|
MC78FC00 MC78FC0009 MC78FC30HT1G MC78FC33HT1G MC78 |
Micropower Voltage Regulator
|
ON Semiconductor
|
MC78LC00-D |
Micropower Voltage Regulator
|
ON Semiconductor
|
ADP1111AR-5-REEL ADP1111AR-3.3-REEL ADP1111AR-12-R |
Micropower, Step-Up/Step-Down SW Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V Micropower Step-Up/Step-Down SW Regulator. Adjustable and Fixed 3.3 V 5 V 12 V(406.88 k) Micropower, Step-Up/Step-Down SW Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V 1.5 A SWITCHING REGULATOR, 88 kHz SWITCHING FREQ-MAX, PDIP8 Micropower Step Up/Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V; Package: SOIC; No of Pins: 8; Temperature Range: Commercial 1.5 A SWITCHING REGULATOR, 88 kHz SWITCHING FREQ-MAX, PDSO8
|
http:// Analog Devices, Inc.
|
RC2951 RC2951X33 |
Adjustable Micropower Voltage Regulator
|
FAIRCHILD[Fairchild Semiconductor]
|
MIC5231-3.0BM5 MIC5231-3.3BM5 MIC5231-2.75BM5 MIC5 |
Multiconductor Cable; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes ECONOLINE: RZ - 1kVDC Isolation- SMD Package Styles- 5V, 12V and 15V Output- UL94V-0 Package Material- No Heatsink Required- No Extern. Components- Toroidal Magnetics- Efficiency to 62% Micropower レCap LDO Regulator Preliminary Information Micropower Cap LDO Regulator Preliminary Information Micropower μCap LDO Regulator Preliminary Information
|
Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
MC78BC50NTR MC78BC00 MC78BC30NTR MC78BC31NTR MC78B |
BNC PL B8240 58 PLENUM Micropower Voltage Regulator
|
ONSEMI[ON Semiconductor]
|
IP140MA IP78M00A IP140M IP78M00 IP78M12H-883B IP14 |
THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 0.5 AMP Positive Voltage Regulator(0.5 A ,12V稳压 0.5 AMP Positive Voltage Regulator(0.5 A ,5V稳压 CGrid VT SMT Rcpt w/peg 30 SAu 42Ckt Voltage Regulator 5 V FIXED POSITIVE REGULATOR, MBCY3 Voltage Regulator 电压调节 0.5 AMP Positive Voltage Regulator(0.5 A ,15V稳压 0.5安培正电压稳压器.5甲,15V的稳压器 Voltage Regulator 12 V FIXED POSITIVE REGULATOR, MBCY3
|
SEME-LAB[Seme LAB] Semelab(Magnatec) TT electronics Semelab Limited TT electronics Semelab, Ltd. HI-SINCERITY MICROELECTRONICS, CORP. SEMELAB LTD
|
AD1583CRT-REEL7 AD1583ART-REEL7 AD1583BRT-REEL7 AD |
2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References 2.5V Micropower, Precisions Series Mode Voltage References 3.0V Micropower, Precisions Series Mode Voltage References Voltage Reference, 2.7V to 12V Operating Supply, -5mA to 5mA Output Current 2.5 V to 5.0 V Micropower Precision Series Mode Voltage References 2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 5 V, PDSO3 4.096V Micropower, Precisions Series Mode Voltage References
|
AD[Analog Devices] Analog Devices, Inc. ANALOG DEVICES INC
|
|