PART |
Description |
Maker |
IRU3007 IRU3007CW IRLR024 MBRB1035 HIP6019 IRL3103 |
5-BIT PROGRAMMABLE SYNCHRONOUS BUCK / NON-SYNCHRONOUS /ADJUSTABLE LDO AND 200mA ON-BOARD LDO 5-BIT PROGRAMMABLE SYNCHRONOUS BUCK, NON-SYNCHRONOUS,ADJUSTABLE LDO AND 200mA ON-BOARD LDO 5-BIT PROGRAMMABLE SYNCHRONOUS BUCK/ NON-SYNCHRONOUS/ADJUSTABLE LDO AND 200mA ON-BOARD LDO 5 Bit Prog SynchBuck CIC Non Synch Adj LDO 200mA in a 28-Pin SOIC(WB) package
|
IRF[International Rectifier]
|
BD95831MUV-E2 |
7.5V to 15V, 3A 1ch Synchronous Buck Converter
|
ROHM
|
LTC3522EUDPBF |
Synchronous 400mA Buck-Boost and 200mA Buck Converters; Package: QFN; No of Pins: 16; Temperature Range: -40°C to 125°C 0.85 A DUAL SWITCHING CONTROLLER, 1330 kHz SWITCHING FREQ-MAX, PQCC16
|
Linear Technology, Corp.
|
LTC3544 |
Quad Synchronous Step-Down Regulator: 2.25MHz, 300mA, 200mA, 200mA, 100mA
|
Linear Technology Corporation
|
LTC4263IDE-TR LTC3544BEUD LTC3544BEUD-PBF LTC4263I |
Quad Synchronous Step-Down Regulator: 2.25MHz, 300mA, 200mA, 200mA, 100mA
|
Linear Technology
|
BP5039-15 |
AC/DC converter - AC100V input, 15V/200mA output
|
ROHM[Rohm]
|
CS294 CS294GD8 CS294GDR8 CS294GN8 |
IC AC/DC CONV 15V 200MA SIP12 Ground Fault Interrupter
|
ZF Electronics Corporation CHERRY[Cherry Semiconductor Corporation]
|
IP2002 |
Synchronous Buck Synchronous Buck Integrated Power Semiconductors, Drivers & Passives
|
IRF[International Rectifier]
|
702L2B-A1 700L2B-A1 756L8B1 756L8L1 750L2L-A001 70 |
5V, Step-Up, Current-Mode, PWM DC-DC Converter 500MA, LOW VOLTAGE LDO, -40C to 125C, 8-DFN, TUBE 5th-Order, Lowpass, Switched-Capacitor Filters 250mA CMOS LDO, lsupply 1uA & 2% Vout Accuracy, -40C to 125C, 3-SOT-89, T/R Dual Universal Switched-Capacitor Filters Digital Temperature Sensors and Thermal Watchdog with Bus Lockup Protection CMOS 12-Bit Buffered Multiplying DACs Low-Noise, Low-Dropout, 150mA Linear Regulators with '2982 Pinout -5V/-12V/-15V or Adjustable, High-Efficiency, Low-IQ DC-DC Inverters 2.0 MHZ 500MA SYNCHRONOUS BUCK REGULATOR, -40C to 85C, 5-TSOT, T/R I2C Port Expander with 8 Open-Drain I/Os 2.0 MHZ 500 MA SYNCHROUS REGULATOR, -40C to 85C, 5-TSOT, T/R 2.0 MHZ 500 MA SYNCHROUS BUCK REGULATOR, -40C to 85C, 5-TSOT, T/R -12V, Inverting, PWM, Current-Mode DC-DC Converter 2.0 MHZ 500 MA SYNCHROUS BUCK REGULATOR, -40C to 85C, 8-DFN, T/R Dual, Low-Noise, Low-Dropout, 160mA Linear Regulators in SOT23 Digitally Adjustable LCD Bias Supply Improved MX7524 Step-Down Controllers with Synchronous Rectifier for CPU Power Analog IC 模拟IC 2.0 MHZ 500 MA SYNCHROUS BUCK REGULATOR, -40C to 85C, 8-DFN, TUBE 模拟IC 12V/15V or Adjustable, High-Efficiency, Low-IQ, Step-Up DC-DC Converters 模拟IC 5V to 3.3V Output, Synchronous, Step-Down Power Supply Controller 模拟IC 5th-Order, Lowpass, Elliptic, Switched-Capacitor Filters 模拟IC
|
3M Company Glenair, Inc. Fujitsu, Ltd. TE Connectivity, Ltd. Microchip Technology, Inc. HIROSE ELECTRIC Co., Ltd.
|
FAN5091 FAN5091MTC FAN5091MTCX |
Two Phase Interleaved Synchronous Buck Converter Two Slice Interleaved Synchronous Buck Converter From old datasheet system
|
FAIRCHILD[Fairchild Semiconductor]
|
FAN2110 FAN2110EMPX FAN2110MPX |
TinyBuckT - 10A, 24V Input, Integrated Synchronous Buck Regulator; Package: 25-MLP 5x6; Container: Tape & Reel TinyBuck垄芒, 3-24V Input, 10A, High-Efficiency, Integrated Synchronous Buck Regulator TinyBuck? 3-24V Input, 10A, High-Efficiency, Integrated Synchronous Buck Regulator
|
FAIRCHILD SEMICONDUCTOR CORP
|
AOZ1015AI AOZ1015 |
EZBuck 1.5A Synchronous Buck Regulator EZBuck⑩ 1.5A Synchronous Buck Regulator
|
Alpha & Omega Semiconductors
|
|