PART |
Description |
Maker |
LTC3728LEGNPBF LINEARTECHNOLOGYCORP-LTC3728LXCUHTR |
Dual, 550kHz, 2-Phase Synchronous Step-Down Switching Regulator; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 125°C 3 A DUAL SWITCHING CONTROLLER, 590 kHz SWITCHING FREQ-MAX, PDSO28 Dual, 550kHz, 2-Phase Synchronous Step-Down Switching Regulator; Package: SSOP; No of Pins: 28; Temperature Range: 0°C to 70°C Dual, 550kHz, 2-Phase Synchronous Step-Down Switching Regulator; Package: QFN; No of Pins: 32; Temperature Range: 0°C to 70°C
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LTC3728L LTC3728LX LTC3728LXCUH LTC3728LCGN LTC372 |
Dual, 550kHz, 2-Phase Synchronous Regulators
|
LINER[Linear Technology] Linear Technology Corporation
|
LTC3728LEGN-1TRPBF LTC3728LEGN-1PBF LTC3728LEUH-1 |
Dual, 550kHz, 2-Phase Synchronous Regulator
|
Linear Technology
|
LTC1703 LTC1703CG |
Dual 550kHz Synchronous 2-Phase Switching Regulator Controller with 5-Bit VID
|
Linear Technology
|
LTC1705EGNTR LTC1705EGNPBF LTC1705EGNTRPBF |
Dual 550kHz Synchronous Switching Regulator Controller with 5-Bit VID and 150mA LDO
|
Linear Technology
|
MP3410DJ |
1.3A, 550kHz Synchronous Rectified Step-up Converter
|
Monolithic Power Systems
|
LTC1704 1704BFA LTC1704B |
550kHz Synchronous Switching Regulator Controller Plus Linear Regulator Controller From old datasheet system
|
http:// Linear Technology
|
IDT70T3589S-200DRI IDT70T3589S-133BF IDT70T3589S-1 |
HIGH-SPEED 2.5V 256/128/64K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE 64K X 36 DUAL-PORT SRAM, 15 ns, PQFP208 HIGH-SPEED 2.5V 256/128/64K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE 128K X 36 DUAL-PORT SRAM, 15 ns, PQFP208 HIGH-SPEED 2.5V 256/128/64K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE 64K X 36 DUAL-PORT SRAM, 12 ns, PQFP208 HIGH-SPEED 2.5V 256/128/64K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE 128K X 36 DUAL-PORT SRAM, 12 ns, PQFP208 HIGH-SPEED 2.5V 256/128/64K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE 高速与3.3V 2.5V56/128/64K × 36 SYNCHRONOU S双,端口静态RAM.5V的接 HIGH-SPEED 2.5V 256/128/64K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE 64K X 36 DUAL-PORT SRAM, 12 ns, PBGA256
|
Integrated Device Technology, Inc.
|
MCM69D618 MCM69D618TQ6 MCM69D618TQ6R MCM69D618TQ8 |
64K x 18 Bit Synchronous Dual I/O, Dual Address SRAM From old datasheet system
|
Motorola, Inc.
|
SC2446A |
Dual-Phase, Single or Dual Output Synchronous Step-Down Controller
|
Semtech Corporation
|