PART |
Description |
Maker |
LTC1844-1.8 1844IA LTC1844ES5-1.8 LTC1844ES5-2.5 L |
150mA, Micropower, Low Noise, VLDO Linear Regulator 2.5 V FIXED POSITIVE LDO REGULATOR, 0.2 V DROPOUT, PDSO5 Hex Inverter 14-SOIC -40 to 85 150mA/ Micropower/ Low Noise/ VLDO Linear Regulator 150mA Micropower, Low Noise, Ultralow Dropout LDO From old datasheet system
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
FAR-F5CM-947M50-B260 FAR-F5CM-947M50-B260-U FAR-F5 |
Evaluation Board for LP5951 Micropower, 150mA Low-Dropout CMOS Voltage Regulator LP5951 Micropower, 150mA Low-Dropout CMOS Voltage Regulator; Package: SOT-23; No of Pins: 5 SAW Filter (700 to 1000 MHz)
|
FUJITSU LTD Fujitsu Limited Fujitsu Microelectronics FUJITSU[Fujitsu Media Devices Limited] Fujitsu Component Limited.
|
LT1762 LT1762-5 LT1762-3.3 LT1762-3 LT1762-2.5 LT1 |
150mA, Low Noise, LDO Micropower Regulators(3.3V输出50mA,低噪声,低压差稳压器) 150mA的,低噪声,LDO的微功耗稳压器3.3V的输出,50mA,低噪声,低压差稳压器) 150mA, Low Noise, LDO Micropower Regulators(2.5V输出50mA,低噪声,低压差稳压器)
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
UM3730DA-31 UM3730DA-22 UM3730DA-33 UM3730DA-14 UM |
150mA, Micropower, Low Dropout Linear Regulator
|
Union Semiconductor, Inc.
|
SC112 |
150mA ULTRA LOW DROPOUT MICROPOWER LINEAR REGULATOR
|
Semtech Corporation
|
SC11240CSK.TR |
150mA ULTRA LOW DROPOUT MICROPOWER LINEAR REGULATOR
|
Semtech Corporation
|
CS8391 CS8391YDPR5 CS8391YDP5 |
5V/250mA/ 5V/100mA Micropower Low Dropout Regulator with ENABLE 5V/250mA, 5V/100mA Micropower Low Dropout Regulator with ENABLE Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 无电容,NMOS管,150mA的低压差稳压器的反向电流保护
|
CHERRY[Cherry Semiconductor Corporation] ZF Electronics, Corp.
|
FX5545G305 |
LP5951 Micropower, 150mA Low-Dropout CMOS Voltage Regulator; Package: SOT-23; No of Pins: 5 Industry Smallest and Low Profile 10W 3.0A DC/DC Buck Converter with High Output Power Density
|
Vishay Intertechnology,Inc. VISAY[Vishay Siliconix]
|
ZXCL5213V40 ZXCL5213V33 ZXCL5213V30 ZXCL5213V28 ZX |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 2.8 V FIXED POSITIVE LDO REGULATOR, 0.28 V DROPOUT, PDSO5 MICROPOWER SC70-5 & SOT23-5 LOW DROPOUT REGULATORS From old datasheet system
|
Zetex Semiconductor PLC ZETEX[Zetex Semiconductors]
|
PG0041.684T PG0040.103T PG0040.154T PG0040.104T PG |
500mA, Low Noise, LDO Micropower Regulators; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C SMT Power Inductors - Shielded Drum Core - PG0040/01 series (9/02) SMT功率电感屏蔽鼓核 PG0040/01系列 / 02 150mA, Low Noise, LDO Micropower Regulators; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 125°C SMT功率电感屏蔽鼓核 PG0040/01系列 / 02
|
Electronic Theatre Controls, Inc.
|
LT1762EMS8-3.3PBF |
150mA, Low Noise, LDO Micropower Regulators; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 125°C 3.3 V FIXED POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO8
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|