PART |
Description |
Maker |
74ABT08N 74ABT08 74ABT08PWDH 74ABT08D 74ABT08DB 74 |
Quad 2-input AND gate - Description: Quad 2-Input AND Gate ; Logic switching levels: TTL ; Number of pins: 14 ; Output drive capability: -15/ 20 mA ; Propagation delay: 2.4 ns; Voltage: 4.5-5.5 V ABT SERIES, QUAD 2-INPUT AND GATE, PDSO14 Quad 2-input AND gate 输入与门 From old datasheet system Quad 2-input AND gate(输入与门)
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
MC74LCX02 MC74LCX02D MC74LCX02DT MC74LCX02M MC74LC |
LOW-VOLTAGE CMOS QUAD 2-INPUT NOR GATE LOW-VOLTAGE CMOS QUAD 2-INPUT NAND GATE From old datasheet system Rating(Amps)(Max.): 0.5; Rated Voltage(VAC): 125; Mating/Unmating Cycles: 200; Operating Temperature Range (degrees C): -25 to 60; Generic Name: RJ-11 LED AMBER 3-ELEMENT ARRAY
|
MOTOROLA[Motorola, Inc] ONSEMI[ON Semiconductor] Motorola, Inc.
|
74VCX32M |
Low Voltage Quad 2-Input OR Gate with 3.6V Tolerant Inputs and Outputs ALVC/VCX/A SERIES, QUAD 2-INPUT OR GATE, PDSO14
|
Fairchild Semiconductor, Corp.
|
MC74LCX57405 MC74LCX74DG MC74LCX7405 MC74LCX86DR2G |
Low-Voltage CMOS Octal D-Type Flip-Flop Flow Through Pinout With 5 V?Tolerant Inputs and Outputs (3?State, Non?Inverting) Low-Voltage CMOS Dual D-Type Flip-Flop With 5 V?Tolerant Inputs Low-Voltage CMOS Quad 2-Input XOR Gate With 5 V?Tolerant Inputs Low-Voltage CMOS Quad 2-Input XOR Gate With 5 V−Tolerant Inputs
|
ONSEMI[ON Semiconductor]
|
MC74LCX00DG |
Low-Voltage CMOS Quad 2-Input NAND Gate; Package: SOIC 14 LEAD; No of Pins: 14; Container: Rail; Qty per Container: 55 LVC/LCX/Z SERIES, QUAD 2-INPUT NAND GATE, PDSO14
|
Rectron Semiconductor
|
NJM2284 NJM2284D NJM2284M NJM2284V |
Single, Low-Voltage, Low Power, RRO 5-SC70 -40 to 125 Quad, Low-Voltage, Low Power, RRO 14-SOIC -40 to 85 2-INPUT 3CHANNEL VIDEO SWITCH
|
New Japan Radio Co., Ltd. NJRC[New Japan Radio]
|
74LVC08ATTR 74LVC08A 74LVC08AM 74LVC08AMTR |
LOGIC GATE|QUAD 2-INPUT AND|LVC-CMOS|SOP|14PIN|PLASTIC LOGIC GATE|QUAD 2-INPUT AND|LVC-CMOS|TSSOP|14PIN|PLASTIC 逻辑门|输入与|乐仕全CMOS | TSSOP封装| 14PIN |塑料 LOW VOLTAGE CMOS QUAD 2-INPUT AND GATE HIGH PERFORMANCE
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics]
|
74LCX02 74LCX02M 74LCX02MTC 74LCX02SJ |
Low Voltage Quad 2-Input NOR Gate
|
Fairchild Semiconductor
|
74LVQ02SJ 74LVQ02 74LVQ02SC |
Low Voltage Quad 2-Input NOR Gate
|
FAIRCHILD[Fairchild Semiconductor]
|
74LVX02SJ 74LVX02 74LVX02M 74LVX02MTC 74LVX02MTCX_ |
Low Voltage Quad 2-Input NOR Gate
|
FAIRCHILD[Fairchild Semiconductor]
|