PART |
Description |
Maker |
50-37-5073 50-37-5123 50-37-5023 MOLEXINC-50-37-50 |
Multipole Connector; Gender:Female; Number of Contacts:7; Series:SPOX; Body Material:Nylon 6/6; Number of Rows:1; Pitch Spacing:0.098" 7 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE Connector Housing; Gender:Female; Number of Contacts:12; Series:5264-N SPOX(TM); Body Material:PA Polyamide (Nylon) 6/6; Connecting Termination:Crimp; Connector Shroud:Yes 12 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE HEADER CONNECTOR,CABLE MNT,PLUG,2 CONTACTS,0.098 PITCH 2 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE
|
Molex, Inc.
|
0010013066 10-01-3066 5197-06 |
5.08mm (.200) Pitch SPOX?/a> Crimp Terminal Housing, 6 Circuits 5.08mm (.200) Pitch SPOX Crimp Terminal Housing, 6 Circuits
|
Molex Electronics Ltd.
|
0010013026 10-01-3026 5197-02 |
5.08mm (.200) Pitch SPOX?/a> Crimp Terminal Housing, 2 Circuits 5.08mm (.200) Pitch SPOX Crimp Terminal Housing, 2 Circuits
|
Molex Electronics Ltd.
|
43061-0008 43061-0011 |
156 KK SPOX Rcpt Hsg W/Ramp 8Ckt 8 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE 156 KK SPOX Rcpt Hsg W/Ramp 11Ckt 11 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE
|
Molex, Inc.
|
0050375153 50-37-5153 |
2.50mm (.098") Pitch SPOX Wire-to-Board Crimp Housing, Friction Lock, 15 Circuits 2.50mm (.098) Pitch SPOX Wire-to-Board Crimp Housing, Friction Lock, 15 Circuits
|
Molex Electronics Ltd.
|
0050375093 50-37-5093 |
2.50mm (.098") Pitch SPOX Wire-to-Board Crimp Housing, Friction Lock, 9 Circuits 2.50mm (.098) Pitch SPOX Wire-to-Board Crimp Housing, Friction Lock, 9 Circuits
|
Molex Electronics Ltd.
|
0050375123 50-37-5123 |
2.50mm (.098") Pitch SPOX Wire-to-Board Crimp Housing, Friction Lock, 12 Circuits 2.50mm (.098) Pitch SPOX Wire-to-Board Crimp Housing, Friction Lock, 12 Circuits
|
Molex Electronics Ltd.
|
10-22-1022 |
5.08MM 2CKT REC SPOX HOUS 519802 2 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE
|
Molex, Inc.
|
51090-1100 51090-1300 51090-0500 51090-0300 |
MI-2 S/R WTB CRMP HSG 11C 510901100 11 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE HOUSING 13 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE 5CKT 2MM W-B CONN RECEPT HOUS 510900300
|
Molex, Inc. MOLEX INC
|
44133-1000 44133-1600 |
CONN RECEPT 10POS 3MM DUAL ROW 10 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE Multipole Connector; Gender:Female; Number of Contacts:16; Series:44133; Body Material:Polyester; Color:Black; Connecting Termination:Crimp; Mounting Type:Panel; Number of Rows:2; Operating Voltage:250V; Pitch Spacing:3mm
|
Molex, Inc. MOLEX INC
|
0008701039 08-70-1039 5263PBT |
2.50mm (.098) Pitch SPOX?/a> Wire-to-Board Crimp Terminal, Reel 2.50mm (.098) Pitch SPOX Wire-to-Board Crimp Terminal, Reel 2.50mm (.098") Pitch SPOX垄芒 Wire-to-Board Crimp Terminal, Reel
|
Molex Electronics Ltd.
|
87368-4820 87368-2820 |
CONN RECEPT 48POS 2MM SMD GOLD 48 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE CONN RECEPT 28POS 2MM SMD GOLD
|
Molex, Inc. MOLEX INC
|
|