PART |
Description |
Maker |
SMRC1D |
Bulk Metal? Foil Technology Surface Mount Precision Resistor Bulk Metal庐 Foil Technology Surface Mount Precision Resistor Bulk Metal㈢ Foil Technology Surface Mount Precision Resistor
|
Vishay Siliconix
|
VISHAYFOILRESISTORS-Y078554K8780T0L Y144223K2000B0 |
RS92N 23K200 0.1% - Bulk Film/Foil Resistor, RES,RADIAL,METAL FOIL,30K OHMS,300WV,.01% /-TOL,4216 CASE Film/Foil Resistor, RES,AXIAL,METAL FOIL,100K OHMS,500WV,.25% /-TOL,-.2,.2PPM TC RES MTLFOL 60K OHM 0.25% 1W RDL TH - Bulk RES MTLFOL 60K OHM 0.05% 1W RDL TH - Bulk RES MTLFOL 60K OHM 0.01% 1W RDL TH - Bulk RES MTLFOL 50K OHM 0.01% 1.5W 2PPM/ C AXL TH - Bulk RES MTLFOL 50K OHM 0.005% 1.5W 2PPM/ C AXL TH - Bulk VPG - Foil Resistors - H-Series (VHA Series & VHP202) DSMZ 2K00/1K00 TCR 0.2 B T B W - Waffle Pack DSMZ 100/100 TCR2 B A B W - Trays Film/Foil Resistor, RES,AXIAL,METAL FOIL,1.17M OHMS,600WV,.02% /-TOL,-2,2PPM TC Film/Foil Resistor, RES,RADIAL,METAL FOIL,100K OHMS,350WV,.1% /-TOL,-8,8PPM TC,8216 CASE Film/Foil Resistor, RES,RADIAL,METAL FOIL,100K OHMS,350WV,.25% /-TOL,-8,8PPM TC,8216 CASE Film/Foil Resistor, RES,RADIAL,METAL FOIL,100 OHMS,300WV,.01% /-TOL,-8,8PPM TC,3011 CASE Film/Foil Resistor, RES,RADIAL,METAL FOIL,150K OHMS,300WV,1% /-TOL,-8,8PPM TC,3011 CASE Film/Foil Resistor, RES,RADIAL,METAL FOIL,10K OHMS,300WV,.1% /-TOL,-8,8PPM TC,3011 CASE VISY0075100R000Y29R BULK METAL FOIL VSR Film/Foil Resistor, RES,RADIAL,METAL FOIL,150K OHMS,300WV,.05% /-TOL,-8,8PPM TC,3011 CASE Film/Foil Resistor, RES,RADIAL,METAL FOIL,100K OHMS,500WV,.01% /-TOL,-8,8PPM TC Film/Foil Resistor, RESISTOR, METAL FOIL, 1.5 W, 0.1 %, 0.2 ppm, 10000 ohm, THROUGH HOLE MOUNT, TO-220 RES MTLFOL 500K OHM 0.25% 3/5W RDL TH - Bulk
|
Vishay Foil Resistors
|
1445 144205 |
Bulk Metal垄莽 Foil Technology Dual-In-Line Hermetic Resistor Networks Bulk Metal庐 Foil Technology Dual-In-Line Hermetic Resistor Networks Bulk Metal? Foil Technology Dual-In-Line Hermetic Resistor Networks
|
Vishay Siliconix
|
1476 |
Bulk Metal Foil Technology 30 Pin Flatpack Hermetic Resistor Network
|
Vishay Intertechnology,Inc. VISAY[Vishay Siliconix]
|
Y0014150K000T0L Y0014150R000T0L Y0015150K000T0L Y0 |
Bulk Metal㈢ Foil Technology Tubular Axial-Lead Resistors, Meets or Exceed MIL-R-39005 Requirements Bulk Metal? Foil Technology Tubular Axial-Lead Resistors, Meets or Exceed MIL-R-39005 Requirements Bulk Metal庐 Foil Technology Tubular Axial-Lead Resistors, Meets or Exceed MIL-R-39005 Requirements Bulk Metal垄莽 Foil Technology Tubular Axial-Lead Resistors, Meets or Exceed MIL-R-39005 Requirements Bulk Metal? Foil Technology Tubular Axial-Lead Resistors, Meets or Exceed MIL-R-39005 Requirements
|
Vishay Siliconix
|
Y0024120K500A Y0024120K500B Y0024120K500C Y0024120 |
Hermetically Sealed High Precision Bulk Metal㈢ Foil Technology Resistors with TCR of 【 2 ppm/∑C, Tolerance of 【 0.001 % and Hermetically Sealed High Precision Bulk Metal? Foil Technology Resistors with TCR of ± 2 ppm/°C, Tolerance of ± 0.001 % and Hermetically Sealed High Precision Bulk Metal庐 Foil Technology Resistors with TCR of 卤 2 ppm/掳C, Tolerance of 卤 0.001 % and Hermetically Sealed High Precision Bulk Metal垄莽 Foil Technology Resistors with TCR of 隆戮 2 ppm/隆?C, Tolerance of 隆戮 0.001 % and Hermetically Sealed High Precision Bulk Metal? Foil Technology Resistors with TCR of ± 2 ppm/°C, Tolerance of ± 0.001 % and
|
Vishay Siliconix
|
1413 |
Bulk Metal Foil Technology 8 Pin Transistor Outline Hermetic Resistor Network
|
VISAY[Vishay Siliconix]
|
VHP100 |
Ultra-High Precision Hermetically Sealed Bulk Metal Foil Technology Resistor
|
Vishay Siliconix
|
300145 300144 |
Bulk Metal Foil Technology Small Package, Ultimate Tracking Voltage Dividers 散装金属箔技术小包装,终极跟踪分压器
|
Vishay Intertechnology, Inc. Vishay Intertechnology,Inc. VISAY[Vishay Siliconix]
|
Y14880R12400B0R Y14880R12400C0R Y14880R12400C9W Y1 |
Vishay Foil Resistors Bulk Metal? Technology High Precision, Current Sensing, Power Surface Mount, Metal Strip Resistor with Resistance Value from 1 mΩ, Rated Power up to 3 W and TCR to 0 ± 15 ppm/°C Maximum
|
Vishay Siliconix
|
1268 1268W100R |
Bulk Metal Foil Technology Precision Trimming Potentiometers 3/8 Inch Square, RJ24 Style - Industrial Trimmer Bulk Metal Foil Technology Precision Trimming Potentiometers 3/8 Inch Square/ RJ24 Style - Industrial Trimmer
|
Vishay Intertechnology,Inc. Vishay Siliconix
|
|